Part Number Hot Search : 
34063AD M32F10 TP250 DFLZ27Q 024S2V AP9575GH S2570 E226M
Product Description
Full Text Search
 

To Download B32612A1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors metallized polypropylene film capacitors (mkp) series/type: b32612 ... b32614 date: december 2012 ? epcos ag 2012. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
typical applications electronic ballasts switch-mode power supplies climatic max. operating temperature: 110 c climatic category (iec 60068-1): 55/100/56 construction dielectric: polypropylene (pp) wound capacitor technology epoxy resin coating (ul 94 v-0) features very high pulse strength rohs-compatible terminals crimped wire leads, lead-free tinned, lead length (6  1) mm double crimped wire leads, lead-free tinned straight wire leads, lead-free tinned, lead length (17 3) mm different lead spacings (reduced and enlarged) available, lead length (6  1) mm marking manufacturer's logo, style and type (p61x), rated capacitance (coded), capacitance tolerance (code letter), rated dc voltage, date of manufacture (code) delivery mode bulk (untaped) taped (ammo pack or reel) for notes on taping, refer to chapter "taping and packing?. metallized polypropylene film capacitors (mkp) b32612 ... b32614 high pulse (wound) page 2 of 30 please read cautions and warnings and important notes at the end of this document.
dimensional drawings detail of double crimped version dimensions in mm lead spacing 0.8 lead diameter d 1 type 15.0 0.8 b32612 22.5 0.8 b32613 27.5 0.8 b32614 b32612 ... b32614 high pulse (wound) page 3 of 30 please read cautions and warnings and important notes at the end of this document.
overview of available types lead configurations serie standard reduced enlarged straight double crimped b32612 15 mm 7.5 / 10 / 12.5 mm 17.5 mm 15 mm 15 mm b32613 22.5 mm 15 / 17.5 / 20 mm 25 mm 22.5 mm 22.5 mm b32614 27.5 mm 25 mm  27.5 mm 27.5 mm lead spacing 15.0 mm type b32612 page 7 v r (v dc) 250 400 630 1000 1250 1600 1600 2000 v rms (v ac) 160 200 250 250 500 500 700 700 c r (nf) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 b32612 ... b32614 high pulse (wound) page 4 of 30 please read cautions and warnings and important notes at the end of this document.
overview of available types lead configurations serie standard reduced enlarged straight double crimped b32612 15 mm 7.5 / 10 / 12.5 mm 17.5 mm 15 mm 15 mm b32613 22.5 mm 15 / 17.5 / 20 mm 25 mm 22.5 mm 22.5 mm b32614 27.5 mm 25 mm  27.5 mm 27.5 mm lead spacing 22.5 mm type b32613 page 9 v r (v dc) 250 400 630 1000 1600 2000 2000 v rms (v ac) 160 200 250 250 500 700 1000 c r (nf) 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 b32612 ... b32614 high pulse (wound) page 5 of 30 please read cautions and warnings and important notes at the end of this document.
overview of available types lead configurations serie standard reduced enlarged straight double crimped b32612 15 mm 7.5 / 10 / 12.5 mm 17.5 mm 15 mm 15 mm b32613 22.5 mm 15 / 17.5 / 20 mm 25 mm 22.5 mm 22.5 mm b32614 27.5 mm 25 mm  27.5 mm 27.5 mm lead spacing 27.5 mm type b32614 page 11 v r (v dc) 250 400 630 1000 1600 2000 v rms (v ac) 160 200 250 250 500 700 c r (nf) 10 15 22 33 47 68 100 150 220 470 680 1000 1500 2200 b32612 ... b32614 high pulse (wound) page 6 of 30 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 15 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 010 = untaped crimped (lead length 6  1 mm) 008 = untaped straight (lead length 17 3 mm) 020 = double crimped (lead length 6  1 mm) packaging codes for further lead configurations (untaped): lead configuration (lead length 6  1 mm) reduced reduced reduced enlarged lead spacing (mm) 7.5 mm 10 mm 12.5 mm 17.5 mm packaging code 030 040 050 060 250 160 150 6.5 12.5 18.0 b32612a3154+*** 3400 4400 4000 220 7.0 13.5 18.0 b32612a3224+*** 3200 4000 4000 330 8.0 14.5 18.0 b32612a3334+*** 2800 3600 2000 470 9.5 16.0 18.0 b32612a3474+*** 2400 3200 2000 680 11.5 17.5 18.0 b32612a3684+*** 2000 2600 2000 400 200 68 6.5 12.0 18.0 b32612a4683+*** 3400 4400 4000 100 7.0 12.5 18.0 b32612a4104+*** 3200 4000 4000 150 7.5 12.5 18.0 b32612a4154+*** 3000 4000 4000 220 8.0 14.5 18.0 b32612a4224+*** 2800 3600 2000 330 9.5 16.0 18.0 b32612a4334+*** 2400 3200 2000 470 11.0 17.5 18.0 b32612a4474+*** 2000 2600 2000 630 250 68 6.5 12.0 18.0 b32612a6683+*** 3400 4400 4000 100 7.5 13.0 18.0 b32612a6104+*** 3000 4000 4000 150 9.0 14.5 18.0 b32612a6154+*** 2400 3200 2000 220 10.0 16.5 18.0 b32612a6224+*** 2200 3000 2000 1000 250 10 7.0 12.5 18.0 b32612a0103+*** 3200 4000 4000 15 8.0 13.5 18.0 b32612a0153+*** 2800 3600 4000 22 9.0 15.5 18.0 b32612a0223+*** 2400 3200 4000 33 6.5 13.0 18.0 b32612a0333+*** 3400 4400 4000 47 7.0 15.5 18.0 b32612a0473+*** 3200 4000 4000 68 8.5 16.5 18.0 b32612a0683+*** 2600 3400 2000 100 11.0 17.5 18.0 b32612a0104+*** 2000 2600 2000 b32612 high pulse (wound) page 7 of 30 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 15 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 010 = untaped crimped (lead length 6  1 mm) 008 = untaped straight (lead length 17 3 mm) 020 = double crimped (lead length 6  1 mm) packaging codes for further lead configurations (untaped): lead configuration (lead length 6  1 mm) reduced reduced reduced enlarged lead spacing (mm) 7.5 mm 10 mm 12.5 mm 17.5 mm packaging code 030 040 050 060 1250 500 6.8 7.0 11.0 18.0 b32612a7682+*** 3200 4000 4000 10 7.5 13.0 18.0 b32612a7103+*** 3000 4000 4000 15 8.0 14.0 18.0 b32612a7153+*** 2800 3600 2000 22 9.5 15.5 18.0 b32612a7223+*** 2400 3200 2000 33 11.0 17.5 18.0 b32612a7333+*** 2000 2600 2000 1600 500 4.7 6.5 12.0 18.0 b32612a1472+*** 3400 4400 4000 6.8 8.0 13.0 18.0 b32612a1682+*** 2800 3600 2000 10 9.0 14.5 18.0 B32612A1103+*** 2400 3200 2000 15 10.0 17.5 18.0 b32612a1153+*** 2200 3000 2000 1600 700 3.3 6.5 11.5 18.0 b32612j1332+*** 3400 4400 4000 4.7 7.5 12.5 18.0 b32612j1472+*** 3000 4000 4000 6.8 8.5 14.5 18.0 b32612j1682+*** 2600 3400 2000 10 9.5 17.0 18.0 b32612j1103+*** 2400 3200 1000 2000 700 1.0 7.0 10.5 18.0 b32612a2102+*** 3200 4000 4000 1.5 7.5 11.5 18.0 b32612a2152+*** 3000 4000 4000 2.2 8.0 14.5 18.0 b32612a2222+*** 2800 3600 4000 3.3 8.5 15.0 18.0 b32612a2332+*** 2600 3400 2000 4.7 9.5 18.0 18.0 b32612a2472+*** 2400 3200 2000 b32612 high pulse (wound) page 8 of 30 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 22.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 010 = untaped crimped (lead length 6  1 mm) 008 = untaped straight (lead length 17 3 mm) 020 = double crimped (lead length 6  1 mm) packaging codes for further lead configurations (untaped): lead configuration (lead length 6  1 mm) reduced reduced reduced enlarged lead spacing (mm) 15 mm 17.5 mm 20 mm 25 mm packaging code 055 060 070 080 250 160 220 7.0 14.5 26.5 b32613a3224+*** 2000 2800 2000 330 7.0 14.5 26.5 b32613a3334+*** 2000 2800 2000 470 8.0 15.5 26.5 b32613a3474+*** 1800 2400 2000 680 9.5 16.0 26.5 b32613a3684+*** 1400 2000 2000 1000 11.0 19.0 26.5 b32613a3105+*** 1200 1800 1000 400 200 150 7.0 13.5 26.5 b32613a4154+*** 2000 2800 2000 220 7.0 14.0 26.5 b32613a4224+*** 2000 2800 2000 330 8.0 16.0 26.5 b32613a4334+*** 1800 2400 2000 470 9.5 16.0 26.5 b32613a4474+*** 1400 2000 1000 680 11.5 17.5 26.5 b32613a4684+*** 1200 1600 1000 630 250 100 7.0 12.5 26.5 b32613a6104+*** 2000 2800 1000 150 7.5 14.0 26.5 b32613a6154+*** 1800 2600 1000 220 9.0 15.5 26.5 b32613a6224+*** 1600 2200 1000 330 10.0 18.0 26.5 b32613a6334+*** 1400 2000 1000 470 11.0 20.0 26.5 b32613a6474+*** 1200 1800 1000 1000 250 33 8.5 14.5 26.5 b32613a0333+*** 1600 2200 2000 47 10.0 15.5 26.5 b32613a0473+*** 1400 2000 1000 68 11.0 17.5 26.5 b32613a0683+*** 1200 1800 1000 100 10.0 16.5 26.5 b32613a0104+*** 1400 2000 1000 150 12.0 18.0 26.5 b32613a0154+*** 1200 1600 1000 b32613 high pulse (wound) page 9 of 30 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 22.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) ammo pack pcs./moq reel pcs./ moq untaped pcs./ moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 289 = ammo pack 189 = reel 010 = untaped crimped (lead length 6  1 mm) 008 = untaped straight (lead length 17 3 mm) 020 = double crimped (lead length 6  1 mm) packaging codes for further lead configurations (untaped): lead configuration (lead length 6  1 mm) reduced reduced reduced enlarged lead spacing (mm) 15 mm 17.5 mm 20 mm 25 mm packaging code 055 060 070 080 1600 500 10 7.0 13.5 26.5 b32613a1103+*** 2000 2800 2000 15 8.0 14.5 26.5 b32613a1153+*** 1800 2400 2000 22 9.0 17.0 26.5 b32613a1223+*** 1600 2200 1000 33 10.5 18.5 26.5 b32613a1333+*** 1400 1800 1000 2000 700 3.3 7.0 13.0 26.5 b32613a2332+*** 2000 2800 2000 4.7 7.5 14.0 26.5 b32613a2472+*** 1800 2600 2000 6.8 8.5 16.0 26.5 b32613a2682+*** 1600 2200 2000 10 10.5 17.0 26.5 b32613a2103+*** 1400 1800 1000 15 12.0 20.5 26.5 b32613a2153+*** 1200 1600 1000 2000 1000 3.3 8.0 14.5 26.5 b32613a8332+*** 1800 2400 2000 4.7 8.5 16.5 26.5 b32613a8472+*** 1600 2200 1000 6.8 10.0 18.5 26.5 b32613a8682+*** 1400 2000 1000 10 11.5 21.5 26.5 b32613a8103+*** 1200 1600 1000 b32613 high pulse (wound) page 10 of 30 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units (lead spacing 27.5 mm) v r v dc v rms f 1 khz v ac c r nf max. dimensions w h l mm ordering code (composition see below) untaped pcs./moq moq = minimum order quantity, consisting of 4 packing units. further e series and intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: k = 10% j = 5% 010 = untaped crimped (lead length 6  1 mm) 008 = untaped straight (lead length 17 3 mm) 020 = double crimped (lead length 6  1 mm) packaging codes for further lead configurations (untaped): lead configuration (lead length 6  1 mm) reduced lead spacing (mm) 25 mm packaging code 090 250 160 470 7.0 15.0 31.5 b32614a3474+*** 2000 680 8.0 16.5 31.5 b32614a3684+*** 2000 1000 9.5 17.5 31.5 b32614a3105+*** 800 1500 11.5 19.5 31.5 b32614a3155+*** 800 2200 14.0 22.0 31.5 b32614a3225+*** 800 400 200 470 9.5 15.0 31.5 b32614a4474+*** 800 680 10.0 17.5 31.5 b32614a4684+*** 800 1000 11.5 19.5 31.5 b32614a4105+*** 800 1500 14.0 22.0 31.5 b32614a4155+*** 800 2200 16.5 24.5 31.5 b32614a4225+*** 600 630 250 470 10.5 18.5 31.5 b32614a6474+*** 800 680 12.0 21.5 31.5 b32614a6684+*** 800 1000 14.0 24.0 31.5 b32614a6105+*** 800 1000 250 100 11.5 17.5 31.5 b32614a0104+*** 2000 150 13.0 21.0 31.5 b32614a0154+*** 800 220 14.5 24.5 31.5 b32614a0224+*** 800 1600 500 22 9.0 14.5 31.5 b32614a1223+*** 2000 33 10.5 16.0 31.5 b32614a1333+*** 2000 47 11.0 19.5 31.5 b32614a1473+*** 800 68 13.0 21.5 31.5 b32614a1683+*** 800 2000 700 10 9.0 15.5 31.5 b32614a2103+*** 2000 15 11.0 17.5 31.5 b32614a2153+*** 800 22 13.0 19.5 31.5 b32614a2223+*** 800 33 14.5 23.0 31.5 b32614a2333+*** 800 47 16.5 25.5 31.5 b32614a2473+*** 600 b32614 high pulse (wound) page 11 of 30 please read cautions and warnings and important notes at the end of this document.
technical data operating temperature range max. operating temperature t op,max +110 c upper category temperature t max +100 c lower category temperature t min  55 c rated temperature t r +85 c dissipation factor tan d (in 10 -3 ) at c r 0.1 m f 0.1 m f1 m f at 20 c 1 khz  0.5 0.5 (upper limit values) 10 khz  0.8 1.5 100 khz 5.0   insulation resistance r ins c r 0.33 m f c r > 0.33 m f or time constant t = c r  r ins 100 g w 30000 s at 20 c, rel. humidity 65% (minimum as-delivered values) dc test voltage 1.6  v r , 2 s category voltage v c t a ( c) dc voltage derating ac voltage derating (continuous operation with v dc t a 85 v c = v r v c,rms = v rms or v ac at f 1 khz) 85 10% of parameters dissipation factor tan d > 4  upper limit value insulation resistance r ins or time constant t = c r  r ins < 1500 m w (c r 0.33 m f) < 500 s (c r >0.33 m f) b32612 ... b32614 high pulse (wound) page 12 of 30 please read cautions and warnings and important notes at the end of this document.
characteristic voltages v dc , v ac , v pp v dc v v ac v v pp v 1000 250 700 1250 500 1250 1600 500 1400 1600 700 1600 2000 700 1600 2000 1000 2000 b32612 ... b32614 high pulse (wound) page 13 of 30 please read cautions and warnings and important notes at the end of this document.
pulse handling capability "dv/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in v/ m s. "k 0 " represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in v 2 / m s. note: the values of dv/dt and k 0 provided below must not be exceeded in order to avoid damaging the capacitor. dv/dt values lead spacing 15 mm 22.5 mm 27.5 mm v r v rms v dc v ac dv/dt in v/ m s 250 160 200 120 50 400 200 300 180 100 630 250 400 300 150 1000 250 975 600 300 1250 500 1850 1150 600 1600 500 4500 2400 1000 1600 700 5200   2000 700 8000 7000 2300 2000 1000  7500  k 0 values lead spacing 15 mm 22.5 mm 27.5 mm v r v rms v dc v ac k 0 in v 2 / m s 250 160 100 000 60 000 25 000 400 200 250 000 200 000 110 000 630 250 500 000 350 000 250 000 1000 250 3 000 000 1 500 000 1 000 000 1250 500 9 000 000 3 750 000 2 000 000 1600 500 20 000 000 10 000 000 4 000 000 1600 700 28 000 000   2000 700 60 000 000 40 000 000 15 000 000 2000 1000  50 000 000  b32612 ... b32614 high pulse (wound) page 14 of 30 please read cautions and warnings and important notes at the end of this document.
impedance z versus frequency f (typical values) b32612 ... b32614 high pulse (wound) page 15 of 30 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 15 mm 250 v dc/160 v ac 400 v dc/200 v ac 630 v dc/250 v ac 1000 v dc/250 v ac b32612 high pulse (wound) page 16 of 30 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 15 mm 1250 v dc/500 v ac 1600 v dc/500 v ac 1600 v dc/700 v ac 2000 v dc/700 v ac b32612 high pulse (wound) page 17 of 30 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 22.5 mm 250 v dc/160 v ac 400 v dc/200 v ac 630 v dc/250 v ac 1000 v dc/250 v ac b32613 high pulse (wound) page 18 of 30 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 22.5 mm 1600 v dc/500 v ac 2000 v dc/700 v ac 2000 v dc/1000 v ac b32613 high pulse (wound) page 19 of 30 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 27.5 mm 250 v dc/160 v ac 400 v dc/200 v ac 630 v dc/250 v ac 1000 v dc/250 v ac b32614 high pulse (wound) page 20 of 30 please read cautions and warnings and important notes at the end of this document.
permissible ac voltage v rms versus frequency f (for sinusoidal waveforms, t a 90 c) for t a >90 c, please refer to "general technical information", section 3.2.3. lead spacing 27.5 mm 1600 v dc/500 v ac 2000 v dc/700 v ac b32614 high pulse (wound) page 21 of 30 please read cautions and warnings and important notes at the end of this document.
mounting guidelines 1 soldering 1.1 solderability of leads the solderability of terminal leads is tested to iec 60068-2-20, test ta, method 1. before a solderability test is carried out, terminals are subjected to accelerated ageing (to iec 60068-2-2, test ba: 4 h exposure to dry heat at 155 c). since the ageing temperature is far higher than the upper category temperature of the capacitors, the terminal wires should be cut off from the capacitor before the ageing procedure to prevent the solderability being impaired by the products of any capacitor decomposition that might occur. solder bath temperature 235 5 c soldering time 2.0 0.5 s immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane evaluation criteria: visual inspection wetting of wire surface by new solder 3 90%, free-flowing solder 1.2 resistance to soldering heat resistance to soldering heat is tested to iec 60068-2-20, test tb, method 1a. conditions: series solder bath temperature soldering time mkt boxed (except 2.5 6.5 7.2 mm) coated uncoated (lead spacing > 10 mm) 260 5 c 10 1 s mfp mkp (lead spacing > 7.5 mm) mkt boxed (case 2.5 6.5 7.2 mm) 5 1 s mkp mkt (lead spacing 7.5 mm) uncoated (lead spacing 10 mm) insulated (b32559) < 4 s recommended soldering profile for mkt uncoated (lead spacing 10 mm) and insulated (b32559) b32612 ... b32614 high pulse (wound) page 22 of 30 please read cautions and warnings and important notes at the end of this document.
immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane shield heat-absorbing board, (1.5 0.5) mm thick, between capacitor body and liquid solder evaluation criteria: visual inspection no visible damage d c/c 0 2% for mkt/mkp/mfp 5% for emi suppression capacitors tan d as specified in sectional specification b32612 ... b32614 high pulse (wound) page 23 of 30 please read cautions and warnings and important notes at the end of this document.
1.3 general notes on soldering permissible heat exposure loads on film capacitors are primarily characterized by the upper cate- gory temperature t max . long exposure to temperatures above this type-related temperature limit can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical characteristics. for short exposures (as in practical soldering processes) the heat load (and thus the possible effects on a capacitor) will also depend on other factors like: pre-heating temperature and time forced cooling immediately after soldering terminal characteristics: diameter, length, thermal resistance, special configurations (e.g. crimping) height of capacitor above solder bath shadowing by neighboring components additional heating due to heat dissipation by neighboring components use of solder-resist coatings the overheating associated with some of these factors can usually be reduced by suitable coun- termeasures. for example, if a pre-heating step cannot be avoided, an additional or reinforced cooling process may possibly have to be included. epcos recommends the following conditions: pre-heating with a maximum temperature of 110 c temperature inside the capacitor should not exceed the following limits:  mkp/mfp 110 c  mkt 160 c when smd components are used together with leaded ones, the leaded film capacitors should not pass into the smd adhesive curing oven. the leaded components should be assembled af- ter the smd curing step. leaded film capacitors are not suitable for reflow soldering. uncoated capacitors for uncoated mkt capacitors with lead spacings 10 mm (b32560/b32561) the following mea- sures are recommended: pre-heating to not more than 110 c in the preheater phase rapid cooling after soldering b32612 ... b32614 high pulse (wound) page 24 of 30 please read cautions and warnings and important notes at the end of this document.
cautions and warnings do not exceed the upper category temperature (uct). do not apply any mechanical stress to the capacitor terminals. avoid any compressive, tensile or flexural stress. do not move the capacitor after it has been soldered to the pc board. do not pick up the pc board by the soldered capacitor. do not place the capacitor on a pc board whose pth hole spacing differs from the specified lead spacing. do not exceed the specified time or temperature limits during soldering. avoid external energy inputs, such as fire or electricity. avoid overload of the capacitors. the table below summarizes the safety instructions that must always be observed. a detailed de- scription can be found in the relevant sections of the chapters "general technical information" and "mounting guidelines". topic safety information reference chapter "general technical information" storage conditions make sure that capacitors are stored within the specified range of time, temperature and humidity conditions. 4.5 "storage conditions" flammability avoid external energy, such as fire or electricity (passive flammability), avoid overload of the capacitors (active flammability) and consider the flammability of materials. 5.3 "flammability" resistance to vibration do not exceed the tested ability to withstand vibration. the capacitors are tested to iec 60068-2-6. epcos offers film capacitors specially designed for operation under more severe vibration regimes such as those found in automotive applications. consult our catalog "film capacitors for automotive electronics". 5.2 "resistance to vibration" b32612 ... b32614 high pulse (wound) page 25 of 30 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "mounting guidelines" soldering do not exceed the specified time or temperature limits during soldering. 1 "soldering" cleaning use only suitable solvents for cleaning capacitors. 2 "cleaning" embedding of capacitors in finished assemblies when embedding finished circuit assemblies in plastic resins, chemical and thermal influences must be taken into account. caution: consult us first, if you also wish to embed other uncoated component types! 3 "embedding of capacitors in finished assemblies" b32612 ... b32614 high pulse (wound) page 26 of 30 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german a heat transfer coefficient w?rmebergangszahl a c temperature coefficient of capacitance temperaturkoeffizient der kapazit?t a capacitor surface area kondensatoroberfl?che b c humidity coefficient of capacitance feuchtekoeffizient der kapazit?t c capacitance kapazit?t c r rated capacitance nennkapazit?t d c absolute capacitance change absolute kapazit?ts?nderung d c/c relative capacitance change (relative deviation of actual value) relative kapazit?ts?nderung (relative abweichung vom ist-wert) d c/c r capacitance tolerance (relative deviation from rated capacitance) kapazit?tstoleranz (relative abweichung vom nennwert) dt time differential differentielle zeit d t time interval zeitintervall d t absolute temperature change (self-heating) absolute temperatur?nderung (selbsterw?rmung) d tan d absolute change of dissipation factor absolute ?nderung des verlustfaktors d v absolute voltage change absolute spannungs?nderung dv/dt time differential of voltage function (rate of voltage rise) differentielle spannungs?nderung (spannungsflankensteilheit) d v/ d t voltage change per time interval spannungs?nderung pro zeitintervall e activation energy for diffusion aktivierungsenergie zur diffusion esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatz-serienwiderstand f frequency frequenz f 1 frequency limit for reducing permissible ac voltage due to thermal limits grenzfrequenz fr thermisch bedingte reduzierung der zul?ssigen wechselspannung f 2 frequency limit for reducing permissible ac voltage due to current limit grenzfrequenz fr strombedingte reduzierung der zul?ssigen wechselspannung f r resonant frequency resonanzfrequenz f d thermal acceleration factor for diffusion therm. beschleunigungsfaktor zur diffusion f t derating factor deratingfaktor i current (peak) stromspitze i c category current (max. continuous current) kategoriestrom (max. dauerstrom) b32612 ... b32614 high pulse (wound) page 27 of 30 please read cautions and warnings and important notes at the end of this document.
symbol english german i rms (sinusoidal) alternating current, root-mean-square value (sinusf?rmiger) wechselstrom i z capacitance drift inkonstanz der kapazit?t k 0 pulse characteristic impulskennwert l s series inductance serieninduktivit?t l failure rate ausfallrate l 0 constant failure rate during useful service life konstante ausfallrate in der nutzungsphase l test failure rate, determined by tests experimentell ermittelte ausfallrate p diss dissipated power abgegebene verlustleistung p gen generated power erzeugte verlustleistung q heat energy w?rmeenergie r density of water vapor in air dichte von wasserdampf in luft r universal molar constant for gases allg. molarkonstante fr gas r ohmic resistance of discharge circuit ohmscher widerstand des entladekreises r i internal resistance innenwiderstand r ins insulation resistance isolationswiderstand r p parallel resistance parallelwiderstand r s series resistance serienwiderstand s severity (humidity test) sch?rfegrad (feuchtetest) t time zeit t temperature temperatur t time constant zeitkonstante tan d dissipation factor verlustfaktor tan d d dielectric component of dissipation factor dielektrischer anteil des verlustfaktors tan d p parallel component of dissipation factor parallelanteil des verlfustfaktors tan d s series component of dissipation factor serienanteil des verlustfaktors t a ambient temperature umgebungstemperatur t max upper category temperature obere kategorietemperatur t min lower category temperature untere kategorietemperatur t ol operating life at operating temperature and voltage betriebszeit bei betriebstemperatur und -spannung t op operating temperature beriebstemperatur t r rated temperature nenntemperatur t ref reference temperature referenztemperatur t sl reference service life referenz-lebensdauer v ac ac voltage wechselspannung b32612 ... b32614 high pulse (wound) page 28 of 30 please read cautions and warnings and important notes at the end of this document.
symbol english german v c category voltage kategoriespannung v c,rms category ac voltage (sinusf?rmige) kategorie-wechselspannung v cd corona-discharge onset voltage teilentlade-einsatzspannung v ch charging voltage ladespannung v dc dc voltage gleichspannung v fb fly-back capacitor voltage spannung (flyback) v i input voltage eingangsspannung v o output voltage ausgangssspannung v op operating voltage betriebsspannung v p peak pulse voltage impuls-spitzenspannung v pp peak-to-peak voltage impedance spannungshub v r rated voltage nennspannung r amplitude of rated ac voltage amplitude der nenn-wechselspannung v rms (sinusoidal) alternating voltage, root-mean-square value (sinusf?rmige) wechselspannung v sc s-correction voltage spannung bei anwendung "s-correction" v sn snubber capacitor voltage spannung bei anwendung "beschaltung" z impedance scheinwiderstand lead spacing rasterma? b32612 ... b32614 high pulse (wound) page 29 of 30 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 30 of 30


▲Up To Search▲   

 
Price & Availability of B32612A1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X