Part Number Hot Search : 
MBJ54A MAX5480 AX612 LX1742 6045WT LC7942K PG1026 101M06
Product Description
Full Text Search
 

To Download ARZ145T05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rz(arz1,2) 1 rz-coaxial switches two series line-up of impedance 50 w and 75 w features 1. two series line-up of impedance 50 w and 75 w 2. mechanical switch with superb high-frequency characteristics. 3. low pro?e type package typical applications 1. cellular phone base stations (imt-2000) 2. digital broadcast equipment 3. test measurement equipment standard products circuit arrangement impedance frequency connector 50 w series dpdt bypass 50 w to 2.5 ghz sma sp4t 75 w series sp4t with termination 75 w to 1.5 ghz bnc-j transfer custom products rz coaxial switches can be customized. from the point of view of pricing and delivery we recommend our standard products, however, you may contact us if you require a cir- cuit con?uration that differs from the products above. please understand that, depending on the conditions, we may not be able to customize in some cases. rz_coaxialsw.fm 1 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 2 dpdt switch internal connection (bypass) type (50 w , to 2.5 ghz) (mm inch ) 45.0 1.772 56.0 2.205 15.0 0.591 ordering information arzex. 2 2 0 m rz coaxial switches 22: dpdt 0: failsafe (50 w ) m: bypass 05: 5 12: 12 24: 24 product name contact arrangement operating function and impedance added function operating voltage, v dc product types operating voltage (vcc) part no. failsafe 5 v dc arz220m05 12 v dc arz220m12 24 v dc arz220m24 specifications 1. characteristics high frequency characteristics (to 2.5 ghz, impedance 50 w ) (initial) impedance 50 w insertion loss max. 1.0 db isolation min. 60 db v.s.w.r. max. 1.5 input power 20 w electrical characteristics operating voltage vcc?% operate time 10 ms (excluding contact bounce time) expected life (min. operations) electrical 5 10 4 ambient temperature operate 0? to +50? 32? to +122? storage ?0? to +60? +14? to +140? others connector sma rz_coaxialsw.fm 2 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 3 reference data 1. high frequncy characteristics ?insertion loss (through and between terminal 1 to 3) ?isolation (between terminal 1 to 3) ?v.s.w.r. (through and between terminal 1 to 3) 0.8 0.9 1.0 0 0.2 0.1 0.6 0.7 0.4 0.5 0.3 1ghz 3ghz2ghz frequency insertion loss, db through between terminal 1 to 3 80 90 100 0 20 10 30 60 50 70 40 1ghz 3ghz2ghz frequency isolation, db 1.1 1.0 1.5 1.2 1.4 1.3 1ghz 3ghz2ghz frequency v.s.w.r. through between terminal 1 to 3 dimensions mm inch equivalent circuit switching operation table note) do not apply multiple control signals simultaneously. 7 .276 44 1.732 50 1.969 56 2.205 5 .197 14.9 .587 4-2.75 dia. 4-.108 dia. 30 1.181 43 12 +2+1 control terminal +1 control terminal +2 control terminal ?control terminal ? 45 1.772 22 .866 rf terminal path (sma) control terminal 3 to 4 (1, 2: no connection) none 1 to 3 2 to 4 control terminal +1, +2 ? vcc control terminal ?, ? ? gnd control terminal +1 control terminal ? control terminal +2 control terminal ? rf terminal 4 rf terminal 3 rf terminal 1 rf terminal 2 rz_coaxialsw.fm 3 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 4 sp4t switch (50 w , to 2.5 ghz) (mm inch ) 68.9 2.713 15.0 0.591 76.2 3.000 ordering information arzex. 1 4 0 n rz coaxial switches 14: sp4t 0: failsafe (50 w ) n: none 05: 5 12: 12 24: 24 product name contact arrangement operating function and impedance added function operating voltage, v dc product types operating voltage (vcc) part no. failsafe 5 v dc arz140n05 12 v dc arz140n12 24 v dc arz140n24 specifications 1. characteristics high frequency characteristics (to 2.5 ghz, impedance 50 w ) (initial) impedance 50 w insertion loss max. 0.6 db isolation min. 60 db v.s.w.r. max. 1.5 input power 20 w electrical characteristics operating voltage vcc?% operate time 10 ms (excluding contact bounce time) expected life (min. operations) electrical 5 10 4 ambient temperature operate 0? to +50? 32? to +122? storage ?0? to +60? +14? to +140? others connector sma rz_coaxialsw.fm 4 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 5 reference data 1. high frequncy characteristics ?insertion loss (between terminal c to 3) ?isolation (between terminal c to 3) ?v.s.w.r. (between terminal c to 3) 0.8 0.9 1.0 0 0.2 0.1 0.6 0.7 0.4 0.5 0.3 1ghz 3ghz2ghz frequency insertion loss, db 80 90 100 0 20 10 30 60 50 70 40 1ghz 3ghz2ghz frequency isolation, db 1.1 1.0 1.5 1.2 1.4 1.3 1ghz 3ghz2ghz frequency v.s.w.r. dimensions mm inch equivalent circuit switching operation table note) do not apply multiple control signals simultaneously. 12c34 3c2 14 44.8 1.764 22.4 .882 2.54 .100 68.9 2.713 62.9 2.476 56.9 2.240 4-2.75 dia. 4-.108 dia. 2.54 .100 2.54 .100 15 .591 2.54 .100 2.54 .100 12.85 .506 control terminal 4 nc control terminal 2 ncnc ncnc control terminal 1control terminal 3 control terminal vcc 15.0 0.2 .591 .008 7.45 .293 5.2 .205 6 .236 10.60 .417 76.2 3.000 38.1 1.500 rf terminal path (sma) control terminal c to 1 n c c to 2 control terminal vcc ? vcc?%, control terminal 2 ? gnd c to 3 control terminal vcc ? vcc?%, control terminal 3 ? gnd c to 4 control terminal vcc ? vcc?%, control terminal 4 ? gnd control terminal 1nc ry3 ry3 ry2 ry1 ry2 ry1 control terminal 2 control terminal 3 control terminal 4 rf terminal 4 rf terminal 3 rf terminal 2 rf terminal 1 rf terminal c control terminal vcc rz_coaxialsw.fm 5 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 6 sp4t switch with termination (75 w , to 1.5 ghz) (mm inch ) 100.0 3.937 26.0 1.024 60.0 2.362 ordering information arzex. 1 4 5 t rz coaxial switches 14: sp4t 5: failsafe (75 w ) t: with termination 05: 5 12: 12 24: 24 product name contact arrangement operating function and impedance added function operating voltage, v dc product types operating voltage (vcc) part no. failsafe 5 v dc ARZ145T05 12 v dc arz145t12 24 v dc arz145t24 specifications 1. characteristics high frequency characteristics (to 1.5 ghz, impedance 75 w ) (initial) impedance 75 w insertion loss max. 1.0 db isolation min. 40 db return loss min. 18 db input power 1 w electrical characteristics operating voltage vcc?% operate time 10 ms (excluding contact bounce time) termination operating power 0.5 w expected life (min. operations) electrical 5 10 4 ambient temperature operate 0? to +50? 32? to +122? storage ?0? to +60? +14? to +140? others connector bnc-j rz_coaxialsw.fm 6 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 7 reference data 1. high frequncy characteristics ?insertion loss (between terminal c to 2) ?isolation (between terminal c to 2) ?return loss (between terminal c to 2) 0.8 0.9 1.0 0 0.2 0.1 0.6 0.5 0.7 0.4 0.3 1ghz 2ghz frequency insertion loss, db 80 90 100 0 20 10 30 60 50 70 40 1ghz 2ghz frequency isolation, db 40 50 0 10 30 20 1ghz 2ghz frequency return loss, db through termination dimensions mm inch general torelance: ?.0 ?039 switching operation table note) do not apply multiple control signals simultaneously. 1324 pin 23 c 4 vcc 60 2.362 20 .787 100 3.937 92 3.622 4-3.5 dia. 4-.138 dia. 80 3.150 12 .472 15 .591 15 .591 2 8 pitch ( =16 ) 2 .315 pitch ( =.630 ) 1 26 1.024 60 2.362 56 2.205 44 1.732 rf terminal path (bnc-j) control terminal c to 1 control terminal vcc ? vcc?%, control terminal 1 ? gnd c to 2 control terminal vcc ? vcc?%, control terminal 2 ? gnd c to 3 control terminal vcc ? vcc?%, control terminal 3 ? gnd c to 4 control terminal vcc ? vcc?%, control terminal 4 ? gnd rz_coaxialsw.fm 7 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 8 transfer switch (75 w , to 1.5 ghz) (mm inch ) 80.0 3.150 60.0 2.362 26.0 1.024 ordering information arzex. 2 2 5 c rz coaxial switches 22: transfer or dpdt 5: failsafe (75 w ) c: transfer 05: 5 12: 12 24: 24 product name contact arrangement operating function and impedance added function operating voltage, v dc product types operating voltage (vcc) part no. failsafe 5 v dc arz225c05 12 v dc arz225c12 24 v dc arz225c24 specifications 1. characteristics high frequency characteristics (to 1.5 ghz, impedance 75 w ) (initial) impedance 75 w insertion loss max. 1.0 db isolation min. 35 db return loss min. 15 db input power 1 w electrical characteristics operating voltage vcc?% operate time 10 ms (excluding contact bounce time) expected life (min. operations) electrical 5 10 4 ambient temperature operate 0? to +50? 32? to +122? storage ?0? to +60? +14? to +140? others connector bnc-j rz_coaxialsw.fm 8 y [ w qoopnpq qu@ j@ opo qsa
rz(arz1,2) 9 reference data 1. high frequncy characteristics ?insertion loss (between terminal 1 to 2) ?isolation (between terminal 1 to 2) ?return loss (between terminal 1 to 2) 0.8 0.9 1.0 0 0.2 0.1 0.6 0.5 0.7 0.4 0.3 1ghz 2ghz frequency insertion loss, db 80 90 100 0 20 10 30 60 50 70 40 1ghz 2ghz frequency isolation, db 40 50 0 10 30 20 1ghz 2ghz frequency return loss, db dimensions mm inch general torelance: ?.0 ?039 note) the length of the screw which enters in this switch is 7 mm .276 inch max. mounting dimensions equivalent circuit switching operation table note) do not apply multiple control signals simultaneously. out2in2out1in1 pin + 20 .787 60 2.362 80 3.150 15 .591 12 .472 bottom 60 2.362 26 1.024 rf terminal path (sma) control terminal in1 ?out1 in2 ?out2 nc in1 ?out2 in2 ?out1 control terminal + ? vcc control terminal ? ? gnd 4-m3 4-m.118 64 2.520 80 3.150 44 1.732 60 2.362 out 1 out 2 in 1 in 2 rz_coaxialsw.fm 9 y [ w qoopnpq qu@ j@ opo qsa


▲Up To Search▲   

 
Price & Availability of ARZ145T05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X