Part Number Hot Search : 
BCR189F HC1G0 VC060318 MPF10 SS8012G HMC45109 FH007B12 MMBTA
Product Description
Full Text Search
 

To Download AOD407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol v ds v gs i dm i ar e ar t j , t stg symbol typ ma x 16.7 25 40 50 r jc 2.5 3 c v v 20 25 a -12 23 50 gate-source voltage drain-source voltage -60 pulsed drain current c -12 -10 -30 avalanche current c continuous drain current g maximum units parameter t c =25c t c =100c absolute maximum ratings t a =25c unless otherwise noted i d p dsm 2.5 a repetitive avalanche energy l=0.1mh c mj power dissipation b t c =25c p d w t c =100c maximum junction-to-ambient a steady-state c/w w t a =70c 1.6 junction and storage temperature range -55 to 175 power dissipation a t a =25c maximum junction-to-case b steady-state c/w thermal characteristics parameter units maximum junction-to-ambient a t 10s r ja c/w AOD407 p-channel enhancement mode field effect transistor features v ds (v) = -60v i d = -12a (v gs = -10v) r ds(on) < 115m ? (v gs = -10v) r ds(on) < 150m ? (v gs = -4.5v) 100% uis tested 100% rg tested general description the AOD407 uses advanced trench technology to provide excellent r ds(on) , low gate charge and low gate resistance. with the excellent thermal resistance of the dpak package, this device is well suited for high current load applications. -rohs compliant -halogen free* g d s to252 dpak top view bottom view g s d g s d alpha & omega semiconductor, ltd. nt?qtu5[pg ?pqls? www.whxpcb.com
AOD407 symbol min typ max units bv dss -60 v -0.003 -1 t j =55c -5 i gss 100 na v gs(th) -1.5 -2.1 -3 v i d(on) -30 a 91 115 t j =125c 150 114 150 m ? g fs 12.8 s v sd -0.76 -1 v i s -12 a c iss 987 1185 pf c oss 114 pf c rss 46 pf r g 710 ? q g (10v) 15.8 20 nc q g (4.5v) 7.4 9 nc q gs 3n c q gd 3.5 nc t d(on) 9n s t r 10 ns t d(off) 25 ns t f 11 ns t rr 27.5 35 ns q rr 30 nc this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice body diode reverse recovery time body diode reverse recovery charge i f =-12a, di/dt=100a/ s drain-source breakdown voltage on state drain current i d =-250 a, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =-12a reverse transfer capacitance i f =-12a, di/dt=100a/ s electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss a gate threshold voltage v ds =v gs i d =-250 a v ds =-48v, v gs =0v v ds =0v, v gs =20v zero gate voltage drain current gate-body leakage current r ds(on) static drain-source on-resistance forward transconductance diode forward voltage m ? v gs =-4.5v, i d =-8a i s =-1a,v gs =0v v ds =-5v, i d =-12a turn-on rise time turn-off delaytime v gs =-10v, v ds =-30v, r l =2.5 ? , r gen =3 ? gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time switching parameters total gate charge (4.5v) gate source charge maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters v gs =0v, v ds =-30v, f=1mhz gate drain charge total gate charge (10v) v gs =-10v, v ds =-30v, i d =-12a a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the power dissipation p dsm is based on r ja and the maximum allowed junction temperature of 150c. the value in any given application depends on the user's specific board design, and the maximum temperature of 175c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. c: repetitive rating, pulse width limited by junction temperature t j(max) =175c. d. the r ja is the sum of the thermal impedence from junction to case r jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175c. g. the maximum current rating is limited by bond-wires. h. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. *this device is guaranteed green after data code 8x11 (sep 1 st 2008). rev 7 : may 2010 alpha & omega semiconductor, ltd. nt?qtu5[pg ?pqls? www.whxpcb.com
AOD407 typical electrical and thermal characteristic s 0 2 4 6 8 10 012345 -v gs (volts) figure 2: transfer characteristics -i d (a) 80 100 120 140 160 180 200 220 0 5 10 15 20 25 -i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -v sd (volts) figure 6: body-diode characteristics -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =-4.5v i d =-8a v gs =-10v i d =-12a 50 100 150 200 250 300 246810 -v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v d s =-5v v gs =-4.5v v gs =-10v i d =-12a 25c 125c 0 5 10 15 20 25 30 012345 -v ds (volts) fig 1: on-region characteristics -i d (a) v gs =-4v -3.5v -6v -7v -10v -4.5v -5v -3v alpha & omega semiconductor, ltd. nt?qtu5[pg ?pqls? www.whxpcb.com
AOD407 typical electrical and thermal characteristic s 0 2 4 6 8 10 0 4 8 12 16 -q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 pulse width (s) figure 10: single pulse power rating junction-to- case (note f) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 11: normalized maximum transient thermal impedance (note f) z jc normalized transient thermal resistance c oss c r ss 0.1 1.0 10.0 100.0 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note f) 100 s 10ms 1ms dc r ds(on) limited t j(max) =175c, t a =25c v ds =-30v i d =-12a single pulse d=t on /t t j,pk =t c +p dm .z jc .r jc r jc =3c/w t o n t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =175c t c =25c 10 s alpha & omega semiconductor, ltd. nt?qtu5[pg ?pqls? www.whxpcb.com
AOD407 typical electrical and thermal characteristic s 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 16: normalized maximum transient thermal impedance (note h) z ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =50c/w t o n t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 6 8 10 12 14 0.00001 0.0001 0.001 time in avalanche, t a (s) figure 12: single pulse avalanche capability -i d (a), peak avalanche current 0 10 20 30 40 50 60 0 25 50 75 100 125 150 175 t case (c) figure 13: power de-rating (note b) power dissipation (w) 0 2 4 6 8 10 12 14 0 25 50 75 100 125 150 175 t case (c) figure 14: current de-rating (note b) current rating -i d (a) dd d a v bv il t ? ? = t a =25c 0 10 20 30 40 50 60 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) power (w) t a =25c alpha & omega semiconductor, ltd. nt?qtu5[pg ?pqls? www.whxpcb.com
AOD407 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds tt t t t t 90% 10% r on d(off) f off d(on) alpha & omega semiconductor, ltd. nt?qtu5[pg ?pqls? www.whxpcb.com


▲Up To Search▲   

 
Price & Availability of AOD407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X