Part Number Hot Search : 
SFH615 1N166 C68HC908 KS0759 X2864BP ZTX327 8C547 LC75342M
Product Description
Full Text Search
 

To Download ABS10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  =30 =30 (note 3) @if=0.4a abs 10.0 max 0.0078(0.2) 0.95 0.8 0.5 0.010(0.25) 0.006(0.15) 0.098(2.5) 0.086(2.2) 0.209(5.3) 0.032(0.8) 0.024(0.6) 0.189(4.8) 0.268(6.8) 0.236(6.0) 0.165(4.2) 0.150(3.8) features glass passivated die construction low forward voltage drop high current capability high surge current capability designed for surface mount application plastic material - ul flammability 94v - o mechanical data case: sopa - 4, molded plastic terminals: plated leads solderable per mil - std - 202, method 208 polarity: as marked on case mounting position: any marking: type number maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number symbol abs2 abs4 abs6 abs8 ABS10 units peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rm 200 400 600 800 1000 v v rwm v dc rms reverse voltage v rms 140 280 420 560 700 v i o a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method) i fsm 30 a forward voltage per element v fm v peak reverse current @ta=25 at rated dc blocking voltage @ta=125 i r 500 ua typical thermal resistance per leg r ja 62.5 /w r jl 25 operating and storage temperature range t j ,t stg - 55to+150 dimensions in inches and (millimeters) 0.268(6.8) 0.236(6.0) 0.189(4.8) average rectified output current (note 1)@t a (note 2)@t a 3. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. note:1. mounted on glass epoxy pc board with 1.3mm 2 solder pad. 2. mounted on aluminum substrate pc board with 1.3mm 2 solder pad. http://www.trr-jx.com abs2 thru ABS10 single phase 0.8amp surface mount glass passivated bridge rectifier
fig. 4 typical reverse characteristics fig. 2 typical forward characteristic 0 0.2 0.4 0.6 0.8 1 1.2 0 306090120150 average forward current (a) ambient temperature ( o c) fig.1 maximum forward current derating curve 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward current (a) forward voltage (v) 10 20 30 40 50 110100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine-wave 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) tj=25 tj=75 tj=100 abs2 thru ABS10 http://www.trr-jx.com single phase 0.8amp surface mount glass passivated bridge rectifier


▲Up To Search▲   

 
Price & Availability of ABS10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X