this document was generated on 12/22/2014 please check www.molex.com for latest part information part number: 39880-0827 status: active overview: eurostyle? terminal blocks description: 5.08mm pitch beau? eurostyle? low profile, three level terminal block, modular, 27 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family terminal blocks series 39880 application n/a component type one piece overview eurostyle? terminal blocks product name eurostyle?multi-level type euro block upc 822348290109 physical circuits (loaded) 27 entry angle horizontal lock to mating part none number of rows 3 orientation vertical pc tail length 3.50mm pcb retention n/a pcb thickness - recommended 2.40mm panel mount no pitch - mating interface 5.08mm pitch - termination interface 5.08mm polarized to mating part n/a shrouded fully stackable yes temperature range - operating 110c wire size awg 16, 18, 20, 22, 24, 26, 28, 30 wire size mm2 0.20 - 1.50 electrical current - maximum per contact 13.5a voltage - maximum 300v solder process data lead-free process capability wave capable (th only) material info old part number 883127 reference - drawing numbers sales drawing sd-39880-010 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39880 series this document was generated on 12/22/2014 please check www.molex.com for latest part information
|