dimensions in inches and (millimeters) version: a06 6a05g - 6A100G 6.0 amps. glass passivated rectifiers r-6 features glass passivated chip junction. high efficiency, low vf high current capability high reliability high surge current capability low power loss mechanical data cases: molded plastic epoxy: ul 94v-0 rate flame retardant lead: pure tin plated, lead free., solderable per mil-std-202, method 208 guaranteed polarity: color band denotes cathode high temperature soldering guaranteed: 260 o c /10 seconds/.375,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension weight: 1.65 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol 6a 05g 6a 10g 6a 20g 6a 40g 6a 60g 6a 80g 6a 100g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 50 o c i (av) 6.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 250 a maximum instantaneous forward voltage @6.0a v f 1.1 1.0 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 100 ua ua typical junction capacitance ( note 1) cj 60 pf typical thermal resistance (note 2) r ja 35 o c/w operating and storage temperature range t j ,t stg - 65 to + 150 o c notes: 1. measured at 1 mhz and applied re verse voltage of 4.0 volts d.c. 2. mount on cu-pad size 16mm x 16mm on p.c.b.
r a ting s an d characteristi c cu r ve s (6a05 g thr u 6A100G) fig.4 - typica l junctio n ca p aci t ance p a c n o i t c n u j ) f p ( . e c n a t i c a 0 5 0 1 1 100 10 100 1000 revers e vo l t age . (v) tj=25 c o fig.1- maximum forward current derating curve average for ward current amperes 20 0 40 60 80 100 120 140 180 200 160 2 3 1 4 6 5 ambient temperature. ( c) o single phasehalf wave 60hz resistive of inductive load ground plane 1" x 1" copper surface area pc board recommanded pc board mounting pc board standard pc board mounting 0 6.5 fig.3-maxium non-repetitive forward surge current peak for ward surge current .(a) 50 1 5 10 50 100 150 100 200 250 300 number of cycles at 60hz tj=25 c o 0 fig.5- typical forward characteristics instantaneous for ward current . (a) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.01 0.1 1 10 100 forward voltage. (v) 6a10g-6A100G 6a05g fig.2- typical reverse characteristics per leg instantaneous reverse current .(ma) 120 140 0 20 40 60 80 100 percent rated peak reverse voltage. (%) tj=125 c 0 tj=75 c 0 tj=25 c 0 version: a06 100 10 1 0.1 0.01
|