Part Number Hot Search : 
CDCU877B X8566L BU506DF AD7790 TLE4270G FKP253 81633 CS120
Product Description
Full Text Search
 

To Download 50SMDJ200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount transient volt age suppressors maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. ratings symbol v alue units peak power dissipation at t a =25 c, t p =1ms(note 1) p pk minimum 5000 watts fea tures mechanical da t a * for surface mount application 1.0ps from 0 volt to bv min. * typical i r less than 1 a above 10v * fast response time: typically less than * built-in strain relief * excellent clamping capability * low profile package * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end except bidirectional * mounting position: any 5.0smdj series vol t age range 11 to 440 v olts 5000 watts peak power do-214ab dimensions in inches and (millimeters) .320(8.13) .305(7.75) .280(7.11) .260(6.60) .012(0.31) .006(0.15) .124(3.15) .108(2.75) .103(2.62) .079(2.00) .050(1.27) .030(0.76) .245(6.22) .220(5.59) .008 (.203) max. power dissipation on infinite heatsink at t l =75 c p d 6.5 watts peak forward surge current at 8.3ms single half sine-wave maximum instantenous forward voltage at 100a for superimposed on rated load (jedec method) (note 3) unidirectional only operating and storage t emperature range t j , t stg -55 to +150 c i fsm 300 amps v f 3.5/5.0 volts notes: 1. non-repetitive current pulse per fig. 3 and derated above t a =25 c per fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.3. v f <3.5v for devices of v br <200v and v f <5.0v for devices of v br >201v. devic es fo r bipo lar appli ca tions 1. for bidirectional use c or ca suffix for types 5.0smdj1 1 thru 5.0smdj440. 2. electrical characteristics apply in both directions. 388
rating and characteristic curves (5.0smdj series) p p p m , p e a k p u l s e p o w e r , k w i p p m , p e a k p u l s e c u r r e n t , % fig.1-peak pulse power derating curve 0.1 m s 1.0 m s 10 m s 100 m s 1.0ms 10ms 0.1 1.0 10 100 td, pulse width, sec. non-repetitive pulse waveformshown in fig. 3 t a =25 c fig.2-pulse derating curve p e a k p u l s e p o w e r ( p p p ) o r c u r r e n t ( i p p ) d e r a t i n g i n p e r c e n t a g e t a , ambient tempera ture ( c) 0 25 50 75 100 125 150 175 0 25 50 75 100 fig.3-pulse wave form 0 1.0 2.0 3.0 4.0 t, time, ms 0 50 100 150 td e-kt tf=10 s peak valuei ppm half value-i ppm 2 t a =25 c pulse width (td) is definedas the point where the peak current deacys to 50% of ipp fig.5-maximum non-repetitive peak forward surge current number of cycles at 60hz 8.0mm copper pad areas 2 fig.4-typical junction capacit ance 1.0 2.0 5.0 10 20 50 100 200 v(br), breakdown voltage, vol ts 100 200 500 10 20 50 1,000 2,000 5,000 10,000 measured at stand-offvoltage(v mw ) measued at zero bias t j =25 c f=1.0mhzvsig=50mvp-p c j , c a p a c i t a n c e , p f 10/1000 sec waveform as defined by r.e.a. 1 5 10 20 50 100 0 50 100 150 200 250 300 i f s m , p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s t j =t j max 8.3ms single half sine-wavejedec method 389
5000 watt surface mount tvs uni bi vr (v) min (v) max (v) i t (ma) ir ( a) ipp (a) vc (v) 5.0smdj11 5.0smdj11c 5pdw 5bdw 11.0 12.20 14.90 10 800 248.76 20.1 5.0smdj11a 5.0smdj11ca 5pdx 5bdx 11.0 12.20 13.50 10 800 274.73 18.2 5.0smdj12 5.0smdj12c 5pdy 5bdy 12.0 13.30 16.30 10 800 227.27 22.0 5.0smdj12a 5.0smdj12ca 5pdz 5bdz 12.0 13.30 14.70 10 800 251.26 19.9 5.0smdj13 5.0smdj13c 5ped 5bed 13.0 14.40 17.60 10 500 210.08 23.8 5.0smdj13a 5.0smdj13ca 5pee 5bee 13.0 14.40 15.90 10 500 232.56 21.5 5.0smdj14 5.0smdj14c 5pef 5bef 14.0 15.60 19.10 10 200 193.80 25.8 5.0smdj14a 5.0smdj14ca 5peg 5beg 14.0 15.60 17.20 10 200 215.52 23.2 5.0smdj15 5.0smdj15c 5peh 5beh 15.0 16.70 20.40 1 100 185.87 26.9 5.0smdj15a 5.0smdj15ca 5pek 5bek 15.0 16.70 18.50 1 100 204.92 24.4 5.0smdj16 5.0smdj16c 5pel 5bel 16.0 17.80 21.80 1 50 173.61 28.8 5.0smdj16a 5.0smdj16ca 5pem 5bem 16.0 17.80 19.70 1 50 192.31 26.0 5.0smdj17 5.0smdj17c 5pen 5ben 17.0 18.90 23.10 1 20 163.93 30.5 5.0smdj17a 5.0smdj17ca 5pep 5bep 17.0 18.90 20.90 1 20 181.16 27.6 5.0smdj18 5.0smdj18c 5peq 5beq 18.0 20.00 24.40 1 10 155.28 32.2 5.0smdj18a 5.0smdj18ca 5per 5ber 18.0 20.00 22.10 1 10 171.23 29.2 5.0smdj19 5.0smdj19c 5pes 5bes 19.0 21.10 25.76 1 10 147.06 34.0 5.0smdj19a 5.0smdj19ca 5pet 5bet 19.0 21.10 23.30 1 10 162.34 30.8 5.0smdj20 5.0smdj20c 5peu 5beu 20.0 22.20 27.10 1 5 139.66 35.8 5.0smdj20a 5.0smdj20ca 5pev 5bev 20.0 22.20 24.50 1 5 154.32 32.4 5.0smdj22 5.0smdj22c 5pew 5bew 22.0 24.40 29.80 1 5 126.90 39.4 5.0smdj22a 5.0smdj22ca 5pex 5bex 22.0 24.40 26.90 1 5 140.85 35.5 5.0smdj24 5.0smdj24c 5pey 5bey 24.0 26.70 32.60 1 5 116.28 43.0 5.0smdj24a 5.0smdj24ca 5pez 5bez 24.0 26.70 29.50 1 5 128.53 38.9 5.0smdj26 5.0smdj26c 5pfd 5bfd 26.0 28.90 35.30 1 5 107.30 46.6 5.0smdj26a 5.0smdj26ca 5pfe 5bfe 26.0 28.90 31.90 1 5 118.76 42.1 5.0smdj28 5.0smdj28c 5pff 5bff 28.0 31.10 38.00 1 5 100.00 50.0 5.0smdj28a 5.0smdj28ca 5pfg 5bfg 28.0 31.10 34.40 1 5 110.13 45.4 5.0smdj30 5.0smdj30c 5pfh 5bfh 30.0 33.30 40.70 1 5 93.46 53.5 5.0smdj30a 5.0smdj30ca 5pfk 5bfk 30.0 33.30 36.80 1 5 103.31 48.4 5.0smdj33 5.0smdj33c 5pfl 5bfl 33.0 36.70 44.90 1 5 84.75 59.0 5.0smdj33a 5.0smdj33ca 5pfm 5bfm 33.0 36.70 40.60 1 5 93.81 53.3 5.0smdj36 5.0smdj36c 5pfn 5bfn 36.0 40.00 48.90 1 5 77.76 64.3 5.0smdj36a 5.0smdj36ca 5pfp 5bfp 36.0 40.00 44.20 1 5 86.06 58.1 5.0smdj40 5.0smdj40c 5pfq 5bfq 40.0 44.40 54.30 1 5 70.03 71.4 5.0smdj40a 5.0smdj40ca 5pfr 5bfr 40.0 44.40 49.10 1 5 77.52 64.5 5.0smdj43 5.0smdj43c 5pfs 5bfs 43.0 47.80 58.40 1 5 65.19 76.7 5.0smdj43a 5.0smdj43ca 5pft 5bft 43.0 47.80 52.80 1 5 72.05 69.4 5.0smdj45 5.0smdj45c 5pfu 5bfu 45.0 50.00 61.10 1 5 62.27 80.3 5.0smdj45a 5.0smdj45ca 5pfv 5bfv 45.0 50.00 55.30 1 5 68.78 72.7 5.0smdj48 5.0smdj48c 5pfw 5bfw 48.0 53.30 65.10 1 5 58.48 85.5 5.0smdj48a 5.0smdj48ca 5pfx 5bfx 48.0 53.30 58.90 1 5 64.60 77.4 5.0smdj51 5.0smdj51c 5pfy 5bfy 51.0 56.70 69.30 1 5 54.88 91.1 5.0smdj51a 5.0smdj51ca 5pfz 5bfz 51.0 56.70 62.70 1 5 60.68 82.4 5.0smdj54 5.0smdj54c 5pgd 5bgd 54.0 60.00 73.30 1 5 51.92 96.3 5.0smdj54a 5.0smdj54ca 5pge 5bge 54.0 60.00 66.30 1 5 57.41 87.1 5.0smdj58 5.0smdj58c 5pgf 5bgf 58.0 64.40 78.70 1 5 48.54 103.0 5.0smdj58a 5.0smdj58ca 5pgg 5bgg 58.0 64.40 71.20 1 5 53.42 93.6 5.0smdj60 5.0smdj60c 5pgh 5bgh 60.0 66.70 81.50 1 5 46.73 107.0 5.0smdj60a 5.0smdj60ca 5pgk 5bgk 60.0 66.70 73.70 1 5 51.65 96.8 5.0smdj64 5.0smdj64c 5pgl 5bgl 64.0 71.10 86.40 1 5 43.86 114.0 5.0smdj64a 5.0smdj64ca 5pgm 5bgm 64.0 71.10 78.60 1 5 48.54 103.0 390 maximum clamping voltage @ ipp breakdown voltage v br @ i t maximum reverse leakage @ vr reverse standoff voltage part number (uni) part number (bi) maximum peak pulse current device marking code
5000 watt surface mount tvs uni bi vr (v) min (v) max (v) i t (ma) ir ( a) ipp (a) vc (v) 5.0smdj70 5.0smdj70c 5pgn 5bgn 70.0 77.80 95.10 1 5 40.00 125.0 5.0smdj70a 5.0smdj70ca 5pgp 5bgp 70.0 77.80 86.00 1 5 44.25 113.0 5.0smdj75 5.0smdj75c 5pgq 5bgq 75.0 83.30 102.00 1 5 37.31 134.0 5.0smdj75a 5.0smdj75ca 5pgr 5bgr 75.0 83.30 92.10 1 5 41.32 121.0 5.0smdj78 5.0smdj78c 5pgs 5bgs 78.0 86.70 106.00 1 5 35.97 139.0 5.0smdj78a 5.0smdj78ca 5pgt 5bgt 78.0 86.70 95.80 1 5 39.68 126.0 5.0smdj85 5.0smdj85c 5pgu 5bgu 85.0 94.40 115.00 1 5 33.11 151.0 5.0smdj85a 5.0smdj85ca 5pgv 5bgv 85.0 94.40 104.00 1 5 36.50 137.0 5.0smdj90 5.0smdj90c 5pgw 5bgw 90.0 100.00 122.00 1 5 31.25 160.0 5.0smdj90a 5.0smdj90ca 5pgx 5bgx 90.0 100.00 111.00 1 5 34.25 146.0 5.0smdj100 5.0smdj100c 5pgy 5bgy 100.0 111.00 136.00 1 5 27.93 179.0 5.0smdj100a 5.0smdj100ca 5pgz 5bgz 100.0 111.00 123.00 1 5 30.86 162.0 5.0smdj110 5.0smdj110c 5phd 5bhd 110.0 122.00 149.00 1 5 25.51 196.0 5.0smdj110a 5.0smdj110ca 5phe 5bhe 110.0 122.00 135.00 1 5 28.25 177.0 5.0smdj120 5.0smdj120c 5phf 5bhf 120.0 133.00 163.00 1 5 23.36 214.0 5.0smdj120a 5.0smdj120ca 5phg 5bhg 120.0 133.00 147.00 1 5 25.91 193.0 5.0smdj130 5.0smdj130c 5phh 5bhh 130.0 144.00 176.00 1 5 21.65 231.0 5.0smdj130a 5.0smdj130ca 5phk 5bhk 130.0 144.00 159.00 1 5 23.92 209.0 5.0smdj150 5.0smdj150c 5phl 5bhl 150.0 167.00 204.00 1 5 18.66 268.0 5.0smdj150a 5.0smdj150ca 5phm 5bhm 150.0 167.00 185.00 1 5 20.58 243.0 5.0smdj160 5.0smdj160c 5phn 5bhn 160.0 178.00 218.00 1 5 17.42 287.0 5.0smdj160a 5.0smdj160ca 5php 5bhp 160.0 178.00 197.00 1 5 19.31 259.0 5.0smdj170 5.0smdj170c 5phq 5bhq 170.0 189.00 231.00 1 5 16.45 304.0 5.0smdj170a 5.0smdj170ca 5phr 5bhr 170.0 189.00 209.00 1 5 18.18 275.0 5.0smdj180 5.0smdj180c 5phs 5bhs 180.0 200.00 244.00 1 5 15.52 322.2 5.0smdj180a 5.0smdj180ca 5pht 5bht 180.0 200.00 220.00 1 5 17.15 291.6 5.0smdj190 5.0smdj190c 5phu 5bhu 190.0 211.00 258.00 1 5 14.70 340.1 5.0smdj190a 5.0smdj190ca 5phv 5bhv 190.0 211.00 232.00 1 5 16.24 307.8 5.0smdj200a 5.0smdj200ca 5phw 5bhw 200.0 224.00 247.00 1 5 15.43 324.0 5.0smdj220a 5.0smdj220ca 5phx 5bhx 220.0 246.00 272.00 1 5 14.04 356.0 5.0smdj250a 5.0smdj250ca 5phz 5bhz 250.0 279.00 309.00 1 5 12.35 405.0 5.0smdj300a 5.0smdj300ca 5pje 5bje 300.0 335.00 371.00 1 5 10.29 486.0 5.0smdj350a 5.0smdj350ca 5pjg 5bjg 350.0 391.00 432.00 1 5 8.82 567.0 5.0smdj400a 5.0smdj400ca 5pjk 5bjk 400.0 447.00 494.00 1 5 7.72 648.0 5.0smdj440a 5.0smdj440ca 5pjm 5bjm 440.0 492.00 543.00 1 5 7.01 713.0 maximum peak pulse current maximum clamping voltage @ ipp part number (uni) part number (bi) device marking code reverse standoff voltage breakdown voltage v br @ i t maximum reverse leakage @ vr 391


▲Up To Search▲   

 
Price & Availability of 50SMDJ200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X