Part Number Hot Search : 
GF10G B1403N MBR1015 JS28F MRF6S C2101 MUR3040 HC1GT
Product Description
Full Text Search
 

To Download 1SS355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  number: db-010 july 2011 release, revision f page 1 tak cheong ? semiconductor 200mw sod-323 surface mount small outline flat lead plastic package high speed switching diode absolute maximum ratings t a = 25c unless otherwise noted symbol parameter value units p d power dissipation 200 mw t stg storage temperature range -65 to +150 c t j operating junction temperature +150 c v r reverse voltage 80 v v rm repetitive peak reverse voltage 90 v i fm forward current 250 ma i o continuous forward current 150 ma i frm repetitive peak forward current 500 ma i fsm peak forward surge current (pulse width=1us) 2 a these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? high speed switching device ( t rr <4.0 ns) ? general purpose diodes ? flat lead sod-323 small outline plastic package ? surface device type mounting ? rohs compliant ? green emc ? matte tin(sn) lead finish ? band indicates cathode device marking code: device type device marking 1SS355 s4 electrical characteristics t a = 25c unless otherwise noted limits symbol parameter test condition min max unit b v breakdown voltage i r =100a 80 volts i r reverse leakage current v r =80v 100 na v f forward voltage i f =100ma 1.2 volts t rr reverse recovery time i f =10ma v r =6v r l =100 4 ns c capacitance v r =0.5v, f=1m hz 4 pf 1SS355
number: db-010 july 2011 release, revision f page 2 tak cheong ? semiconductor typical performance characteristics total capacitance forward voltage vs ambient temperature
number: db-010 july 2011 release, revision f page 3 tak cheong ? semiconductor reverse current vs reverse voltagereverse
number: db-010 july 2011 release, revision f page 4 tak cheong ? semiconductor sod-323 package outline notes: 1. the above package outline is similar to jeita sc-90. 2. dimensions are exclusive of burrs, mold flash & tie bar extrusions.
number: db-100 april 14, 2008 / a disclaimer notice tak cheong ? notice the information presented in this document is for reference only. tak cheong reserves the right to make changes without notice for the specification of the products displayed herein. the product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controlle rs and other safety devices), tak cheong semiconductor co., ltd., or anyone on its behalf, assumes no responsi bility or liability for any damagers resulting from such improper use of sale. this publication supersedes & replaces all information reviously supplied. for additional information, please visit our website http://www.takcheong.com , or consult your nearest tak cheong?s sales office for further assistance.


▲Up To Search▲   

 
Price & Availability of 1SS355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X