2,95 index bulhw contact one of the erni companies proprietary notice pursuant to iso 16016 to be observed. a3 class k 28.03.2011 socket strip (solder) buchsenleiste (l?t) 100501430001 5:1 www.erni.com copyright by erni gmbh before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date insulation body/ isolierk?rper (n/2x2,54) 7 a a schnitt a-a contact-clip/ kontaktclip sleeve/ hlse 11,05 0 0,15 2,4 5,08 - 0,6 7,1 diameter of finished pth/ fertiglochdurchmesser 0,05 0,05 leiterplatten layout / pcb layout 0 -0,2 sectional view a-a 0,05 100501430001 10 schttgut bluk ident-nr. part-no. polzahl no. of contacts verpackung packing example 10 pin version 2,54 0,8 2,54 tech. data: isolierk?rper / insulation body: pct-gf30-fr farbe / colour: schwarz / black brennbarkeit / flammability: ul 94v-0 zweiteiliger kontakt / two part contact: hlse / sleeve: cuz n36pb3 hlse galvanik / sleeve plating: sn kontak t clip / contact-clip ( 6 finger) : cube kontakt clip galvanik / contact-clip plating 0,75m au passender kontaktstift / mating pin dimension: runder stift / round pin: ? 0.70 - 0.90 mm quadratischer stift / square pin: 0.635 x 0,635 mm steckkraft / insertion force: 1.2 n typ. ziehkraf t / w ithdrawal force: 0.6 n t yp. (gemessen mit polierter stahllehre ? 0.76 mm) (measured with polished steel gauge ? 0.76 mm) lebensdauer / mechanical life: min. 500 zyklen / cycles strombelastbarkeit / rated current: 3 a kontaktwiderstand / contact resistance: max. 10 m ? durchschlagfestigkeit / dielectric strength: min. 1000 v rm s
|