abspulrichtung - reel off direction 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm 330 tape on reel packaging verpackungseinheit: 260 stck verpackt in gurtverpackung packaging unit: 260 pcs index mspeed copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class f female 10mm smd, 50 contacts federleiste 10mm smd, 50 polig 100201530001 5:1 k 24.04.2013 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date montagehaube hood 26,55 6,5 0,6 26 0,5 10,5 b1 a25 a1 b25 24 1,5 3,85 1 24 x 1 = 25,3 mitte steckgesicht center matingface x 4,15 11,4 0,75 5,5 0,8 0,7 9,8 drill tool 1.) leiterplatten-layout vorschlag / pcb-layout proposal 1.) durchmesser des bohrers / 1.) 3 0,03 0,85 0,7 0,03 0,8 0,65 0,7 0,7 0,5 24 x 1 = 24 1 1 0,03 26 4,45 1,5 0,9 0,85 8 x 3 = 24 a1 16 44 einzelheit x m 20:1 signaling contact 0,05
|