Part Number Hot Search : 
MAX19 ISP827X M5889NO 2SB471 01701 42S32200 SD107 MDU1513
Product Description
Full Text Search
 

To Download 100101530001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2,9 abspulrichtung - reel off direction 330 verpackungseinheit: 220 stck verpackt in gurtverpackung tape on reel packaging packaging unit: 220 pcs koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating 0,1 mm einzelheit x m 20:1 signaling contact 0,05 ansaughaube hood 26,95 16,07 26 0,6 8,95 0,5 0,65 13,8 a25 b1 a1 b25 1,5 1 24 x 1 = 24 x 15,42 4,6 5,85 1,62 0,8 3,675 drill tool 1.) leiterplatten-layout vorschlag / pcb-layout proposal 1.) durchmesser des bohrers / 1.) 1 26 0,03 0,5 8 x 3 = 24 3 0,8 0,7 0,03 0,65 0,85 0,9 0,03 4,45 1,5 24 x 1 = 24 1 0,7 0,85 a1 44 16 index mspeed copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class j male 10mm smd, 50 contacts messerleiste10mm smd, 50 polig 100101530001 5:1 k 22.04.2013 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date


▲Up To Search▲   

 
Price & Availability of 100101530001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X