Part Number Hot Search : 
1N4814B 150CT D675AG 20B60PD1 PTV09 CXA3010 MCP1630V 20B60PD1
Product Description
Full Text Search
 

To Download WEG010016ELPP5N00000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 1 - oled specification WEG010016ELPP5N00000 model no: free datasheet http:///
- 2 - 7 8 6 52 54 60 7 9 24 32 28 6 5 51 29 11 free datasheet http:///
- 3 - specification version: b customer : module no. : WEG010016ELPP5N00000 approved by: ( for customer use only ) sales by approved by checked by prepared by issued date: free datasheet http:///
- 4 - modle no records of revision doc. first issue version date revised page no. summary 0 a b 2010/04/20 2010/10/26 2010.12.13 13 10 first issue correct shift left 68 series only free datasheet http:///
- 5 - 1. module classification information w e g 010016 e l p p 5 n 00000 1 2 3 4 5 6 7 8 ? 1 brand winstar display corporation 2 e oled 3 display type h character type, g graphic type 4 number of dots 100*16 dots 5 serials code a amber r red b blue c full color g green w white 6 emitting color y yellow green l yellow 7 polarizer p with polarizer; n: without polarizer 8 display mode p passive matrix ; a: active matrix 9 driver voltage 3: 3.0 v; 5: 5.0v 10 touch panel n without touch panel; t: with touch panel 11 serial no. 00000: sales code free datasheet http:///
- 6 - 2. general specification item dimension unit number of characters 100*16 dots module dimension 84.0 x 44.0 x 10.0(max) mm view area 66.0 x 16.0 mm active area 59.95 x 11.15 mm dot size 0.55 x 0.65 mm dot pitch 0.60x 0.70 mm lcd type oled , yellow duty 1/16 3. absolute maximum ratings item symbol min max unit notes operating temperature t op -40 +80 storage temperature t st -40 +80 input voltage v i -0.3 vdd v supply voltage for logic vdd-v ss -0.3 5.3 v free datasheet http:///
- 7 - 4. electrical characteristicsical item symbol condition min typ max unit supply voltage for logic vdd-vss 3.0 5.0 5.3 v input high volt. vih 0.9 vdd vdd v input low volt. vil gnd 0.1vdd v output high volt. voh ioh=-0.5ma 0.8 vdd vdd v output low volt. vol iol=0.5ma gnd 0.2 vdd v supply current idd vdd=5v 30 ma ciex(yellow) x,y(cie1931) 0.44 0.48 0.52 ciey(yellow) x,y(cie1931) 0.46 0.50 0.54 5. optical characteristics item symbol condition min typ max unit (v) 160 deg view angle (h) 160 deg contrast ratio cr dark 2000:1 t rise 10 s response time t fall 10 s supply voltage for logic 5v 50% check board brightness with polarizer 125 nits supply voltage for logic 3v 50% check board brightness with polarizer 80 nits free datasheet http:///
- 8 - 6. interface pin function pin no. symbol level description 1 vss 0v ground 2 vdd 5.0v supply voltage for logic 3 nc 4 rs h/l h: data, l: instruction code 5 r/w h/l h: read(mpu module) l: write(mpu module) 6 e h,h l chip enable signal 7 db0 h/l data bit 0 8 db1 h/l data bit 1 9 db2 h/l data bit 2 10 db3 h/l data bit 3 11 db4 h/l data bit 4 12 db5 h/l data bit 5 13 db6 h/l data bit 6 14 db7 h/l data bit 7 15 nc 16 nc brightness control brightness(nits) power consumption(measured with random texts) 125(typical) 150mw(5v*30ma) notes: 1.when random texts pattern is running , averagely , at any instance , about 1/2 of pixels will be on. 2. you can to use the display off mode to make long life. free datasheet http:///
- 9 - 7. counter drawing & block diagram 1.8 5.1 1.6 2-r1.25pth 2-r2.5pad 79.0 2.5 16- o 1.0 pth 38.1 10.2 2.5 36.0 4.0 vdd nc r/w e rs 2 3 5 6 4 db1 db2 db3 db4 9 8 10 11 7db0 1vss db6 db7 nc nc 13 14 16 15 12 db5 76.0 4.0 44.0 0.5 2- o 2.5 pth 2- o 5.0 pad 84.0 0.5 the non-specified tolerance of dimension is 0.3 mm . 71.2 6.4 25.2 7.8 16.0va 9.0 66.0va dot sizes scale 5/1 10.0max 42.0 59.95aa 11.15aa 14.83 1.75 2.05 0.6 0.55 0.7 0.65 free datasheet http:///
- 10 - free datasheet http:///
- 11 - 8. function description registers ic provides two types of 8-bit registers, namely: in struction register (ir) and data register (dr). the register is selected using the rs pin. when the rs pin is set to "0", the instruction register type is selected. when rs pin is set to "1", the data register type is selected. please refer to the table below. rs r/wb operation 0 0 instruction register write as an internal operation. 0 1 read busy flag (db7) and address counter (db0 to db6) 1 0 data register write as an internal operation (dr to ddram or cgram) 1 1 data register read as an internal operation (ddram or cgram to dr) instruction register (ir) the instruction register is used to store the instruction code (i.e. display clear, cursor home and others), display data ram (ddram) address, and the character generator ram (cgram) address. instruction register can only be written from the mpu. data register (dr) the data register is used as a temporary storage for data that are going to be written into the ddram or cgram as well as those data that are going to be read from the ddram or cgram. busy flag (bf) the busy flag is used to determine whether ic is id le or internally operating. when ic is performing some internal operations, the busy flag is set to "1 ". under this condition, the no other instruction will not be accepted. when rs pin is set to "0" and r/wb pin is set to "1", the busy flag will be outputted to the db7 pin. when ic is idle or has completed its previous internal operation, the busy flag is set to "0". the next instruction can now be processed or executed. address counter (ac) the address counter is used to assign the display data ram (ddram) address and the character generator ram (cgram) address. when address inform ation is written into the instruction register (ir), this address information is sent from the instruction register to the address counter. at the same time, the nature of the address (either cgram or ddram) is determined by the instruction. after writing into or reading from the ddram or cgram, the address counter is automatically increased or decreased by 1 (for write or read function). it must be noted that when the rs pin is set to "0" and r/wb is set to "1", the contents of the address counter are outputted to the pins -- db0 to db6. free datasheet http:///
12 display data ram (ddram) the display data ram (ddram) is used to store the display data which is represented as 8-bit character code. the display data ram supports an extended capacity of 128 x 8-bits or 128 characters. the display data ram address (add) is set in the address counter as a hexadecimal. high order bits low order bits address counter (hex) ac6 ac5 ac4 ac3 ac2 ac1 ac0 an example of a ddram address=39 is given below. ddram address: 39 ac6 ac5 ac4 ac3 ac2 ac1 ac0 0 1 1 1 0 0 1 1-line display (n=0) when the number of characters displayed is less th an 128, the first character is displayed at the head position. the relationship between the ddram address and position on the oled panel is shown below. display position (digit) 1 2 3 4 ????. 126 127 128 ddram address (hexadecimal) 00 01 02 03 ????. 7d 7e 7f for example, when only 8 characters are displayed in one display line, the relationship between the ddram address and position on the oled panel is shown below. display position 1 2 3 4 5 6 7 8 ddram address 00 01 02 03 04 05 06 07 shift left 01 02 03 04 05 06 07 08 shift right 7f 00 01 02 03 04 05 06 free datasheet http:///
13 2-line display (n=1 ) case 1: the number of characters displayed is less than 64 x 2 lines when the number of characters displayed is less than 64 x 2 lines, then the first character of the first and second lines are displayed starting from the head. it is important to note that every line reserve 64 x8bits ddram space. 1 st line is 00 to 3f,second line is 40 to 7f.please refer the figure below. display position 1 2 3 4 ???. 61 62 63 64 00 01 02 03 ???. 3c 3d 3e 3f ddram address (hexadecimal) 40 41 42 43 ???. 7c 7d 7e 7f to illustrate, for 2-line x 20 characters display, the relati onship between the ddram address and position of the oled panel is shown below. display position 1 2 3 4 ???. 18 19 20 00 01 02 03 ???. 11 12 13 ddram address (hexadecimal) 40 41 42 43 ???. 51 52 53 01 02 03 04 ???. 12 13 14 shift left 41 42 43 44 ???. 52 53 54 3f 00 01 02 ???. 10 11 12 shift right 7f 40 41 42 ???. 50 51 52 free datasheet http:///
14 case 2: 40-character x 2 lines display ic(master) can be extended to display 40 characters x 2 lines by cascade the other ic(slave). when there is a display shift operation, the ddram address is also shifted. please refer to the example below. display position 1 2 3 4 5 6 7 8 9 10 11 ?. 37 38 39 40 00 01 02 03 04 05 06 07 08 09 0a ?. 24 25 26 27 40 41 42 43 44 45 46 47 48 49 4a ?. 64 65 66 67 ddram address ic display (master) cascade 2 nd ic(slave) 01 02 03 04 05 06 07 08 09 0a 0b ?. 25 26 27 28 shift left 41 42 43 44 45 46 47 48 49 4a 4b ?. 65 66 67 68 3f 00 01 02 03 04 05 06 07 08 09 ?. 23 24 25 26 shift right 7f 40 41 42 43 44 45 46 47 48 49 ?. 63 64 65 66 free datasheet http:///
15 slave mode data input when ic is under slave mode, display data is send from the other ic(master).the input data ?d? is shifted at the falling edge of cl m/s mode d cl lat h master output output output l slave input input input bidirectional shift register block this block shifts the serial data at the falling edge of cl. when shl is set ?h?, the data input from d is shifted from bit100 to bit1 (when ic is ?master? mode, d is output; when ic is ?slave? mode, d is input). when shl is set ?l?, the data input is shifted from bit1 to bit100. free datasheet http:///
16 condition 1 : shl=?h? condition 2 : shl=?l character generator rom (cgrom) the character generator rom (cgrom) is used to ge nerate either 5 x 8 dots or 5 x 10 dots character patterns from 8-bit character codes.ic build in thr ee set of font tables as ?western european?, ?english japanese? and ?english russian?. user can use software to select suitable font table (default ?english japanese?) . character generator ram (cgram) the character generator ram (cgram) is used to generate either 5 x 8 dot or 5 x 10 dot character patterns. it can generate eight 5 x 8 dot character pa tterns or four 5 x 10 dot character patterns. the character patterns generated by the cgram can be rewritten. user-defined character patterns for the cgram are supported. free datasheet http:///
17 relationship between cgram address, ddram character code and cgram character patterns (for 5 x 8 dot character pattern) character codes character patterns (ddram data) cgram address (cgram data) 7 6 5 4 3 2 1 0 5 4 3 2 1 0 76543210 high low high low high low 0 0 0 * * * 1 1 1 10 0 0 1 * * * 1000 1 0 1 0 * * * 1000 1 0 0 0 0 * 0 0 0 0 0 0 0 1 1 * * * 1 1 1 10 1 0 0 * * * 10 100 1 0 1 * * * 100 10 1 1 0 * * * 1000 1 character pattern 1 1 1 1 * * * 0 0 0 0 0 cursor position 0 0 0 * * * 1000 1 0 0 1 * * * 0 10 10 0 1 0 * * * 1 1 1 1 1 0 0 0 0 * 0 0 1 0 0 1 0 1 1 * * * 0 0 100 1 0 0 * * * 1 1 1 1 1 1 0 1 * * * 0 0 100 1 1 0 * * * 0 0 100 character pattern 2 1 1 1 * * * 0 0 0 0 0 cursor position 0 0 0 0 * . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . * * * . . . . . . . . . . . . . . . . . . . . character pattern 3~7 0 0 0 * * * 0 0 0 0 0 0 0 1 * * * 0 10 10 0 1 0 * * * 0 0 0 0 0 0 0 0 0 * 1 1 1 1 1 1 0 1 1 * * * 0 0 0 0 0 1 0 0 * * * 1000 1 1 0 1 * * * 0 1 1 10 1 1 0 * * * 0 0 100 character pattern 8 1 1 1 * * * 0 0 0 0 0 cursor position free datasheet http:///
18 notes: 1. * = not relevant 2. the character pattern row positions correspond to the cgram data bits -- 0 to 4, where bit 4 is in the left position. 3. character code bits 0 to 2 correspond to t he cgram address bits 3 to 5 (3 bits: 8 types) 4. if the cgram data is set to "1", then the selection is displayed. if the cgram is set to "0", there no selection is made. 5. the cgram address bits 0 to 2 are used to define the character pattern line position. the 8th line is the cursor position and its display is formed by the logical or with the cursor. the 8th line cgram data bits 0 to 4 must be set to "0". if any of the 8th line cgram data bits 0 to 4 is set to "1", the corresponding display location will light up regardless of the cursor position. 6. when the character code bits 4 to 7 are set to "0", then the cgram character pattern is selected. it must be noted that character code bit 3 is not re levant and will not have any effect on the character display. because of this, the first character pattern shown above (r) can be displayed when the character code is 00h or 08h. free datasheet http:///
19 relationship between cgram address, ddram character code and cgram character patterns (for 5 x10 dot character pattern) character codes character patterns (ddram data) cgram address (cgram data) 7 6 5 4 3 2 1 0 5 4 3 2 1 0 76543210 high low high low high low 0 0 0 0 * * * 0 0 100 0 0 0 1 * * * 0 1 1 10 0 0 1 0 * * * 10 10 1 0 0 1 1 * * * 10 100 0 1 0 0 * * * 0 1 100 0 1 0 1 * * * 0 0 1 10 0 1 1 0 * * * 0 0 10 1 0 1 1 1 * * * 10 10 1 1 0 0 0 * * * 0 1 1 10 1 0 0 1 * * * 0 0 100 character pattern 1 1 0 1 0 * * * * * * * * cursor position 1 0 1 1 * * * * * * * * 1 1 0 0 * * * * * * * * 1 1 0 1 * * * * * * * * 1 1 1 0 * * * * * * * * 0 0 0 0 * 0 0 * 0 0 1 1 1 1 * * * * * * * * 0 0 0 0 * . . . . . . . . * . . . . . . . . . . . . . . . . . . . . . . . . * * * . . . . . . . . . . . . . . . . . . . . character pattern 2~3 0 0 0 0 * * * 10 10 1 0 0 0 1 * * * 1 1 1 1 1 0 0 1 0 * * * 1 1 1 1 1 0 0 1 1 * * * 1 1 1 1 1 0 1 0 0 * * * 0 1 1 10 0 1 0 1 * * * 0 0 100 0 1 1 0 * * * 0 0 100 0 1 1 1 * * * 10 10 1 1 0 0 0 * * * 0 1 1 10 1 0 0 1 * * * 0 0 100 character pattern 4 1 0 1 0 * * * * * * * * cursor position 1 0 1 1 * * * * * * * * 1 1 0 0 * * * * * * * * 1 1 0 1 * * * * * * * * 1 1 1 0 * * * * * * * * 0 0 0 0 * 1 1 * 1 1 1 1 1 1 * * * * * * * * free datasheet http:///
20 notes: 1. * = not relevant 2. the character pattern row positions correspond to the cgram data bits -- 0 to 4, where bit 4 is in the left position. 3. character code bits 1 and 2 correspond to the cgra m address bits -- 4 and 5 respectively (2 bits : 4 types) 4. if the cgram data is set to "1", then the selection is displayed. if the cgram is set to "0", there no selection is made. 5. the cgram address bits 0 to 3 are used to defi ne the character pattern line position. the 11th line is the cursor position and its display is formed by the logical or with the cursor. the 11th line cgram data bits 0 to 4 must be set to "0". if any of the 11th line cgram data bits 0 to 4 is set to "1", the corresponding display location will light up regardless of the cursor position. 6. when the character code bits 4 to 7 are set to "0", then the cgram character pattern is selected. it must be noted that character code bit -- 0 and 3 are not relevant and will not have any effect on the character display. because of this, the character pattern shown above ( $ ) can be displayed when the character code is 00h, 01h, 08h or 09h. free datasheet http:///
21 timing generation circuit the timing signals for the internal circuit operations (i.e. ddram, cgram, and cgrom) are generated by the timing generation circuit. the timing signals for the mpu internal operation and the ram read for display are generated separately in order to prevent one from interfering with the other. this means that, for example, when the data is being written into the ddram, there will be no unwanted interference such as flickering in areas other than the display area. oled driver circuit ic provides 16 common drivers and 100 segment driver outputs. when a character font and the number of lines to be displayed have been selected, the corresponding common drivers output the waveform automatically. a non-selection waveform will be outputted by the rest of the common outputs. cursor/blink control circuit the cursor or character blinking is generated by the cu rsor / blink control circuit. the cursor or the blinking will appear with the digit located at t he display data ram (ddram) address set in the address counter (ac). ac6 ac5 ac4 ac3 ac2 ac1 ac0 address counter 0 0 0 0 1 1 1 case 1: for 1-line display example: when the address counter (ac) is set to 0eh, the cursor position is displayed at ddram address 0eh. display position 1 2 3 4 5 ?? 14 15 ?? 19 20 ddram address (hexadecimal) 00 01 02 03 04 ?? 0d 0e ?? 12 13 | cursor position notes: the cursor or blinking appears when the address c ounter (ac) selects the character generator ram (cgram). when the ac selects cgram address, then the cursor or the blinking is displayed in a irrelevant and meaningless position. case 2: for 2-line display example: when the address counter (ac) is set to 46h, the cursor position is displayed at ddram address 46h. display position 1 2 3 4 5 6 7 8 ?? 19 20 00 01 02 03 04 05 06 07 ?? 09 13 ddram address (hexadecimal) 40 41 42 43 44 45 46 47 ?? 49 53 free datasheet http:///
22 address format db7 db6 db5 db4 db3 db2 db1 db0 ca (character address) 1 add6 add5 add4 add3 add2 add1 add0 cursor position notes: the cursor or blinking appears when the address coun ter (ac) selects the character generator ram (cgram). when the ac selects cgram address, then the cursor or the blinking is displayed in an irrelevant and meaningless position. character mode addressing win0010 provides two kind of character mode. user ca n fill in 128 characters data (n=0, one line) or 64 characters data per line (n=1, two line) in embedded ram to display graphic. character mode address can be controlled by ddram address instruction. (1)1-line condition (n=0) 1 2 3 4 ?? ?? 125 126 127 128 ca=10000000 ca=10000001 ca=10000010 ca=10000011 ca=11111100 ca=11111101 ca=11111110 ca=11111111 (2)2-line condition (n=1) 1 2 3 4 ?? ?? 61 62 63 64 ca=10000000 ca=10000001 ca=10000010 ca=10000011 ca=10111100 ca=10111101 ca=10111110 ca=10111111 ca=11000000 ca=11000001 ca=11000010 ca=11000011 ca=11111100 ca=11111101 ca=11111110 ca=11111111 free datasheet http:///
23 graphic mode addressing win0010 provides not only character mode but also graphic mode. user can fill in 100x16 data in embedded ram to display graphic. graphic mode addressing is different from character mode. use ddram address instruction to set x-axis address of graphic mode and cgram address instruction to set y-axis of graphic mode. address format db7 db6 db5 db4 db3 db2 db1 db0 gxa (graphic x-axis address) 1 add6 add5 add4 add3 add2 add1 add0 gya (graphic y-axis address) 0 1 0 0 0 0 0 cga0 1 2 3 4 ?? ?? 97 98 99 100 d0 d1 d2 d3 d4 d5 d6 cga0=0 gxa=10000000 gya=01000000 gxa=10000001 gya=01000000 gxa=10000010 gya=01000000 gxa=10000011 gya=01000000 d7 gxa=11100000 gya=01000000 gxa=11100001 gya=01000000 gxa=11100010 gya=01000000 gxa=11100011 gya=01000000 d0 d1 d2 d3 d4 d5 d6 cga0=1 gxa=10000000 gya=01000001 gxa=10000001 gya=01000001 gxa=10000010 gya=01000001 gxa=10000011 gya=01000001 d7 gxa=11100000 gya=01000001 gxa=11100001 gya=01000001 gxa=11100010 gya=01000001 gxa=11100011 gya=01000001 free datasheet http:///
24 9. character generator rom pattern character generator rom (cgrom) win0010 provides three set of character font. character font can be selected by programming ft. english_japanese character font table(default ft[1:0]= 00) free datasheet http:///
25 western european character font table i (ft[1:0]=01) free datasheet http:///
26 english_russian character font table(ft[1:0]=10) free datasheet http:///
western european character font table ii (ft[1:0]=1 free datasheet http:///
10. instruction table code instruction rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 description max. execution time when fsp or fosc = 250khz clear display 0 0 0 0 0 0 0 0 0 1 clears entire display . sets ddram address 0 into the a ddress counter 6.2ms return home 0 0 0 0 0 0 0 0 1 0 sets ddram address 0 into the a ddress counter. returns shifted display to original position. ddram contents remain unchanged. (db0 is test pin. user should set db0=0 all the time) 0 entry mode set 0 0 0 0 0 0 0 1 i/d s sets cursor move direction and specifies display shift. (these operations are performed during data write and read.) 0 display on/off control 0 0 0 0 0 0 1 d c b sets entire display (d) on/off. sets cursor (c) on/off. sets blinking (b) of cursor position character. 0 s/c r/l 0 0 cursor/ display shift/ mode/ pwr 0 0 0 0 0 1 g/c pwr 1 1 moves cursor & shifts display without changing ddram contents. sets graphic/character mode sets internal power on/off 0 function set 0 0 0 0 1 dl n f ft1 ft0 sets interface data length (dl). sets number of display lines (n). sets character font (f). sets font table ( ft ) 0 e t cgram a ddress 0 0 0 1 a cg a cg a cg a cg a cg a cg sets cgram address. cgram data is sent and received after thi s setting. 0 e t ddram a ddress 0 0 1 a dd a dd a dd a dd a dd a dd a dd sets ddram address. the ddram data is sent and received after this setting. 0 r ead busy flag & a ddress 0 1 bf a c a c a c a c a c a c a c reads busy flag (bf) indicating that internal operation is being performed. reads address counter contents. 0 write data into the cgram or ddram 1 0 write data writes data into the cgram or ddram 0 read data from the cgram or ddram 1 1 read data read data from the cgram or ddram 0 free datasheet http:///
11. timing characteristics ac characteristics read / write characteristics (8080-series mpu) figure 1. read / write characteristics (8080-series mpu) vdd = 3.0 to 5.3v, ta = 25 ) item signal symbol min. typ. max. unit remark address setup time address hold time rs t as 80 t ah 80 20 0 - - ns system cycle time t cy 80 500 - - ns pulse width (wrb) rw_wrb t pw 80 ( w) 250 - - ns pulse width (rdb) e_rdb t pw 80 (r ) 250 - - ns data setup time data hold time t ds 80 t dh 80 40 20 - - ns read access time output disable time db7 to db0 t acc 80 t od 80 - 10 - 180 - ns c l = 100pf t as80 t ah80 t cy80 t pw80(r) t pw80(w) t dh80 t ds80 t acc80 t od80 0.1v dd 0.9v dd rs csb db0 to db7 rdb, wrb db0 to db7 free datasheet http:///
read / write characteristics (6800-series microprocessor) figure 2. read / write characteristics (6800-series mpu) (vdd = 3.0 to 5.3v, ta = 25 ) item signal symbol min. typ. max. unit remark address setup time address hold time rs t as 68 t ah 68 20 0 - - ns system cycle time t cy 68 500 - - ns pulse width (e) e_rdb t pw 68 ( w) 250 - - ns pulse width (e) e_rdb t pw 68 (r ) 250 - - ns data setup time data hold time t ds 68 t dh 68 40 20 - - ns read access time output disable time db7 to db0 t acc 68 t od 68 - 10 - 180 - ns c l = 100pf t as68 t ah68 t cy68 t pw68(r) t pw68(w) t dh68 t ds68 t acc68 t od68 0.1v dd 0.9v dd rs csb db0 to db7 e db0 to db7 free datasheet http:///
serial interface characteristics figure 3. serial interface characteristics (vdd = 3.0 to 5.3v, ta = 25 ) item signal symbol min. typ. max. unit remark serial clock cycle scl high pulse width scl low pulse width db5 (scl) t cys t whs t wls 300 100 100 - - - - - - ns csb setup time csb hold time csb t css t chs 150 150 - - - - ns data setup time data hold time db7 (sdi) t dss t dhs 100 100 - - - - ns read access time db6 (sdo) t acc s - - 80 ns t css t whs t cys t dss t dhs t chs t wls 0.1v dd 0.9v dd csb db7 (sdi) db5 (scl) db6 (sdo) t accs free datasheet http:///
12. initializing of oled module (1)8-bit mode free datasheet http:///
(2)4-bit mode free datasheet http:///
instructions win0010's instruction register (ir) and data register (dr) are the only registers that can be controlled by the mpu. prior to the commencement of it internal operation, win0010 temporarily stores the control information to its instruction register (ir) and data register (dr) in order to easily facilitate interface with various types of mpu. the internal operations of the win0010 are determined by the signals (rs, r/wb, db0 to db7) that are sent from the mpu. these signals are categorized into 4 instructions types, namely: 1, function setting instructions (i.e. display, format, data length etc.) 2. internal ram address setting instructions 3. data transfer with internal ram instructions 4. miscellaneous function instructions the generally used instructions are those that execute data transfers with the internal ram. however, when the internal ram addresses are auto incremented/decremented by 1 after each data write, the program load of the mpu is lightened. the display shift instruction can be executed at the same time as the display data write, thereby minimizing system development time with maximum programming efficiency. when an instruction is being executed for an inte rnal operation, only the busy flag/address read instruction can be performed. the other instructions are not valid. it should be noted that during the execution of an instruction, the busy flag is set to "1". the busy flag is set to "0" when the instructions are can be accepted and executed. therefore, the busy flag should be checked to make certain that bf = "0" before sending another instruction from the mpu. if not, the time between the first instruction and the next instruction is longer than the time it takes to execute the instruction itself. free datasheet http:///
code instruction rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 description max. execution time when fsp or fosc = 250khz clear display 0 0 0 0 0 0 0 0 0 1 clears entire display . sets ddram address 0 into the a ddress counter 6.2ms return home 0 0 0 0 0 0 0 0 1 0 sets ddram address 0 into the a ddress counter. returns shifted display to original position. ddram contents remain unchanged. (db0 is test pin. user should set db0=0 all the time) 0 entry mode set 0 0 0 0 0 0 0 1 i/d s sets cursor move direction and specifies display shift. (these operations are performed during data write and read.) 0 display on/off control 0 0 0 0 0 0 1 d c b sets entire display (d) on/off. sets cursor (c) on/off. sets blinking (b) of cursor position character. 0 s/c r/l 0 0 cursor/ display shift/ mode/ pwr 0 0 0 0 0 1 g/c pwr 1 1 moves cursor & shifts display without changing ddram contents. sets graphic/character mode sets internal power on/off 0 function set 0 0 0 0 1 dl n f ft1 ft0 sets interface data length (dl). sets number of display lines (n). sets character font (f). sets font table ( ft ) 0 e t cgram a ddress 0 0 0 1 a cg a cg a cg a cg a cg a cg sets cgram address. cgram data is sent and received after thi s setting. 0 e t ddram a ddress 0 0 1 a dd a dd a dd a dd a dd a dd a dd sets ddram address. the ddram data is sent and received after this setting. 0 r ead busy flag & a ddress 0 1 bf a c a c a c a c a c a c a c reads busy flag (bf) indicating that internal operation is being performed. reads address counter contents. 0 write data into the cgram or ddram 1 0 write data writes data into the cgram or ddram 0 read data from the cgram or ddram 1 1 read data read data from the cgram or ddram 0 0 free datasheet http:///
notes: 1. after the cgram/ddram read or write in struction has been executed, the ram address counter is incremented or decremented by 1. after the busy flag is turned off, the ram address is updated. 2. i/d=increment/decrement bit - i/d="1": increment - i/d="0": decrement 3. s=shift entire display control bit. when s=?0?, shift function disable. 4. bf=busy flag - bf="1": internal operating in progress - bf="0": no internal operation is being executed, next instruction can be accepted. 5. r/l=shift right/left - r/l="1": shift to the right - r/l="0": shift to the left 6. s/c=display shift/cursor move - s/c="1": display shift - s/c="0": cursor move 7. g/c=graphic/character mode selection. g/c=?0?, character mode is selected. g/c=?1?, graphic mode is selected. 8. pwr=internal dcdc on/of control. pwr=?1?, dcdc on. pwr=?0?, dcdc off. 9. ddram=display data ram 10. cgram=character generator ram 11. acg=cgram address 12. add=address counter address (corresponds to cursor address) 13. ac=address counter (used for ddram and cgram addresses) 14. f=character pattern mode - f="1": 5 x 10 dots - f="0": 5 x 8 dots 15. n=number of lines displayed - n="1": 2 -line display - n="0": 1-line display 16. tadd is the time period starting when the busy flag is turned off up to the time the address counter is updated. please refer to the diagram below. busy sugnal (db7) busy state address counter (db0 to db6) a a+1 free datasheet http:///
instruction description clear display instruction rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 0 0 0 0 0 1 this instruction is used to clear the display writ e space 20h in all ddram addresses. that is, the character pattern for the character code 20h must be a blank pattern. it then sets the ddram address 0 into the address counter and reverts the display to its original state (if the display has been shifted). the display will be cleared and the cursor or blinking will go to the left edge of the display. if there are 2 lines displayed, the cursor or blinking will go to the first line 's left edge of the display. under the entry mode, this instruction also sets the i/d to 1 (increment mode). the s bit of the entry mode does not change. return home instruction rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 0 0 0 0 1 * note: * = not relevant this instruction is used to set the ddram address 0 into the address counter and revert the display to its original status (if the display has been shifted). the ddram contents do not change. the cursor or blinking will go to the left edge of the di splay. if there are 2 lines displayed, the cursor or blinking will go to the first line's left edge of the display. free datasheet http:///
entry mode set instruction the entry mode set instruction has two controlling bi ts: i/d and s. please refer to the table below. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 0 0 0 1 i/d s i/d is the increment/decrement bit. when i/d is set to "1", the ddram address is incremented by "1" when a character code is written into or read from the ddram. an increment of 1 will move the cursor or blinking one step to the right. when i/d is set to "0", the ddram is decremented by 1 when a character code is written into or read from the ddram. a decrement of 1 will move the cursor or blinking one step to the left. s: shift entire display control bit this bit is used to shift the entire display. when s is set to "1", the entire display is shifted to the right (when i/d ="0") or left (when i/d ="1"). when s is set to "0", the display is not shifted. ex1 : i/d=1, s=1 ex2 : i/d=0, s=1 display on/off control instruction the display on / off instruction is used to turn the display on or off. the controlling bits are d, c and b. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 0 0 1 d c b free datasheet http:///
d: display on/off bit when d is set to "1", the display is turned on. when d is set to "0", the display is turned off and the display data is stored in the ddram. the display data can be instantly displayed by setting d to "1". c: cursor display control bit when c is set to "1", the cursor is displayed. in a 5 x 8 dot character font, the cursor is displayed via the 5 dots in the 8th line. in a 5 x 10 dot character font, it is displayed via 5 dots in the 11th line. when c is set to "0", the cursor display is disabled. during a display data write, the function of the i/d and others will not be altered even if the cursor is not present. please refer to the figure below. 5 x 8 dot character font 5 x 10 dot character font cursor cursor b: blinking control bit when b is set to '1", the character specified by the cu rsor blinks. the blinking feature is displayed by switching between the blank dots and the displayed c haracter at a speed of 409.6ms intervals when the fcp or fosc is 250khz. please refer to the figure below. free datasheet http:///
figure 2 figure 1 note: figures 1 and 2 are alternately displayed the cursor and the blinking can be set to display at the same time. the blinking frequency depends on the fosc or the reciprocal of fcp. to illustrate, when fosc=tbd hz, then, t he blinking frequency=409.6 x 250/270=379.2ms free datasheet http:///
cursor/display shift instruction this instruction is used to shift the cursor or displa y position to the left or right without writing or reading the display data. this function is used to correct or search the display. please refer to the table below. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 0 1 s/c r/l 0 0 0 0 0 0 0 1 g/c pw 1 1 s/c r/l shift function 0 0 shifts the cursor position to the left. (ac is decremented by 1). 0 1 shifts cursor position to the right. (ac incremented by 1). 1 0 shifts entire display to the left. the cursor follows the display shift. 1 1 shifts the entire display to the right. the cursor follows the display shift. in a 2-line display, the cursor moves to the second line when it passes the 40th digit of the first line. the first and second line displays will shift at the same time. when the displayed data is shifted repeatedly, each line moves only horizontally. the second line display does not shift into the first line position. the address counter (ac) conten ts will not change if the only action performed is a display shift. g/c: graphic mode / character mode selection this bit is used to select the display mode for further process. when g/c = 1, the graphic mode will be selected. when g/c = 0, the character mode will be selected. pwr: enable/disable internal power this bit is used to turn on or turn off the internal power. when pwr = 1, the internal power is turned on. when pwr = 0, the internal power is turned off. function set instruction the function set instruction has three controlling 3 bits, namely: dl, n and f. please refer to the table below. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 ft0 ft1 f n dl 1 0 0 0 0 free datasheet http:///
dl: interface data length control bit this is used to set the interface data length. when dl is set to "1", the data is sent or received in 8-bit length via the db0 to db7 (for an 8-bit data transfer). when dl is set to "0", the data is sent or received in 4-bit length via db4 to db7 (for a 4-bit data transfer). when the 4-bit data length is selected, the data must be sent or received twice. n: number of display line this is used to set the number of display lines. when n="1", the 2-line display is selected. when n is set to "0", the 1-line display is selected. f: character font set this is used to set the character font set. when f is set to "0", the 5 x 8 dot character font is selected. when f is set to "1", the 5 x 10 dot character font is selected. it must be noted that the character font setting must be performed at the head of the program before executing any instructions other than the busy flag and address instruction. otherwise, the function set instruction cannot be executed unless the interface data length is changed. ft1, ft0: font table selection these two bits are used to select one font table out of the three for further process. when (ft1, ft0) = (0, 0), the english_japanese character font table will be selected. (ft1, ft0) = (0, 1), the western european character font table will be selected. (ft1, ft0) = (1, 0), the english_russian character font table will be selected. (ft1, ft0) = (1, 1), n/a note: the default setting for ft1 and ft0 is 0 and 0 respectively which means the default font table is english_japanese character font table. set cgram address instruction this instruction is used to set the cgram addre ss binary aaaaaa into the address counter. data is then written to or read from the mpu for cgram. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 0 0 a cg a cg a cg a cg a cg a cg note: acg is the cgram addres set ddram address instruction this instruction is used to set the ddram address binary aaaaaaa into the address counter. the data is written to or read from the mpu for the ddram. if 1-line display is selected (n="0"), then aaaaaaa can be 00h to 4fh. when the 2-line disp lay is selected, then aaaaaaa can be 00h to 27h for the first line and 40h to 67h for the second line. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 0 1 a dd a dd a dd a dd a dd a dd a dd free datasheet http:///
note: add = ddram address read busy flag and address instruction this instruction is used to read the busy flag (bf) to indicate if win0010 is internally operating on a previously received instruction. if bf is set to "1", then the internal operation is in progress and the next instruction will not be accepted. if the bf is set to "0", then the previously received instruction has been executed and the next instruction can be accepted and processed. it is important to check the bf status before proceeding to the next write operation. the value of the address counter in binary aaaaaaa is simultaneously read out. this address counter is used by both the cgram and the ddram and its value is determined by the previous instruction. the contents of the address are the same as for the instructions -- set cgram address and set ddram address. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 0 1 bf a c a c a c a c a c a c a c notes: 1. bf=busy flag 2. ac=address counter free datasheet http:///
write data to cgram / ddram instruction this instruction writes 8-bit binary data -- dddd dddd to the cgram or the ddram. the previous cgram or ddram address setting determines whether a data is to be written into the cgram or the ddram. after the write process is completed, the address is automatically incremented or decremented by 1 in accordance with the entry mode instruction. it must be noted that the entry mode instruction also determines the display shift. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 1 0 d d d d d d d d read data from the cgram or ddram instruction this instruction reads the 8-bit binary data -- dddddddd from the cgram or the ddram. the set cgram address or set ddram address set instruct ion must be executed before this instruction can be performed, otherwise, the first read data will not be valid. rs r/wb db7 db6 db5 db4 db3 db2 db1 db0 1 1 d d d d d d d d free datasheet http:///
mpu interface win0010 provides high-speed 8-bit parallel bi-directional interface with 6800-series or 8080-series and serial interface. user can choice by signal ?ps? and ?c68?. 68 ? series interface (a) 8-bit mode (not available for serial mode) when win0010 interfaces with an 8-bit mpu, db0 to db7 are used. the 8-bit data transfer starts from the four high order bits --db4 to db7 followed by the four low order bits -- db0 to db3. an example of a busy flag check timing in an 8-bit mpu interface is given in the diagram below. rs r/wb e internal operation operating db7 data busy busy idle data instruction write busy flag check busy flag check busy flag check instruction write (b) 4-bit mode (not available for serial mode) win0010 can be configured to interface with a 4-bit mpu and is selected via a program. if the i/o port of the 4-bit mpu from which win0010 is connected to, is capable of transferring 8 bits, then an 8-bit data transfer operation is executed. otherwise, two 4-bit data transfer operations are needed to satisfy one complete data transfer. under the 4-bit data transfer, db4 to db7 are used as bus lines. db0 to db3 are disabled. the data transfer between win0010 and mpu is completed after two 4-bit data have been transferred. the busy flag must be checked (one instruction) after completion of the data transfer (that is, 4-bit data has been transferred twice.). the busy flag must be checked after two 4-bits data transfer has been completed. please refer to the diagram below for a 4-bit data transfer timing sequence. free datasheet http:///
where: 1. ir7=instruction bit 7 2. ir3=instruction bit 3 3. ac3=address counter 3 from the above timing diagram, it is important to note that the busy flag check and the data transfer are both executed twice. 80 ? series interface (a) 8-bit mode free datasheet http:///
(b) 4-bit mode serial interface 3-line series write/read free datasheet http:///
ac characteristics read / write characteristics (8080-series mpu) figure 1. read / write characteristics (8080-series mpu) vdd = 2.7 to 5.5v, ta = -40 to +85 ) item signal symbol min. typ. max. unit remark address setup time address hold time rs t as 80 t ah 80 0 0 - - ns system cycle time t cy 80 300 - - ns pulse width (wrb) rw_wrb t pw 80 (w ) 80 - - ns pulse width (rdb) e_rdb t pw 80 (r) 80 - - ns data setup time data hold time t ds 80 t dh 80 40 15 - - ns read access time output disable time db7 to db0 t acc 80 t od 80 - 10 - 140 100 ns c l = 100pf t as80 t ah80 t cy80 t pw80(r) t pw80(w) t dh80 t ds80 t acc80 t od80 0.1v dd 0.9v dd rs csb db0 to db7 rdb, wrb db0 to db7 free datasheet http:///
read / write characteristics (6800-series microprocessor) figure 2. read / write characteristics (6800-series mpu) (vdd = 2.7 to 5.5v, ta = -40 to +85 ) item signal symbol min. typ. max. unit remark address setup time address hold time rs t as 68 t ah 68 0 0 - - ns system cycle time t cy 68 300 - - ns pulse width (e) e_rdb t pw 68 (w) 80 - - ns pulse width (e) e_rdb t pw 68 (r) 80 - - ns data setup time data hold time t ds 68 t dh 68 40 0 - - ns read access time output disable time db7 to db0 t acc 68 t od 68 - 5 - 70 50 ns c l = 100pf t as68 t ah68 t cy68 t pw68(r) t pw68(w) t dh68 t ds68 t acc68 t od68 0.1v dd 0.9v dd rs csb db0 to db7 e db0 to db7 free datasheet http:///
serial interface characteristics figure 3. serial interface characteristics (vdd = 2.7 to 5.5v, ta = -40 to +85 ) item signal symbol min. typ. max. unit remark serial clock cycle scl high pulse width scl low pulse width db5 (scl) t cys t whs t wls 250 100 100 - - - - - - ns cs1b setup time cs1b hold time csb t css t chs 150 150 - - - - ns data setup time data hold time db7 (sdi) t dss t dhs 100 100 - - - - ns read access time db6 (sdo) t acc s - - 50 ns t css t whs t cys t dss t dhs t chs t wls 0.1v dd 0.9v dd csb db7 (sdi) db5 (scl) db6 (sdo) t accs free datasheet http:///
13. oled lifetime item conditions typ remark operating life time ta = 2 5 /initial 50% check board brightness 125nits 100,000 hrs note notes: 1. simulation pattern for operation test: interchanging with 50% checkboard the brightness decay does not exceed 50% 2. you can use the display off mode to make long life. 3.the average operating lifetime at room temperature is estimated by the accelerated operation at high temperature conditions. free datasheet http:///
14. reliability content of reliability test environmental test test item content of test test condition applicable standard high temperature storage endurance test applying the high storage temperature for a long time. 80 240hrs ?? high temperature operation endurance test applying the electric stress (voltage & current) and the thermal stress to the element for a long time. 80 240hrs ?? low temperature operation endurance test applying the electric stress under low temperature for a long time. -40 240hrs ?? high temperature/ humidity storage endurance test applying the high temperature and high humidity storage for a long time. 60 ,90%rh 240hrs ?? temperature cycle endurance test applying the low and high temperature cycle. -40 25 80 30min 5min 30min 1 cycle -40 /80 100 cycles ?? mechanical test vibration test endurance test applying the vibration during transportation and using. 10~22hz 1.5mmp-p 22~500hz 1.5g total 0.5hrs ?? shock test constructional and mechanical endurance test applying the shock during transportation. 50g half sign wave 11 msedc 3 times of each direction ?? atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air. 115mbar 40hrs ?? others static electricity test endurance test applying the electric stress to the terminal. vs=800v,rs=1.5k ? cs=100pf 1 time ?? ***supply voltage for logic system=5v. supply voltage for lcd system =operating voltage at 25 free datasheet http:///
test and measurement conditions 1. all measurements shall not be started until t he specimens attain to temperature stability. after the completion of the described reliability test, the samples were left at room temperature for 2 hrs prior to conducting the failure test at 235c; 5515% rh. 2. all-pixels-on is used as operation test pattern. 3. the degradation of polarizer are ignored for high temperature storage, high temperature/ humidity storage, temperature cycle evaluation criteria 1. the function test is ok. 2. no observable defects. 3. luminance: > 50% of initial value. 4. current consumption: within 50% of initial value . appendix: residue image because the pixels are lighted in different time, the luminance of active pixels may reduce or differ from inactive pixe ls. therefore, the residue image will occur. to avoid the residue image, every pixel needs to be lighted up uniformly. free datasheet http:///
15. inspection specification no item criterion aql 01 electrical testing 1.1 missing vertical, horizontal segment, segment contrast defect. 1.2 missing character , dot or icon. 1.3 display malfunction. 1.4 no function or no display. 1.5 current consumption exc eeds product specifications. 1.6 oled viewing angle defect. 1.7 mixed product types. 1.8 contrast defect. 0.65 02 black or white spots on oled (display only) 2.1 white and black spots on display Q 0.25mm, no more than three white or black spots present. 2.2 densely spaced: no more than two spots or lines within 3mm. 2.5 3.1 round type : as following drawing =( x + y ) / 2 2.5 03 oled black spots, white spots, contaminatio n (non-display) 3.2 line type : (as following drawing) length width acceptable q ty --- w Q 0.02 accept no dense l Q 3.0 0.02 w Q 0.03 l Q 2.5 0.03 w Q 0.05 2 --- 0.05 w as round type 2.5 04 polarizer bubbles if bubbles are visible, judge using black spot specifications, not easy to find, must check in specify direction. size acceptable q ty Q 0.20 accept no dense 0.20 Q 0.50 3 0.50 Q 1.00 2 1.00 0 to t a l q t y 3 2.5 free datasheet http:///
no item criterion aql 05 scratches follow no.3 oled black spots, white spots, contamination 06 chipped glass symbols define: x: chip length y: chip width z: chip thickness k: seal width t: glass thickness a: oled side length l: electrode pad length: 6.1 general glass chip : 6.1.1 chip on panel surface and crack between panels: z: chip thickness y: chip width x: chip length z Q 1/2t not over viewing area x Q 1/8a 1/2t z Q 2t not exceed 1/3k x Q 1/8a if there are 2 or more chips, x is total length of each chip. 6.1.2 corner crack: z: chip thickness y: chip width x: chip length z Q 1/2t not over viewing area x Q 1/8a 1/2t z Q 2t not exceed 1/3k x Q 1/8a if there are 2 or more chips, x is the total length of each chip. 2.5 free datasheet http:///
no item criterion aql 06 glass crack symbols : x: chip length y: chip width z: chip thickness k: seal width t: glass thickness a: oled side length l: electrode pad length 6.2 protrusion over terminal : 6.2.1 chip on electrode pad : y: chip width x: chip length z: chip thickness y Q 0.5mm x Q 1/8a 0 z Q t 6.2.2 non-conductive portion: y: chip width x: chip length z: chip thickness y Q l x Q 1/8a 0 z Q t if the chipped area touches the ito terminal, over 2/3 of the ito must remain and be inspected according to electrode terminal specifications. if the product will be heat sealed by the customer, the alignment mark not be damaged. 6.2.3 substrate protuberance and internal crack. y: width x: length y Q 1/3l x Q a 2.5 free datasheet http:///
no item criterion aql 07 cracked glass the olcd with extensive crack is not acceptable. 2.5 08 backlight elements 8.1 illumination source flickers when lit. 8.2 spots or scratched that appear when lit must be judged. using oled spot, lines and contamination standards. 8.3 backlight doesn?t light or color wrong. 0.65 2.5 0.65 09 bezel 9.1 bezel may not have rust, be deformed or have fingerprints, stains or other contamination. 9.2 bezel must comply with job specifications. 2.5 0.65 10 pcb cob 10.1 cob seal may not have pinholes larger than 0.2mm or contamination. 10.2 cob seal surface may not have pinholes through to the ic. 10.3 the height of the cob should not exceed the height indicated in the assembly diagram. 10.4 there may not be more than 2mm of sealant outside the seal area on the pcb. and there should be no more than three places. 10.5 no oxidation or contamination pcb terminals. 10.6 parts on pcb must be the same as on the production characteristic chart. there should be no wrong parts, missing parts or excess parts. 10.7 the jumper on the pcb should conform to the product characteristic chart. 10.8 if solder gets on bezel tab pads, oled pad, zebra pad or screw hold pad, make sure it is smoothed down. 2.5 2.5 0.65 2.5 2.5 0.65 0.65 2.5 11 soldering 11.1 no un-melted solder paste may be present on the pcb. 11.2 no cold solder joints, missing solder connections, oxidation or icicle. 11.3 no residue or solder balls on pcb. 11.4 no short circuits in components on pcb. 2.5 2.5 2.5 0.65 free datasheet http:///
no item criterion aql 12 general appearance 12.1 no oxidation, contamination, curves or, bends on interface pin (olb) of tcp. 12.2 no cracks on interface pin (olb) of tcp. 12.3 no contamination, solder residue or solder balls on product. 12.4 the ic on the tcp may not be damaged, circuits. 12.5 the uppermost edge of the protective strip on the interface pin must be present or look as if it cause the interface pin to sever. 12.6 the residual rosin or tin oil of soldering (component or chip component) is not burned into brown or black color. 12.7 sealant on top of the ito circuit has not hardened. 12.8 pin type must match type in specification sheet. 12.9 oled pin loose or missing pins. 12.10 product packaging must the same as specified on packaging specification sheet. 12.11 product dimension and structure must conform to product specification sheet. 2.5 0.65 2.5 2.5 2.5 2.5 2.5 0.65 0.65 0.65 0.65 free datasheet http:///
check item classification criteria no display major missing line major pixel short major darker short major wrong display major un-uniform b/a x 100% < 70% a/c x 100% < 70% major free datasheet http:///
16. precautions in use of oled modules-1 modules (1)avoid applying excessive shocks to module or making any alterations or modifications to it. (2)don?t make extra holes on the printed circuit board, modify its shape or change the components of oled module. (3)don?t disassemble the oledm. (4)don?t operate it above the absolute maximum rating. (5)don?t drop, bend or twist oledm. (6)soldering: only to the i/o terminals. (7)storage: please storage in anti-static electricity container and clean environment. 17.1 handling precautions (1) since the display panel is being made of gl ass, do not apply mechanical impacts such us dropping from a high position. (2) if the display panel is broken by some accident and the internal organic substance leaks out, be careful not to inhale nor lick the organic substance. (3) if pressure is applied to the display surface or its neighborhood of the oled display module, the cell structure may be damaged and be careful not to apply pressure to these sections. (4) the polarizer covering the surface of the oled display module is soft and easily scratched. please be careful when handling the oled display module. (5) when the surface of the polarizer of the ol ed display module has soil, clean the surface. it takes advantage of by using following adhesion tape. * scotch mending tape no. 810 or an equivalent never try to breathe upon the soiled surface nor wipe the surface using cloth containing solvent such as ethyl alcohol, since the surf ace of the polarizer will become cloudy. also, pay attention that the following liquid and solvent may spoil the polarizer: * water * ketone * aromatic solvents (6) hold oled display module very carefully when placing oled display module into the system housing. do not apply excessive stress or pressure to oled display module. and, do not over bend the film with electrode pattern layouts. these stresses will influence the display performance. also, secure sufficient rigidity for the outer cases. free datasheet http:///
(7) do not apply stress to the lsi chips and the surrounding molded sections. (8) do not disassemble nor modify the oled display module. (9) do not apply input signals while the logic power is off. (10) pay sufficient attention to the working environments when handing oled display modules to prevent occurrence of element breakage accidents by static electricity. * be sure to make human body grounding when handling oled display modules. * be sure to ground tools to use or assembly such as soldering irons. * to suppress generation of static electricity, avoid carrying out assembly work under dry environments. * protective film is being applied to the surface of the display panel of the oled display module. be careful since static electricity may be generated when exfoliating the protective film. (11) protection film is being applied to the surface of the display panel and removes the protection film before assembling it. at this time, if the oled display module has been stored for a long period of time, residue adhesive material of the protection film may remain on the surface of the display panel after removed of the film. in such case, remove the residue material by the method introduced in the above section 5. (12) if electric current is applied when the oled display module is being dewed or when it is placed under high humidity environments, the el ectrodes may be corroded and be careful to avoid the above. 8.2 storage precautions (1) when storing oled display modules, put them in static electricity preventive bags avoiding exposure to direct sun light nor to light s of fluorescent lamps. and, also, avoiding high temperature and high humidity environment or low temperature (less than 0c) environments. (we recommend you to store these modules in the packaged state when they were shipped from winstar technology inc. at that time, be careful not to let water drops adhere to the packages or bags nor let dewing occur with them. (2) if electric current is applied when water drops are adhering to the surface of the oled display module, when the oled display module is being dewed or when it is placed under high humidity environments, the electrodes may be corroded and be careful about the above. 8.3 designing precautions (1) the absolute maximum ratings are the ratings which cannot be exceeded for oled display module, and if these values are exceeded, panel damage may be happen. (2) to prevent occurrence of malfunctioning by noise, pay attention to satisfy the vil and vih specifications and, at the same time, to make the signal line cable as short as possible. (3) we recommend you to install excess current preventive unit (fuses, etc.) to the power circuit (vdd). (recommend value: 0.5a) (4) pay sufficient attention to avoid occurrence of mutual noise interference with the neighboring devices. (5) as for emi, take necessary measures on the equipment side basically. (6) when fastening the oled display module, fasten the external plastic housing section. (7) if power supply to the oled display module is forcibly shut down by such errors as taking out the main battery while the oled display panel is in operation, we cannot guarantee the quality of this oled display module. free datasheet http:///
* connection (contact) to any other potential than the above may lead to rupture of the ic. precautions in use of oled modules-2 (1)avoid applying excessive shocks to module or making any alterations or modifications to it. (2)don?t make extra holes on the printed circuit board, modify its shape or change the components of oled module. (3)don?t disassemble the oledm. (4)don?t operate it above the absolute maximum rating. (5)don?t drop, bend or twist oledm. (6)soldering: only to the i/o terminals. (7)storage: please storage in anti-static electricity container and clean environment. free datasheet http:///
8.4 precautions when disposing of the oled display modules 1) request the qualified companies to handle i ndustrial wastes when disposing of the oled display modules. or, when burning them, be sure to observe the environmental and hygienic laws and regulations. 8.5 other precautions (1) when an oled display module is operated for a long of time with fixed pattern may remain as an after image or slight contrast deviation may occur. nonetheless, if the operation is interrupted and left unused for a while, normal state can be restored. also, there will be no problem in the reliability of the module. (2) to protect oled display modules from performan ce drops by static electricity rapture, etc., do not touch the following sections whenever possible while handling the oled display modules. * pins and electrodes * pattern layouts such as the tcp & fpc (3) with this oled display module, the oled driver is being exposed. generally speaking, semiconductor elements change their characteristics when light is radiated according to the principle of the solar battery. consequently, if this oled driver is exposed to light, malfunctioning may occur. * design the product and installation method so that the oled driver may be shielded from light in actual usage. * design the product and installation method so that the oled driver may be shielded from light during the inspection processes. (4) although this oled display module stores the operation state data by the commands and the indication data, when excessive external noise, etc. enters into the module, the internal status may be changed. it therefore is necessary to take appropriate measures to suppress noise generation or to protect from influences of noise on the system design. (5) we recommend you to construct its software to make periodical refreshment of the operation statuses (re-setting of the commands and re-transference of the display data) to cope with catastrophic noise. (6)resistors,capacitors and other passive components will have different appearance and color caused by the different supplier. (7)our company will has the right to upgrade and modify the product function. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of WEG010016ELPP5N00000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X