Part Number Hot Search : 
CF50603 B360B 2SD12 MHW1915 HEF4086B 5NF06 M27V512 FST20150
Product Description
Full Text Search
 

To Download VTB1113H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27 vtb process photodiode vtb1112b h , 1113bh product description small area planar silicon photodiode in a lensed, dual lead to-46 package. the package incorporates an infrared rejection filter. cathode is common to the case. these diodes have very high shunt resistance and have good blue response. package dimensions inch (mm) case 19 to-46 lensed hermetic chip active area: .0025 in 2 (1.60 mm 2 ) absolute maximum ratings storage temperature: -40c to 110c operating temperature: -40c to 110c electro-optical characteristics @ 25c (see also vtb curves, pages 21-22) symbol characteristic test conditions vtb1112bh vt b1113bh units min. typ. max. min. typ. max. i sc short circuit current h = 100 fc, 2850 k 3.0 6.0 3.0 6.0 a tc i sc i sc temperature coefficient 2850 k .02 .08 .02 .08 %/c v oc open circuit voltage h = 100 fc, 2850 k 420 420 mv tc v oc v oc temperature coefficient 2850 k -2.0 -2.0 mv/c i d dark current h = 0, vr = 2.0 v 100 20 pa r sh shunt resistance h = 0, v = 10 mv .25 7.0 g ? tc r sh r sh temperature coefficient h = 0, v = 10 mv -8.0 -8.0 %/c c j junction capacitance h = 0, v = 0 .31 .31 nf range spectral application range 330 720 330 720 nm p spectral response - peak 580 580 nm v br breakdown voltage 2 40 2 40 v 1/2 angular resp. - 50% resp. pt. 15 15 degrees nep noise equivalent power 5.3 x 10 -14 (typ.) 1.1 x 10 -14 (typ.) d* specific detectivity 2.4 x 10 12 (typ.) 1.2 x 10 13 (typ.) whz ? cm hz w ? excelitas technologies, 22001 dumberry, vaudreuil, canada j7v 8p7 phone: 877-734-6786 fax: 450-424-3413 w ww.excelitas.com


▲Up To Search▲   

 
Price & Availability of VTB1113H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X