Part Number Hot Search : 
BU400 AHE8I 7C1462A 284168 M27C32 C1317 PC817X LQ104V1
Product Description
Full Text Search
 

To Download STN1304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STN1304 n channel enhancement mode mosfet 2.0a stanson technology 120 bentley square, mountain view, ca 94040 usa www.stansontech.com STN1304 2005. v1 description STN1304 is the n-channel logic enhancement mode pow er field effect transistor which is produced using high cell density, dmos trench te chnology.this high density process is especially tailored to minimize on-state resista nce.these devices are particularly suited for low voltage application such as cellular phone and notebook computer power management, other battery powered circuits, a nd low in-line power loss are required. the product is in a very small outline su rface mount package. pin configuration sot-323 1.gate 2.source 3.drain part marking sot-323 y: year code a: process code feature  20v/2.0a, r ds(on) = 225m? @vgs = 4.5v  20v/1.5a, r ds(on) = 315m? @vgs = 2.5v  20v/1.0a, r ds(on) = 425m? @vgs = 4.5v  super high density cell design for extremely low r ds(on)  exceptional on-resistance and maximum dc current capability  sot-323 package design 3 1 2 d g s 3 1 2 04ya
STN1304 n channel enhancement mode mosfet 2.0a stanson technology 120 bentley square, mountain view, ca 94040 usa www.stansontech.com STN1304 2005. v1 absoulte maximum ratings (ta = 25 unless otherwise noted ) parameter symbol typical unit drain-source voltage v dss 20 v gate-source voltage v gss 12 v continuous drain currenttj=150 ) t a =25 t a =70 i d 2.0 1.5 a pulsed drain current i dm 10 a continuous source current (diode conduction) i s 1.6 a power dissipation t a =25 t a =70 p d 1.25 0.8 w operation junction temperature t j 150 storgae temperature range t stg -55/150 thermal resistance-junction to ambient r ja 105 /w
STN1304 n channel enhancement mode mosfet 2.0a stanson technology 120 bentley square, mountain view, ca 94040 usa www.stansontech.com STN1304 2005. v1 electrical characteristics ( ta = 25 unless otherwise noted ) parameter symbol condition min typ max unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =250ua 20 v gate threshold voltage v gs(th) v ds =vgs,i d =250ua 0.35 1.0 v gate leakage current i gss v ds =0v,v gs = 12v 100 na v ds =20v,v gs =0v 1 zero gate voltage drain current i dss v ds =20v,v gs =0v t j =55 5 ua drain-source on-resistance r ds(on) v gs =4.5v,i d =2.0a v gs =2.5v,i d =1.5a v gs =1.8v,i d =1.0a 0.150 0.210 0.320 0.225 0.315 0.425 forward transconductance g fs v ds =10v,i d =1.2a 10 s diode forward voltage v sd i s =0.5a,v gs =0v 0.80 1.2 v dynamic total gate charge q g 1.2 1.5 gate-source charge q gs 0.2 gate-drain charge q gd v ds =10v v gs =4.5v i d 0.7a 0.3 nc input capacitance c iss 110 output capacitance c oss 34 reverse transfer capacitance c rss v ds =10v v gs =0v f=1mh z 16 pf 5 10 turn-on time t d(on) tr 8 15 10 18 turn-off time t d(off) tf v dd =10v r l =10 i d =1.0a v gen =4.5v r g =6 1.2 2.8 ns
STN1304 n channel enhancement mode mosfet 2.0a stanson technology 120 bentley square, mountain view, ca 94040 usa www.stansontech.com STN1304 2005. v1 typical characterictics (25 unless noted)
STN1304 n channel enhancement mode mosfet 2.0a stanson technology 120 bentley square, mountain view, ca 94040 usa www.stansontech.com STN1304 2005. v1 typical characterictics (25 unless noted)
STN1304 n channel enhancement mode mosfet 2.0a stanson technology 120 bentley square, mountain view, ca 94040 usa www.stansontech.com STN1304 2005. v1 sot-323 package outline


▲Up To Search▲   

 
Price & Availability of STN1304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X