Part Number Hot Search : 
D7G83 16TTS12 KTC3199M A1209 MZT3326 LBS06004 APM3007N 2N6079
Product Description
Full Text Search
 

To Download SSF6814 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? silikron semiconductor c orporation 20 10 . 08.27 version: 2 . 2 pa ge 1 of 5 ssf 68 14 absolute maximum ratings parameter max. units i d @t c = 25 ? c continuous d rain c urrent,vgs@10v 60 a i d @t c = 1 0 0 ? c continuous d rain c urrent,vgs@10v 42 i dm pulsed d rain c urrent 240 p d @t c = 2 5 ? c power d issipation 1 08 w linear d erating f actor 0.74 w / ? c v gs gate - to - source v oltage 20 v e as single p ulse a valanche e nergy 154 mj e ar repetitive avalanche energy tbd t j t stg operating junction and storage temperature range C 5 5 to +1 75 ? c thermal resistan ce parameter min. typ. max. units r jc junction - to - case 1. 39 ? c/w r ja junction - to - a mbient 62 electrical characteristics @tj=25 ? c ( unless otherwise specified) parameter min. typ. max. units test conditions bv dss drain - to - source b reakdown v oltage 6 8 v v gs =0v,i d =250a r ds(on) static drain - to - source o n - resistance 12 1 4 m v gs =10v,i d = 3 0 a v gs(th) gate t hreshold v oltage 2.0 4.0 v v ds =v gs ,i d =250a g fs forward t ransconductance 60 s v ds = 5 v,i d = 30 a i dss drain - to - source l eakage current 2 a v ds = 68 v ,v gs =0v 1 0 v ds = 68 v , v gs =0v,t j =1 5 0 ? c i gss gate - to - source f orward leakage 100 na v gs =20v gate - to - source r everse leakage - 100 v gs = - 20v ssf 6 8 14 top view (to220) id = 60 a bv= 68 v rdson= 1 4 m ? advanced trench process technology ? a valanche e nergy , 100% test ? fully characterized a valanche voltage and current description: the ssf 6 8 14 is a new generation of middle voltage and high current n C chan nel enhancement mode trench power mosfet. this new technology increases the device reliability and electrical parameter repeatability . ssf 6 8 14 is assembled in high reliability and qualified assembly house. application: ? p ower switching application
? silikron semiconductor c orporation 20 10 . 08.27 version: 2 . 2 pa ge 2 of 5 ssf 68 14 q g total g ate c harge 4 5 nc i d =30a v dd =30v v gs =10v q g s gate - to - source charge 4 q gd gate - to - drain("miller") charge 15 t d(on) turn - on d elay t ime 1 4.6 ns v dd =30v i d =2a ,r l =15 r g =2.5 v gs =10v t r rise t ime 1 4.2 t d(off) turn - off d elay t ime 40 t f fall t ime 7.3 c iss input c apacitance 1480 pf v gs =0v v ds =25v f=1.0mhz c oss output c apacitance 190 c rss reverse t ransfer c apacitance 135 source - drain ratings and characteristic s parameter min. typ. max. units test conditions i s continuous source current (body diode) 60 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current (body diode) 240 v sd diode forward voltage 1. 3 v t j = 2 5 ? c,i s = 40 a,v gs =0v t rr reverse recovery time 33 ns t j = 2 5 ? c,i f = 60 a di/dt=100a/s q rr reverse recovery charge 61 nc t on forward turn - on time intrinsic turn - on time is negligible (turn - on is dominated by ls + ld) gat e charge t est c ircuit: eas test c ircuit: notes: repetitive rating; pu lse width limited by m ax junction temperature. t est condition: l =0. 3 mh, vdd = 34 v ,id=32 a pulse width300s , duty cycle1.5% ; rg = 25 ?? starting tj = 25c v d d r l r g 1 m a v g s v d d b v d s s l r g
? silikron semiconductor c orporation 20 10 . 08.27 version: 2 . 2 pa ge 3 of 5 ssf 68 14 transfer characteristic cap ac i tance on resistance vs. junction temperature br eakdown voltage vs. junction temperature switch waveforms: switch time test circuit
? silikron semiconductor c orporation 20 10 . 08.27 version: 2 . 2 pa ge 4 of 5 ssf 68 14 gate charge source - drain diode forward voltage safe operation area max drain c urrent vs. junction temperature transient thermal impedance curve
? silikron semiconductor c orporation 20 10 . 08.27 version: 2 . 2 pa ge 5 of 5 ssf 68 14 to220 mechanical data:


▲Up To Search▲   

 
Price & Availability of SSF6814

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X