Part Number Hot Search : 
GC4020M5 MPU131 120EI 74ALVC16 HA16114P 4504B 9N03L 1N754
Product Description
Full Text Search
 

To Download SSF6808A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? silikron semiconductor c orporation 2008.8. 1 version: 1 . 1 page 1 of 5 ssf 6808 a absolute maximum ratings parameter max. units i d @t c = 25 ? c continuous d rain c urrent,vgs@10v 84 a i d @t c = 1 0 0 ? c continuous d rain c urrent,vgs@10v 76 i dm pulsed d rain c urrent 310 p d @t c = 2 5 ? c power d issipation 1 8 0 w linear d erating f actor 1.5 w / ? c v gs gate - to - source v oltage 20 v dv/dt p eak diode recovery voltage 31 v/ns e as single p ulse a valanche e nergy 4 0 0 mj e ar repetitive avalanche energy tbd t j t stg operating junction and storage temperature range C 5 5 to +1 7 5 ? c thermal resistance parameter min. typ. max. units r jc junction - to - case 0.83 ? c/w r ja junction - to - a mbient 62 electrical characteristics @tj=25 ? c ( unless otherwise specified) parameter min. typ. max. units test conditions bv dss drain - to - source b reakdown v oltage 68 v v gs =0v,i d =250a r ds(on) static drain - to - source o n - resistance 5 8 m v gs =10v,i d = 30 a v gs(th) gate t hreshold v oltage 2.0 4.0 v v ds =v gs ,i d =250a i dss drain - to - source l eakage current 2 a v d s = 68 v ,v gs =0v 1 0 v ds = 68 v , v gs =0v,t j =1 5 0 ? c ssf 6808 a top view (to - 263 ) id = 84 a bv= 68 v rdson= 8 mohm feathers: ? advanced trench process technology ? u ltra low rdson , typical 5 mohm ? h igh a valanche e nergy , 100% test ? fully characterized a valanche voltage and current description: the ssf 6808 a is a new generatio n of middle voltage and high current n C channel enhancement mode trench power mosfet. this new technology increases the device reliability and electrical parameter repeatability . ssf 6808 a is assembled in high reliability and quali fied assembly house . applic ation: ? p ower switching application
? silikron semiconductor c orporation 2008.8. 1 version: 1 . 1 page 2 of 5 ssf 6808 a i gss gate - to - source f orward leakage 100 na v gs =20v gate - to - source r everse leakage - 100 v gs = - 20v q g total g ate c harge 90 nc i d =30a v dd =30v v gs =10v q gs gate - to - source charge 1 8 q gd gate - to - drain("miller") charge 2 8 t d(on) turn - on d elay t ime 18.2 ns v dd =30v i d =2a ,r l =15 r g =2.5 v gs =10v t r rise t ime 15.6 t d(off) turn - off d elay t ime 70.5 t f fall t ime 13.8 c iss input c apacitance 3150 pf v gs =0v v ds =25v f=1.0mhz c oss output c apacitance 300 c rss reverse t ransfer c apacitance 240 source - drain ratings and characteristics pa rameter min. typ. max. units test conditions i s continuous source current (body diode) 84 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current (body diode) 310 v sd diode forward voltage 1. 3 v t j = 2 5 ? c,i s = 6 8 a,v gs =0v t rr reverse recovery time 57 ns t j = 2 5 ? c,i f = 68 a di/dt=100a/s q rr reverse recovery charge 107 nc t on forward turn - on time intrinsic turn - on time is negligible (turn - on is dominated by ls + ld) gate charge t est c ircuit: eas test c ircuit: notes: repetitive rating; pu lse width limited by m ax junction temperature. t est condition: l =0. 3 mh, id = 37 a, vdd = 30 v pulse width300s , duty cycle1.5% ; rg = 25 ?? starting tj = 25c v d d r l r g 1 m a v g s v d d b v d s s l r g
? silikron semiconductor c orporation 2008.8. 1 version: 1 . 1 page 3 of 5 ssf 6808 a figure1: transfer characteristic figure2: cap ac i tance figure3: on resistance vs. junction temperature figure4: breakdown voltage vs. junction temperature switch waveforms: switch time test circuit
? silikron semiconductor c orporation 2008.8. 1 version: 1 . 1 page 4 of 5 ssf 6808 a figure5: gate charge figure6: source - drain diode forward voltage figure7: safe operation area figure8: max drain c urrent vs. junction temperature fi gure9: transient thermal impedance curve
? silikron semiconductor c orporation 2008.8. 1 version: 1 . 1 page 5 of 5 ssf 6808 a to - 2 63 mechanical data:


▲Up To Search▲   

 
Price & Availability of SSF6808A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X