Part Number Hot Search : 
H01N60S LP28007 127141N LET21008 EM73362 DS2411 M1300 NZH6V8B
Product Description
Full Text Search
 

To Download SS310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 v to 200 v symbol ss 32 ss 33 ss 34 ss 35 ss 36 ss 39 ss 310 ss 315 ss 320 unit v rrm 20 30 40 50 60 90 100 150 200 v v rms 14 21 28 35 42 63 70 105 140 v v dc 20 30 40 50 60 90 100 150 200 v i f(av) a t j o c t stg o c - 55 to + 125 - 55 to + 150 -  10 5 note 1: pluse test with pw=300 usec, 1% duty cycle 0.1 operating temperature range storage temperature range - 55 to + 150 ma 0.5 type number maximum average forward rectified current peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) o c/w a maximum instantaneous forward voltage (note 1) @ 3.0a t a =25 : t a =100 : v f 0.5 0.4 0.75 0.65 0.85 0.70 typical thermal resistance i r 0.5 v 70 maximum reverse current @ rated vr t a =25 : t a =100 : t a =125 : 0.95 0.80 i fsm 100 r  jl r  ja 17 55 maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 3.0 major ratings and characteristics i f(av) 3.0 a v rrm i fsm 100 a v f 0.55 v , 0.70 v, 0.85v t j max. 150 c features low profile package ideal for automated placement ultrafast reverse recovery time low power losses, high efficiency low forward voltage drop high surge capability high temperatrue soldering 260 /10 seconds at terminals component in accordance to rohs 2002/95/1 and weee 2002/96/ec mechanical date case: jedec do-214abmolded plastic body over passivated chip terminals: solder plated, solderable per j-std-002b and jesd22-b102d polarity: laser band denotes cathode end http://www.trr-jx.com ss32~ss320 surface mount schottky rectifiers
fig.1 forward current derating curve ? ? ? ? ? ? ? ? ? ? ? ?? ? ??? ??? ??? ??? ??? ?? lead temperature ( o c) average forward a current (a) resistive or inductiveload ss35-ss320 ss32-ss34 fig. 2 maximum non-repetitive forward surge current ? ?? ?? ? ?? ??? ? ?? ??? number of cycles at 60 hz peak forward surge a current (a) at rated tl 8.3ms single half sine wave jedec method ss32-ss34 ss35-ss320 fig. 4 typical reverse characteristics ???? ??? ?? ? ?? ??? ? ?? ?? ? ?? ??? ??? ??? percent of rated peak reverse voltage (%) instantaneous reverse a current (ma) ta=25 : ta=75 : ta=125 : ss32-ss34 ss35-ss320 fig. 5 typical junction capacitance ?? ??? ???? ?? ? ?? ??? reverse voltage (v) capacitance (pf) ss32-ss34 ss35-ss36 ss39-ss320 ta=25 : f=1.0mhz vsig=50mvp-p fig. 3 typical forward characterisrics ??? ?? ? ?? ??? ? ?? ?? ? ?? ? ?? ?? ? forward voltage (v) instantaneous forward a current (a) ss32-ss34 ss35-ss36 ss39-SS310 pulse width=300us 1% duty cycle ss315-ss320 fig. 6 typical transient thermal impedance ?? ? ?? ??? ??? ?? ? ?? ??? t-pulse duration(s) transient thermal impedance a ( : /w) 3 http://www.trr-jx.com ss32~ss320 surface mount schottky rectifiers characteristic curves (t a =25 unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of SS310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X