Part Number Hot Search : 
MB8841 1206D RD27MW LT450BW NJM2533 SMBJ30A L4148 VDZ24B
Product Description
Full Text Search
 

To Download SMART500RT1U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro .5kva line-interactive ups, snmpwebcard option, 1u rack/tower, usb, serial, epo, 120v model number: SMART500RT1U description tripp lite's SMART500RT1U intelligent, line-interactive rack/tower uninterruptible power supply prevents data loss, downtime and equipment damage due to power outages, voltage fluctuations and transient surges. requires only one rack space (1u) in a 2 or 4 post rack, with included accessories for upright tower placement. large internal batteries offer 14.6 minutes half load runtime and 3.2 minutes at full load. maintains regulated 120v nominal output without using battery power during brownouts as low as 90v. 500va/300 watt power handling capability is compatible with networking, telecom and other sensitive electronic applications. includes 6 ups supported outlets with a single outlet load bank that can be individually controlled via software interface to reboot select equipment on demand or shed less significant loads to extend battery runtime for more critical equipment. includes 1 surge-only outlet for peripherals not requiring battery backup. supports simultaneous remote monitoring of ups and site power conditions via built-in usb and db9 monitoring ports. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in accessory slot supports snmp with optional snmpwebcard adapter. emergency power off (epo) interface offers option for instantaneous power-off of ups and connected equipment in the case of fire or emergency situation. multi-function audible alarms and set of 5 front panel leds offer at-a-glance notification of ups and line power status. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges and line noise. attractive all-black color scheme. features tripp lite SMART500RT1U .5 kva / 500va / 300 watt line interactive ups 1u rack / tower compatible form factor nema 5-15p input connection; 7 nema 5-15r output receptacles installed depth of only 11.8 in / 29.8 cm large internal batteries offer runtimes of 14.6 minutes at half load (250va/150 watts) and 3.2 minutes at full load (500va/300 watts) maintains regulated 120v nominal output during brownouts as low as 90v includes 6 ups-supported outlets and 1 surge-only outlet one of the ups supported outlets is switched for remote load shedding or rebooting of an individual device poweralert ups monitoring software enables detailed site power and ups status updates with support for unattended shutdown of connected systems highlights 500va line-interactive 1u rack/tower ups 120v nominal output during brownouts as low as 90v usb, rs232, epo and optional snmp/web card are available for simultaneous use front panel status leds; 1 switched output load bank nema 5-15p input; 7 nema 5-15r outlets package includes SMART500RT1U ups system mounting hardware cabling for usb & db9 monitoring and epo switching poweralert unattended shutdown and ups/power monitoring software instruction manual 1 / 5
as ups batteries become depleted supports detailed monitoring of equipment load levels,self-test data, and utility power condition via built-in rs-232 and usb interfaces hid-compliant usb interface enables integration with built-in power management and auto-shutdown of windows and mac os x optional snmpwebcard offers communications and control via secure remote web and network interfaces supports tripp lite's watchdog software application to restore operation to locked equipment through soft reboot of application, os or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications (requires optional watchdogsw) emergency power off (epo) interface with cable multi-function audible alarms and set of 5 front panel leds network-grade ac surge suppression field-replaceable, hot-swappable internal ups batteries specifications output output volt amp capacity (va) 500 output watt capacity (watts) 300 output power factor 0.6 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -15%, +13% output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 6 5-15r outlet(s) surge suppression only outlets 6 ups outlets, 1 surge-only outlets built-in controllable switched load banks one switchable single-outlet 5-15r load bank output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 5.6a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 15a ups input cord length (ft.) 10 ups input cord length (m) 4.5 recommended electrical service 15a 120v 2 / 5
phase single-phase battery full load runtime (minutes) 3.2 min. (300w) half load runtime (minutes) 14.6 min. (150w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 4 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc62-1u battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with input voltage as low as 90 undervoltage correction input voltages between 90 and 108 are boosted by 14% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure, overload and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 567 joules emi / rfi ac noise suppression yes ac suppression joule rating 567 ac suppression response time instantaneous physical installation form factors supported with included accessories 4 post 19 inch rackmount; 2 post 19 inch rackmount primary form factor rackmount ups / power module dimensions in primary form factor (height x width x depth / inches) 1.7 x 17.5 x 11.8 ups / power module dimensions in primary form factor (height x width x depth / cm) 4.4 x 44.4 x 29.8 3 / 5
rack height 1u ups / power module weight (lbs) 17.6 ups / power module weight (kg) 8 ups shipping dimensions (height x width x depth / inches) 5 x 22.5 x 16 ups shipping dimensions (height x width x depth / cm) 12.7 x 57.2 x 40.6 shipping weight (lbs) 19.9 shipping weight (kg) 9 ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 65.1 battery mode btu / hr. (full load) 287.7 ac mode efficiency rating (100% load) 94% communications communications interface usb (hid enabled); db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 90 high voltage transfer to battery power (setpoint) 136 special features grounding lug back panel grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries 4 / 5
green & high efficiency features individually controllable load banks certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. ct120 instant-read- ac outlet circuit tester 1 dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 dnet1 network surge suppressor - essential protection for data and communication lines 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 envirosense monitors temperature, humidity and contact-closure inputs. (requires snmpwebcard or switched pdu.) 1 pdu1215 basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 ps7224 tripp lite power strip - multiple outlets wherever you need them 1 snmpwebcard for remote monitoring and control via snmp, web, or telnet. 1 u022-010 10-ft. usb2.0 a/b gold device cable (a male to b male) 1 watchdogsw watchdog service monitoring / reboot software 1 wext5-500-1500 5-year extended warranty - for smart line-interactive and online tower or rack models, 1500va or less 1 modbuscard for remote monitoring and control via modbus protocol 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART500RT1U . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART500RT1U


▲Up To Search▲   

 
Price & Availability of SMART500RT1U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X