Part Number Hot Search : 
36230 2SC48 015388 STCF01 TDA1670A 76613 46V32M8 MC74LCX1
Product Description
Full Text Search
 

To Download SMART5000TEL3U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 5kva line interactive sine wave ups, snmpwebcard option, 3u rack/tower, usb, serial, epo, 208v model number: SMART5000TEL3U description tripp lite's SMART5000TEL3U intelligent, line interactive ups protects server, networking and telecommunications equipment from blackouts, voltage fluctuations and surges in a compact rackmount housing. completely self-contained ups system occupies only 3 rack spaces (3u) in a standard 19 inch rack, making this model one of the smallest 5kva ups systems available. included accessories support mounting 4 post rack enclosures. large capacity 5000 va/3750 watt ups system accepts raw ac input, adjusting output to regulated 208v levels. one pair of 120v outlets support up to 600va monitors and other low voltage accessories. includes slot for internal snmp/web card, plus 2 db9 and 2 usb enhanced monitoring ports for unattended shutdown, remote control and monitoring of ups system and power data. five outlets (two l6-20r, one l6-30r and two 5-15r) allow the connection of high current 20 and 30 amp 208v connectors and up to two 120v devices (max 600va at 120v). features large 5000va/3750-watt output capacity accommodates solitary large loads or multiple low-power loads high power density 5kva power module occupies only 3 rack spaces (3u) 16 minutes half-load runtime (with a continuous load 2500va; much longer runtime available at smaller loads) line-interactive voltage regulation corrects severe brownouts and overvoltages without using battery power high voltage output supports 208v server, internetworking and telecom applications pair of 120v outlets supports up to 600va for standard 120v monitors, voicemail and other low-power networking devices five total outlets (two l6-20r, one l6-30r and two 5-15r) diagnostic leds provide visual indication of 17 separate performance conditions included poweralert software provides e-mail or pager notification of power problems and simultaneous automatic unattended shutdown of multiple servers 4 built-in communications ports (2 usb/2 db9) for remote monitoring and unattended shutdown slot for snmp/web card (part#: snmpwebcard) and environmental sensor (part#: envirosense) for remote communications in large ip environments emergency power off (epo) interface for emergency shutoff in large facilities hot-swappable/user-replaceable batteries allow on-site battery replacement through the front panel without powering off connected equipment or highlights 5kva / 5000va line interactive 3u rack/tower ups; sine wave output 208v nominal output during inputs of 174-282v; supports 600va 120v output usb, serial, epo & optional snmp/web card monitoring options 97% line-mode efficiency; hot-swappable internal batteries nema l6-30p input; 2 nema 5-15r, 2 l6-20r & 1 l6-30r outlets package includes SMART5000TEL3U ups system poweralert software and cabling mounting hardware instruction manual 1 / 5
removing the ups from the rack ups ships fully assembled and ready for installation; no time-consuming user battery connections required specifications output output volt amp capacity (va) 5000 output kva capacity (kva) 5 output watt capacity (watts) 3750 output kw capacity 3.8 output power factor 0.8 nominal output voltage(s) supported 120v; 208v nominal voltage details 120v output is limited to 600va / 450 watts (maximum) frequency compatibility 60 hz output voltage regulation (line mode) 208 & 120v (-6%, +20%) output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 2 5-15r outlet(s); 2 l6-20r outlet(s); 1 l6-30r outlet(s) output receptacle details 120v 5-15r outlets are limited to 600va / 450 watts (maximum) output circuit breaker 20a double pole breaker supports l6-20r outlets, 5a breaker supports 5-15r outlets, l6-30r outlet is unbreakered output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (at maximum load) 24a nominal input voltage(s) supported 208v ac ups input connection type l6-30p ups input cord length (ft.) 10 ups input cord length (m) 3 recommended electrical service 30a 208v phase single-phase battery full load runtime (minutes) 8.5 min. (3750w) half load runtime (minutes) 20 min. (1875w) 2 / 5
dc system voltage (vdc) 48 battery recharge rate (included batteries) less than 4 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc94-3u (quantity 3) battery access front panel battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 167 to 260 overvoltage correction input voltages between 228v and 260v are reduced by 12% undervoltage correction input voltages between 167v and 194v are boosted by 12% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure, overload and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 1020 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories 4 post 19 inch rackmount installation form factors supported with optional accessories 2 post rackmount (2postrmkitwm); tower (2-9ustand) primary form factor rackmount ups / power module dimensions in primary form factor (height x width x depth / inches) 5.25 x 17.5 x 25 ups / power module dimensions in primary form factor (height x width x depth / cm) 13.3 x 44.4 x 63.5 rack height 3u secondary form factor tower (requires 2-9ustand ) ups / power module weight (lbs) 143.3 ups / power module weight (kg) 65.1 3 / 5
ups shipping dimensions (height x width x depth / inches) 11.2 x 23 x 31.5 ups shipping dimensions (height x width x depth / cm) 28.6 x 58.4 x 80 shipping weight (lbs) 181.9 shipping weight (kg) 82.6 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 366 ac mode efficiency rating (100% load) 97% communications communications interface usb; db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 7 milliseconds (ac to battery), 1 millisecond (battery to ac) low voltage transfer to battery power (setpoint) 167 high voltage transfer to battery power (setpoint) 260 special features grounding lug back panel grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green & high efficiency features greater than 95% efficiency - green ups certifications 4 / 5
ups certifications tested to ul1778 (usa); tested to csa (canada); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. snmpwebcard for remote monitoring and control via snmp, web, or telnet. 1 envirosense monitors temperature, humidity and contact-closure inputs. (requires snmpwebcard or switched pdu.) 1 u022-010 10-ft. usb2.0 a/b gold device cable (a male to b male) 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 dnet1 network surge suppressor - essential protection for data and communication lines 1 wext5-5000tel 5-year extended warranty - for SMART5000TEL3U only 1 2-9ustand enables tower placement of rackmount ups systems 1 modbuscard for remote monitoring and control via modbus protocol 1 2postrmkithd enables 2-post rackmount installation of 3u and larger ups, transformer and battery pack components 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART5000TEL3U . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART5000TEL3U


▲Up To Search▲   

 
Price & Availability of SMART5000TEL3U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X