Part Number Hot Search : 
MMBD4 TSH95ID 75NF20 ES51999 15GD1 SM15T33A 09231 EHF10B1
Product Description
Full Text Search
 

To Download SMART2200SLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 2.2kva line interactive sine wave ups, snmpwebcard option, tower, usb, serial, epo, 120v model number: SMART2200SLT description 2200va line-interactive tower ups system for server, networking and telecommunications equipment. upright tower form factor. offers sine wave 120v nominal output in both ac and battery modes. switches to battery-derived ac output during power failures and extreme voltage variations. line-interactive automatic voltage regulation (avr) provides voltage boost/cut during brownouts/overvoltages to maintain regulated 120v nominal output over an input voltage range of 83-145v. includes nema 5-20p input plug and 7 ups-supported (6 x 5-15/20r & 1 l5-20r) output receptacles. network-grade ac surge and noise suppression. network management interfaces support simultaneous communications via usb port, db9 serial port and snmpwebcard slot. hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x. supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions via all three network interfaces. includes poweralert power management software and complete cabling. three-stage metered current monitoring and battery charge status leds. utility power and voltage regulation, and battery warning leds. audible alarm. self-test. field-replaceable, hot-swappable internal batteries. attractive all-black color scheme. features smartpro line-interactive ups system is ideal for voice, data, medical and industrial networking applications line-interactive voltage regulation maintains selectable 120v nominal output during brownouts as low as 83v and overvoltages to 145v enables continuous operation through blackouts, voltage fluctuations and surges line-interactive automatic voltage regulation (avr) provides 12% and 24% voltage boost during brownouts and a 12% voltage cut during overvoltages standard internal battery set offers 13 min. runtime at half load (800w) and 5 min. at full load (1600w) space-saving upright tower format network interfaces support simultaneous communications via built-in usb port, db9 serial port and snmpwebcard slot hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x included poweralert power management software supports safe unattended shutdown, monitoring and control via local connected servers, plus any number of additional servers over ip ups interface supports on-battery, low-battery, power-restored, ac-voltage, dc-voltage, output current monitoring, battery charge current, battery capacity, timed inverter shutoff, activate self-test and output power control nema 5-20p input plug/6 x nema 5-15r and 1 x nema l5-20r output receptacles highlights 2.2kva / 2200va line interactive tower ups; sine wave output 120v nominal output during brownouts to 83 and overvoltages to 145v usb, rs232, epo and optional snmp/web card are available for simultaneous use front panel status leds with detailed load and battery capacity display nema 5-20p input; 6 nema 5-15/20r & 1 l5-20r outlets package includes SMART2200SLT ups system poweralert software and cabling owner's manual 1 / 5
front panel leds provide current monitoring, voltage regulation, battery charge level, and battery warning information ups ships fully assembled in full compliance with dot regulations; no time-consuming connection of internal batteries by user required specifications output output volt amp capacity (va) 2200 output kva capacity (kva) 2.2 output watt capacity (watts) 1600 output kw capacity 1.6 output power factor 0.7 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -18% / +8% output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 6 5-15/20r outlet(s); 1 l5-20r outlet(s) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (at maximum load) 14.8a nominal input voltage(s) supported 120v ac ups input connection type 5-20p input circuit breaker 20a ups input cord length (ft.) 10 ups input cord length (m) 3 recommended electrical service 20a 120v phase single-phase battery full load runtime (minutes) 5 min. (1600w) half load runtime (minutes) 13 min. (800w) dc system voltage (vdc) 48 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% 2 / 5
replacement battery cartridge (internal ups battery replacement) rbc54 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 83v to overvoltages to 145v overvoltage correction input voltages between 127 and 145 are reduced by 12% undervoltage correction input voltages between 96 and 108v are boosted by 12% severe undervoltage correction input voltages between 83 and 95v are boosted by 24% leds alarms & switches led indicators 9 leds indicate line power, battery power, avr, overload and replace battery status - with a 3-led level meter for load and battery charge level alarms audible alarm indicates power failure and overload conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 570 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 10.5 x 8.9 x 12.5 ups / power module dimensions in primary form factor (height x width x depth / cm) 26.7 x 22.5 x 31.8 ups / power module weight (lbs) 57 ups / power module weight (kg) 25.9 ups shipping dimensions (height x width x depth / inches) 14.5 x 13.8 x 18 ups shipping dimensions (height x width x depth / cm) 36.8 x 34.9 x 45.7 shipping weight (kg) 0 3 / 5
cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 286.3 battery mode btu / hr. (full load) 885.6 ac mode efficiency rating (100% load) 95% audible noise audible noise < 50 dba at front side 1 meter communications communications interface usb; db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 83 high voltage transfer to battery power (setpoint) 145 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green & high efficiency features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. 4 / 5
connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance related items optional products model number description qty. dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 dnet1 network surge suppressor - essential protection for data and communication lines 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 envirosense monitors temperature, humidity and contact-closure inputs. (requires snmpwebcard or switched pdu.) 1 pdunv basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 pdu1215 basic pdu / power distribution unit - safe, reliable power distribution for critical networking equipment 1 snmpwebcard for remote monitoring and control via snmp, web, or telnet. 1 u022-010 10-ft. usb2.0 a/b gold device cable (a male to b male) 1 watchdogsw watchdog service monitoring / reboot software 1 wext5-2200-3000 5-year extended warranty - for smart line-interactive and online tower or rack models, 2200-3000va or less 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/SMART2200SLT . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? SMART2200SLT


▲Up To Search▲   

 
Price & Availability of SMART2200SLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X