Part Number Hot Search : 
1N5333B APTGT PZTA93 LTA10 NM422A LF102ES LS204CN 1N524
Product Description
Full Text Search
 

To Download SM502-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 6, 2011 obsolete datatronic: 28151 highway 74, romoland, ca 92585 tel: 951-928-7700, fa x: 951-928-7701, e-mail: ddisales@datatronics.com 499 king?s road, hong kong tel: (852) 2562 3858, ( 852) 2564 84 77 fax: (852) 2565 7214, (852) 2563 1290 all specification are subj ect to change without notice. this part is obsolete, the sm501-1 is a possible replacement ( inventory available letter www.datatronics.com/pdf/SM502-1-inventory-available.pdf ) surface mount telecom transformer SM502-1 features ? subminature ? 7.36mm seated height ? vacuum encapsulated ? tested at 4600 vrms ? ul1459 file no. e173817 insulation system ? weight ? 2 gram ? en60950 recognized file e173817 ? babt approval no. crc 0047 ? operating temperature -20c to +85c ? storage temperature -20c to +85c applications ? modems ? telecommunications ? laptop computers ? instrumentation electrical specifications at 25c impedance primary secondary 600 ? 600 ? shunt inductance (min) shunt loss (min) 3.8 h 7500 ? turns ratio 1 : 1 leakage inductance @1khz (typ) 7 mh insertion loss @2khz (max) frequency response @200-4000hz (max) 3.0 db 0.25 db unbalance d.c. current dc resistance* primary ( 15%) 0 ma 150 ? return loss @200-4000hz (min) longitudinal balance (min) distortion (typ) power level 24 db 80 db -85 db 10 dbm secondary ( 15%) insulation resistance @500vdc (min) dielectric strength for 1 minute 150 ? 100 m ? 4600 vrms note : for use with recommended circuit (bs 6305 impedance class a non-speech or class b speech) * SM502-1 is symmetrical meaning ther e is no real primary or secondary winding. **SM502-1 is identical to sm-lp5002. sm-lp5002 is european version. terminal finish is compliant to rohs requirements . solder in accordance with j-std-020d outline dimensions recommended circuits 600 ohm matching (speech) 1 : 1 600 ? 6.8 ? 430 ? ? ? ? 2% 6.8 nf ? ? 5% line 6.8 nf ? ? 5% bs6305 class (a) matching (non-speech) 1 : 1 370 ? ? ? ?? 5% 560 ? ?? 5% 680 ? ? ? SM502-1 date 1 2 3 4 5 6 12. 5 0.60 t yp 0.60 typ 9.60 all dimensions in millimeters tolerance : xx =+/ 0 25mm 7.36 leads coplanarity = 0.15 mm maximum 1 3 6 4 pri s e c schematic n/c n/c 2.50 x 0.95 suggested pcb layout 2.54 5.08 12.0


▲Up To Search▲   

 
Price & Availability of SM502-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X