Part Number Hot Search : 
ATS03 DS250 AJN2145 MC680 5269BUR GP1002 00060 20500
Product Description
Full Text Search
 

To Download SBL2045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbl2030ct thru 2060ct maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inducti ve load. for capacitive load, derate current by 20% features metal of silicon rectifier,majority carrier conduct on guard ring for transient protection low power loss, high efficiency high current capability, low vf high surge capacity plastic package has ul flammability classification 94v-0 for use in low voltage,high frequency inverters,fre e whelling,and polarity protection applications mechanical data case : to-220ab molded plastic polarity : as marked on the body weight : 0.08 ounces, 2.24 grams mounting position : any max. mounting torque = 0.5 n.m (5.1 kgf.cm) notes : 1. 300us pulse width, 2% duty cycle. 2. measured at 1.0mhz and applied re verse voltage of 4.0v dc. 3.thermal resistance junction to cas e. v rms v dc v rrm i (av) i fsm v f maximum average forward rectified current (see fig.1) @t c = 95 c peak forward surge current 8.3ms single half sine-wave super imposed on rated load maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 10a dc (note 1) 20 225 0.55 t j operating temperature range -55 to +125 c t stg storage temperature range -55 to +150 c typical thermal resistance (note 3) r 0jc 2.0 c/w c j typical junction capacitance per element (note 2) 600 pf i r @t j =100 c maximum dc reverse current at rated dc blocking voltage @t j =25 c 1 50 ma v a a v unit v v characteristics symbol sbl 2045ct 45 31.5 45 sbl 2040ct 40 28 40 sbl 2035ct 35 24.5 35 sbl 2030ct 30 21 30 sbl 2050ct 50 35 50 sbl 2060ct 60 42 60 0.70 to-220ab all dimensions in millimeter to-220ab dim. min. max. a c d e f gh b 14.22 15.88 10.67 9.65 2.54 3.43 6.86 5.84 8.26 9.28 - 6.35 12.70 14.73 0.51 2.79 n m l k j i 1.14 2.29 0.64 0.30 3.53 4.09 3.56 4.83 1.14 1.40 2.92 2.03 pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h pin 1 3 2 schottky barrier rectifiers reverse voltage - 30 to 60 volts forward current - 20 amperes semiconductor lite-on rev. 4, aug-2007, kthc06
rating and characteristic curves sbl2030ct thru sbl2060ct fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 150 200 250 300 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 5 0 50 20 175 percent of rated peak reverse voltage (%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0 0.01 1.0 10 1000 100 60 80 100 t j = 125 c 0.1 t j = 25 c 8.3ms single half-sine-wave 15 0 10 resistive or inductive load t j = 75 c instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.3 0.7 0.8 1.0 10 100 0.4 0.5 0.6 0.1 1.0 0.9 pulse width 300ua instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.1 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c sbl2030ct ~ SBL2045CT fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 10000 1000 100 0.1 case temperature , c 4 sbl2050ct ~ sbl2060ct t j = 25 c, f= 1mhz


▲Up To Search▲   

 
Price & Availability of SBL2045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X