Part Number Hot Search : 
CD5022GO M7CA005 768KHZ 0LVEL TSM3460 KRC120 SI7942DP 1N4751A
Product Description
Full Text Search
 

To Download S1D13709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  S1D13709 embedded memory graphics lcd controller descriptions the S1D13709 is a simple, multi-purpose graphics/text lcd c ontroller with 32kbyte embedded sram display buffer which supports both tft and stn panels. designed as a functional replacement for the s1d 13700, the S1D13709 has a tft interface supported up to wvga panel. also from software point of view, a system using stn panel designed with the s1d13700 can be easily migrate to a tft panel system with the S1D13709 because t he register set of the S1D13709 is fully compatible with the s1d13700. the S1D13709 allows layered text and graphics, scrolling of the display in any direction, and partitioning of the display into multiple screens. it includes 32k bytes of embedded sram display memory which is used to store text, character codes, and bit-mapped graphics. the s1d 13709 handles display controller functions including: transferring data from the controlling mi croprocessor to the buffer memory, reading memory data, converting data to display pixels, and generating timing signals for the lcd panel. the S1D13709 is designed with an internal character gener ator which supports 160, 5x 7 pixel characters in internal mask rom (cgrom) and 64, 8x8 pixel characte rs in character generator ram (cgram). when the cgrom is not used, up to 256, 8x16 pixel characters are supported in cgram. ? features cpu interface ? 8-bit cpu data bus interface ? direct/indirect address bus support display support ? stn-lcd interface display mode: 4-bit gray scale maximum support size: 640x240 at 1 bpp 320x240 at 2 bpp 240x160 at 4 bpp ? tft-lcd interface display mode: 4-bit gray scale, 16 color palette resolutions up to: 800x480 using up-scaler display features ? gray shade support for: 1/2/4 bit-per-pixel (up to 16 gray shades) ? text, graphics, and combined text/graphics display modes ? three overlapping screens in graphics mode ? programmable cursor control (hardware cursor) ? smooth horizontal and vertical scrolling of all or part of the display ? character rom/ram 160, 5x7 pixel characters in embedded mask-programmed character generator rom up to 256, 8x16 pixel characters in embedded character generator ram ? up-scaler for tft interface pre-programmed setting for tft typical resolution ? software for s1d13700 can be used without re-design memory interface ? embedded 32k byte sram display buffer clock ? two terminal crystal or single oscillator input ? embedded pll to generate tft clock power ? software initiated power save mode ? low power consumption ? flexible power supply configuration: core v dd pll 3.0 to 5.5 volts. vdd 3.0 to 5.5 volts. nio vdd 3.0 to 5.5 volts (lcd interface). hio vdd 3.0 to 5.5 volts (cpu interface). operating temperature range ? -40 ~ 85 package ? tqfp14- 80pin, 0.5mm pin pitch
S1D13709 ? functional block diagram display memory 32 kbytes host interface tft interface stn interface pll up- scaler display func t ion cursor overlay scrolling cgrom / ram tft / stn lcd S1D13709 cpu notice: no part of this material may be reproduced or duplicated in any fo rm or by any means without the written permission of seiko ep son. seiko epson reserves the right to make changes to this material without notice. seiko ep son does not assume any liability of any kin d arising out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there i s no representation that this material is applicable to pr oducts requiring high level reliability, such as, medical products. moreover, no license to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in accord ance with this material will be free from any patent or copyright infringement of a third party. when exporting the products or technology des cribed in this material, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you are requested not to use, to resell, to export and/or to otherwise dispose of the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. all brands or product names mentioned herein are trademarks and/ or registered trademarks of t heir respective companies. ? seiko e p son cor p oration 2013 , all ri g hts reserved epson semiconductor website http://www.epson.jp/device/semicon_e/ microdevices operations division ic sales & marketing department 421-8 hino, hino-shi, tokyo 191-8501, japan phone: +81-42-587-5814 fax: +81-42-587-5117 document code: 412602000 first issue aug, 2013 in japan 2


▲Up To Search▲   

 
Price & Availability of S1D13709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X