7/19/2010 pacific silicon sensor series 7 data sheet part description ps100-7-sm order # 01-009 1.80 2.54 1.00 8.25 1.00 14.50 typ active area: 100mm 2 (10.0mm x 10.0mm) 16.50 max 1.5 0.90 1 11.00 sq 67 8910 54 3 21 typ typ frontside view backside view viewing angle 120 lead 8 anode lead 3 cathode features description applications ? 10.0 mm square active area ? low capacitance ? long term stability ? high nir sensitivity 100 mm 2 low capacitance pin photodiode. surface mount packaged with clear epoxy encapsulant. ? laser detection ? instrumentation ? optical remote control ? pulsed light sensor absolute maximum rating spectral response symbol parameter min max units t stg storage temp -20 +80 c t op operating temp -20 +60 c v r(op) reverse operating voltage - 50 v i (peak) peak dc current - 10 ma electro-optical characteristics @ 22 c symbol characteristic test conditions min typ max units i d dark current v r = 12 v --- 5.0 --- na c capacitance v r = 12 v --- 80 --- pf v r = 0 v; = 950 nm --- 0.65 --- responsivity v r = 0 v; = 1064 nm --- 0.20 --- a/w nep noise equivalent power v r = 12 v; = 850 nm; r l = 50 ? --- 3.0 x 10 -14 --- w/hz 1/2 v br breakdown voltage i r = 10 a 30 --- --- v t r rise time v r = 12 v; = 850 nm; r l = 50 ? --- 50 --- ns disclaimer: due to our policy of continued developmen t, specifications are subject to change without notice. package is not suitable for reflow soldering. usa: pacific silicon sensor, inc. 5700 corsa avenue, #105 westlake village, ca 91362 usa phone (818) 706-3400 fax (818) 889-7053 email: sales@pacific-sensor.com www.pacific-sensor.com proud members of the silicon sensor in ternational ag group of companies international sales: silicon sensor international ag peter-behrens-str. 15 d-12459 berlin, germany phone +49 (0)30-63 99 23 10 fax +49 (0)30-63 99 23 33 email: sales@silicon-sensor.de www.silicon-sensor.de 1100 1000 900 800 700 600 500 400 300 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 responsivity (a/w) wavelength (nm) lead 8 lead 3 leads 1, 2, 4, 5, 6, 7, 9, 10 not connected schematic h o r s c o m p l i a n t
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: first sensor: ? PS100-7SM
|