Part Number Hot Search : 
KSR2006 13210 MMST4401 MT8952B C9014 BA10393 10D27 M54610P
Product Description
Full Text Search
 

To Download PC702VXYSZX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pc702vxnszx series/ PC702VXYSZX series pc702vxnszx series/PC702VXYSZX series absolute maximum ratings outline dimensions (unit : mm) *1 pulse width 10 s, duty ratio = 0.004 *2 40 to 60%rh, ac for 1 min *3 for 10 s parameter symbol rating unit forward current peak forward current i f i fm 60 1.5 ma a ma reverse voltage input output v r 6v v power dissipation collector-emitter voltage p 105 collector power dissipation collector current total power dissipation 160 70 50 mw mw mw p tot i c p c v ceo v emitter-collector voltage 6 v eco v collector-base voltage 70 v cbo v emitter-base voltage 6 v ebo v iso (rms) kv 200 isolation voltage operating temperature t opr ? 55 to + 150 ? 55 to + 100 c c storage temperature t stg *2 *3 *1 soldering temperature t sol 260 5 c (ta = 25 c) model line-up model no. t?v(vde0884) safty standard approval ul pc702vxnszx series PC702VXYSZX series * application model no. pc702v * ? 1. programmable controllers 2. facsimiles 3. telephones features applications high collector-emitter voltage type photocoupler 1. high collector-emitter voltage (v ceo :70v) 2. isolation voltage (viso (rms):5kv) 3. ttl compatible output 4. recognized by ul, file no.e64380 approved by t?v (vde0884)( PC702VXYSZX series ) 5. 6-pin dip package notice in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occ ur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. internet internet address for electronic components group http://www.sharp.co.jp/ecg/ internal connection diagram anode mark rank mark pc702v 0.5 typ. anode cathode nc emitter collector base = 0 to 13 ? 6.5 0.3 0.6 0.2 1.2 0.3 7.12 0.3 2.9 0.5 0.5 0.1 2.54 0.25 3.25 0.5 3.5 0.5 7.62 0.3 0.26 0.1 1 1 2 3 4 5 6 2 3 6 5 4 6 5 4 1 2 3
pc702vxnszx series/PC702VXYSZX series parameter conditions input forward voltage i f = 60ma terminal capacitance output v ce = 10v, i f = 0 collector current i f = 10ma, v ce = 5v transfer charac- teristics collector-emitter saturation voltage i f = 10ma, i c = 2.5ma isolation resistance dc500v, 40 to 60%rh floating capacitance v = 0, f = 1mhz response time rise time fall time min. ? ? ? 4.0 ? 5 10 10 ? ? ? typ. 1.4 30 ? 0.25 10 11 0.6 2 2 max. 1.7 250 5 10 ? 8 ? 32.0 0.4 ? 1.0 7 8 collector dark current symbol v f c t i ceo i c v ce(sat) c f t r t f r iso v = 0, f = 1khz unit v reverse current v r =6v ?? 10 i r a a ma v ? pf pf s s i f = 10ma, v cc = 5v r l = 75 ? , r be = (ta = 25 ? c) cut-off frequency ? 150 ? f c khz i f = 10ma, v cc = 5v, r l = 75 ? , r be = , ? 3db *4 classification table of collector current is shown below. *4 electro-optical characteristics model no. i c (ma) 4.0 to 8.0 rank mark pc702v1nszx a 6.3 to 12.5 pc702v2nszx b 10.0 to 20.0 pc702v3nszx c 16.0 to 32.0 pc702v4nszx d 4.0 to 12.5 pc702v5nszx a or b 6.3 to 20.0 pc702v6nszx b or c 10.0 to 32.0 pc702v7nszx c or d 4.0 to 32.0 pc702v0nszx a, b, c or d *5 PC702VXYSZX series are equivalent. measuring conditions i f = 10ma v ce = 5v t a = 25 c *5 0 ? 55 20 ? 25 0 25 50 75 100 125 40 60 80 forward current i f (ma) ambient temperature t a ( ? c) 0 0 125 100 200 50 25 50 75 100 150 160 ? 55 ? 25 collector power dissipation p c (mw) ambient temperature t a ( ? c) fig.1 forward current vs. ambient temperature fig.2 collector power dissipation vs. ambient temperature
pc702vxnszx series/PC702VXYSZX series duty ratio 5 pulse width 10 s t a = 25 ? c 20 100 50 200 500 2 10 ? 3 10 ? 2 52 10 ? 1 525 peak forward current i fm (ma) 2 000 1 000 1 50 ? c 25 ? c 0 ? c 0 1 2 forward voltage v f (v) 0.5 1 1.5 2 2.5 3 5 10 20 50 100 200 500 ? 25 ? c forward current i f (ma) t a = 75 ? c fig.3 peak forward current vs. duty ratio fig.5 current transfer ratio vs. forward current fig.4 forward current vs. forward voltage fig.7 relative current transfer ratio vs. ambient temperature fig.8 collector - emitter saturation voltage vs. ambient temperature fig.6 collector current vs. collector-emitter voltage 0 1 current transfer ratio ctr (%) 40 80 120 140 100 60 20 25 50 r be = 500k ? 100k ? forward current i f (ma) v ce =5 v t a = 25 ? c 200 160 180 20 10 50 0 i f = 10ma v ce = 5v 150 100 0 255075100 ambient temperature t a ( ? c) relative current transfer ratio (%) ? 55 ? 25 0 ? 55 0.02 i f = 10ma i c = 2.5ma 0.04 0.06 0.08 0.1 0.12 0.14 0.16 ? 25 0 25 50 75 100 collector-emitter saturation voltage v ce(sat) (v) ambient temperature t a ( ? c) 0 0 collector current i c (ma) collector-emitter voltage v ce (v) 5 45 2468 10 15 20 25 30 35 40 10 t a = 25 ? c i f = 30ma 20ma 10ma 5ma 2ma p c (max.)
pc702vxnszx series/PC702VXYSZX series collector dark current i ceo (a) ? 30 20 04060 10 ? 12 80 100 10 ? 11 10 ? 10 10 ? 9 10 ? 8 10 ? 7 10 ? 6 10 ? 13 v ce = 10v ambient temperature t a ( ? c) 0.5 1 0.02 0.1 0.5 t r t f 10 0.2 0.05 2 5 response time t r , t f ( s) i f = 10ma v cc = 5v t a = 25 ? c load resistance r l (k ? ) fig.9 collector dark current vs. ambient temperature fig.13 frequency response fig.11 response time vs. load resistance fig.10 collector-emitter saturation voltage vs. forward current fig.14 test circuit for frequency response fig.12 test circuit for response time voltage gain av (db) frequency f (khz) 0 2 0.5 1 2 5 10 500 200 100 50 20 i f = 10ma v cc = 5v t a = 25 ? c r l = 200 ? 150 ? 75 ? ? 10 ? 8 ? 6 ? 4 ? 2 90% 10% output input r l input output v cc r d t d t s t r t f forward current i f (ma) 0 0 1 2 3 4 5 2.5 5 7.5 10 12.5 1ma 2ma 3ma 5ma 6 i c = 0.5ma t a =25 ? c collector-emitter saturation voltage v ce(sat) (v) v cc r l output r d
115 application circuits notice l the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of sharp's devices. l contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufacturing locations are also subject to change without notice. l observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii)measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: --- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii)sharp devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment --- medical and other life support equipment (e.g., scuba). l contact a sharp representative in advance when intending to use sharp devices for any "specific" applications other than those recommended by sharp or when it is unclear which category mentioned above controls the intended use. l if the sharp devices listed in this publication fall within the scope of strategic products described in the foreign exchange and foreign trade control law of japan, it is necessary to obtain approval to export such sharp devices. l this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. l contact and consult with a sharp representative if there are any questions about the contents of this publication.


▲Up To Search▲   

 
Price & Availability of PC702VXYSZX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X