Part Number Hot Search : 
HD2506 E48B2 SEL6915A SMBJ36CA SMBJ36CA BC808F DELAY SMBJ36CA
Product Description
Full Text Search
 

To Download OMNI1000ISO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  omnismart 1000va tower line-interactive 120v ups with built-in isolation transformer and usb port model number: OMNI1000ISO description tripp lite's OMNI1000ISO offers complete ups protection with built-in line-interactive voltage regulation, intelligent monitoring and unattended shutdown capability. built-in isolation transformer with faraday shield offers full isolation and complete common mode noise rejection. 1000va power-handling capacity supports point-of-sale applications, computers, internetworking equipment and home theater systems during commercial power failures. line-interactive voltage regulation corrects brownouts as low as 81v and overvoltages as high as 143v back to normal 120v levels, reserving battery power for use during complete power failures. built-in usb communications port works with poweralert software and cabling to provide automatic unattended shutdown of connected network and pc applications. features 1000va line-interactive ups with faraday-shielded, low-impedance isolation transformer delivers full isolation from potential damage and performance problems provides immunity from emi/rfi line noise in both normal and common modes. delivers clean signal-reference ground, reducing data errors and audio/video distortion automatic voltage regulation (avr) automatically corrects incoming voltage to keep equipment working through low voltage (brownouts) as low as 81v and overvoltages as high as 143v without consuming battery power supports loads up to 1000va/700w half-load runtime of 24 min. (500va/350w); full load runtime of 8 min. (1000va/700w) 5 diagnostic leds indicate ac present, on battery, voltage correction status, overload and battery low/replace electrostatic discharge (esd) resistance reduces potential static damage to connected electronics built-in usb port and poweralert software (free via web download) provide safe, unattended system shutdown during extended blackouts built-in surge suppression (backed by $200,000 ultimate lifetime insurance u.s., canada, and puerto rico only) safeguards connected equipment against damage surge voltage withstand capability: ansi/ieee c62.41 catagories a & b 6kv/200/500 amp 100khz ringwave and category b biwave surge voltage attenuation: n-g 2000:1, l-g 240:1, l-n 100:1 insertion loss: 65 db n-g from 10khz to 100khz, 45 to 60 db l-g from 10khz to 100khz, 18 to 54 db l-n from 50khz to 500 khz highlights 1000va / 1kva tower 120v line interactive ups with isolation transformer corrects brownouts and overvoltages from 81v to 143v usb port, normal & common mode emi/rfi line noise immunity nema 5-15p input plug and 6 5-15r outlets package includes OMNI1000ISO ups system usb cable instruction manual 1 / 5
6 ups-supported ac outlets; 6-ft. cord optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment specifications output output volt amp capacity (va) 1000 output kva capacity (kva) 1 output watt capacity (watts) 700 power factor 0.7 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 6 5-15r outlet(s) hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 7.6a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 8 min. (700w) half load runtime (min.) 24 min. (350w) dc system voltage (vdc) 36 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% 2 / 5
internal ups replacement battery cartridge rbc53 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 85 to 143 overvoltage correction input voltages between 128 and 143v are reduced by 9% undervoltage correction input voltages between 96 and 107v are boosted by 10% severe undervoltage correction input voltages between 85 and 95v are boosted by 20% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status audible alarm audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 510 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes isolation output isolation transformer professional grade load isolation transformer surge voltage withstand capability ansi/ieee c62.41 categories a & b 6kv/200/500 amp 100khz ringwave and category b biwave surge voltage attenuation n-g 2000:1, l-g 240:1, l-n 100:1 insertion loss 65 db n-g from 10khz to 100khz, 45 to 60 db l-g from 10khz to 100khz, 18 to 54 db l-n from 50khz to 500 khz physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 12.8 x 7.5 x 9.2 ups power module dimensions (hwd, cm) 32.4 x 19 x 23.5 3 / 5
ups power module weight (lbs.) 36.4 ups power module weight (kg) 16.5 ups shipping dimensions (hwd / in.) 18.2 x 13.8 x 12 ups shipping dimensions (hwd / cm) 46.4 x 34.9 x 30.5 shipping weight (lbs.) 40 shipping weight (kg) 18.2 cooling method fan ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 235.4 battery mode btu / hr. (full load) 324.5 ac mode efficiency rating (100% load) 91% communications communications interface usb poweralert software free download from www.tripplite.com communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 81 high voltage transfer to battery power (setpoint) 143 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi) 4 / 5
warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of OMNI1000ISO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X