Part Number Hot Search : 
AAT1123 1T450CH2 MPW2033 A1392 1T450CH2 HT9320C KB834AB MA4P7101
Product Description
Full Text Search
 

To Download MTP20N10E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MTP20N10E tmos power fet 20 amperes ros(on) = 0.15 ohm 100 volts to-220ab rating drain-source voltage drain-gate voltage (rgs ~ 1 m!" gate-source voltage ? continuous ? non-repetitive up < 50 jis) drain current ? continuous ? pulsed total power dissipation (n tc = 25c derate above 25"c operating and storage temperature range symbol vdss vdgr vgs vgsm id iom pd tj, tstg value 100 100 20 40 20 60 100 0.67 -6510 175 unit vdc vdc vdc vpk adc warts w/c c unclamped drain-to-source avalanche characteristics (tj 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (201) 376-2922 (212) 227-6005 fax: (201)376-8960 MTP20N10E electrical characteristics (tc = 25c unless otherwise noted) characteristic symbol max unit off characteristics drain-source breakdown voltage (vqs = 0, id = 0.25 ma) zero gate voltage drain current (vds = rated vdss. vgs = 0) *> tj = 100c static drain-source on-resistance (vqs = 10 vdc, id = 10 adc) drain-source on-voltage (vqs = 10 v) (id - 20 adc) (id = 10 adc, tj = 100*0 forward transconductance (vds = 15 v. id = '0 a| vgs(th) i-ds(on) vds(on) 9fs 2 1.5 - ' - 6 4.5 4 0.15 3.6 3 ? vdc ohm vdc mhos dynamic characteristics input capacitance output capacitance reverse transfer capacitance (vos - 25 v, vgs - o, f = 1 mhz) see figure 16 ciss coss crss ? ? - 1600 600 200 pf switching characteristics* (tj = 100'ci turn-on delay time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain charge (vod = 25 v, id = 0.5 rated id see figure 9 (vds ~ -8 rat8d vdss. id - rated id, vgs = 10 v) see figures 17 and 18 'd(on) tr 'd(off) tf g ogs qgd ? ? - ? 28 (typ) 15 (typ) 13 (typ) so 450 100 200 50 ? - ns nc source drain diode characteristics* forward on-voltage forward turn-on time reverse recovery time (is - rated id vgs = o> vsd ton 'rr 1.4 (typ) 1.9 vdc limited by stray inductance 300 (typ) ? ns internal package inductance internal drain inductance (measured from the contact screw on tab to center of die) (measured from the drain lead 0.25* from package to center of die) internal source inductance (meaiurtd from the source lead 0.25" from package to source bond pad.) l-d ls 3.5 (tvp) 4.5 (typ) 7.5 (typ) - ? nh ?pulm tut: pulh width * 300 nt. duty cycl? * 2%. quality semi-conductors


▲Up To Search▲   

 
Price & Availability of MTP20N10E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X