Part Number Hot Search : 
A104K 2SK1340 002228 ST2602B MV6752 75X02 ST2602B BDV67
Product Description
Full Text Search
 

To Download MMSZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod-123 plastic-encapsulate diode s MMSZ5221B-mmsz52 59 b zener diode features ? planar die construction ? ultra-small surface mount package ? general purpose, medium current ? ideally suited for auto mated assembly processes maximum ratings ( t a =25 unless otherwise specified ) characteristic symbol value unit forward voltage (note 2) @ i f = 10ma v f 0.9 v power dissipation(note 1) p d 35 0 mw thermal resistance, junction to ambient air r ja 3 5 7 /w operating and storage temperature range t j ,t stg -65 ~ +150 notes:1. device mounted on ceramic pcb; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm 2 . 2. tested with pulses, tp 1.0ms. + - sod-123 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a,jun,2011
electrical characteristics ( t a = 25c unless otherwise specified ) zener voltage range (note 2) maximum zener impedance (note 4) maximum reverse current v z @i zt i zt z zt @i zt z zk @i zk i zk i r v r type number code nom(v) min(v) max(v) ma ? ma ua v MMSZ5221B c1 2.4 2.28 2.52 20 30 1200 0.25 100 1.0 mmsz5223b c3 2.7 2.57 2.84 20 30 1300 0.25 75 1.0 mmsz5225b c5 3.0 2.85 3.15 20 30 1600 0.25 50 1.0 mmsz5226b g1 3.3 3.14 3.47 20 28 1600 0.25 25 1.0 mmsz5227b g2 3.6 3.42 3.78 20 24 1700 0.25 15 1.0 mmsz5228b g3 3.9 3.71 4.10 20 23 1900 0.25 10 1.0 mmsz5229b g4 4.3 4.09 4.52 20 22 2000 0.25 5 1.0 mmsz5230b g5 4.7 4.47 4.94 20 19 1900 0.25 5 2.0 mmsz5231b e1 5.1 4.85 5.36 20 17 1600 0.25 5 2.0 mmsz5232b e2 5.6 5.32 5.88 20 11 1600 0.25 5 3.0 mmsz5233b e3 6.0 5.70 6.30 20 7 1600 0.25 5 3.5 mmsz5234b e4 6.2 5.89 6.51 20 7 1000 0.25 5 4.0 mmsz5235b e5 6.8 6.46 7.14 20 5 750 0.25 3 5.0 mmsz5236b f1 7.5 7.13 7.88 20 6 500 0.25 3 6.0 mmsz5237b f2 8.2 7.79 8.61 20 8 500 0.25 3 6.5 mmsz5238b f3 8.7 8.27 9.14 20 8 600 0.25 3 6.5 mmsz5239b f4 9.1 8.65 9.56 20 10 600 0.25 3 7.0 mmsz5240b f5 10 9.50 10.50 20 17 600 0.25 3 8.0 mmsz5241b h1 11 10.45 11.55 20 22 600 0.25 2.0 8.4 mmsz5242b h2 12 11.40 12.60 20 30 600 0.25 1.0 9.1 mmsz5243b h3 13 12.35 13.65 9.5 13 600 0.25 0.5 9.9 mmsz5244b h4 14 13.30 14.70 9.0 15 600 0.25 0.1 10 mmsz5245b h5 15 14.25 15.75 8.5 16 600 0.25 0.1 11 mmsz5246b j1 16 15.20 16.80 7.8 17 600 0.25 0.1 12 mmsz5248b j3 18 17.10 18.90 7.0 21 600 0.25 0.1 14 mmsz5250b j5 20 19.00 21.00 6.2 25 600 0.25 0.1 15 mmsz5251b k1 22 20.90 23.10 5.6 29 600 0.25 0.1 17 mmsz5252b k2 24 22.80 25.20 5.2 33 600 0.25 0.1 18 mmsz5253b k3 25 23.75 26.25 5.0 35 600 0.25 0.1 19 mmsz5254b k4 27 25.65 28.35 5.0 41 600 0.25 0.1 21 mmsz5255b k5 28 26.60 29.40 4.5 44 600 0.25 0.1 21 mmsz5256b m1 30 28.50 31.50 4.2 49 600 0.25 0.1 23 mmsz5257b m2 33 31.35 34.65 3.8 58 700 0.25 0.1 25 mmsz5258b m3 36 34.20 37.80 3.4 70 700 0.25 0.1 27 mmsz5259b m4 39 37.05 40.95 3.2 80 800 0.25 0.1 30 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a,jun,2011


▲Up To Search▲   

 
Price & Availability of MMSZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X