Part Number Hot Search : 
RCP105 00V1C4 BD9825 STK6006 TPS5426 MUN5216 M013TR D1215
Product Description
Full Text Search
 

To Download MAC97A6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mac97a8 MAC97A6 c c 1. description logic level sensitive gate triac intended to be interfaced directly to microcontrollers, logic integrated circuits and other low power gate trigger circuits. product availability: mac97a8 in sot54 (to-92) MAC97A6 in sot54 (to-92) available on request - contact your sales representative. 2. features n blocking voltage to 600 v (mac97a8) n rms on-state current to 0.6 a n sensitive gate in all four quadrants n low cost package. 3. applications n general purpose bidirectional switching n phase control applications n solid state relays. 4. pinning information table 1: pinning - sot54 (to-92), simpli?ed outline and symbol pin description simpli?ed outline symbol 1 main terminal 2 sot54 (to-92) 2 gate 3 main terminal 1 1 3 2 msb0 3 mbl305 1 3 2 1 of 9 product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
5. quick reference data 6. limiting values table 2: quick reference data symbol parameter conditions typ max unit v drm repetitive peak off-state voltage mac97a8 MAC97A6 t j =25to125 c - 600 v t j =25to125 c - 400 v i t(rms) on-state current (rms value) full sine wave; t lead 50 c; figure 5 - 0.6 a i tsm non-repetitive peak on-state current - 8.0 a table 3: limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v drm repetitive peak off-state voltage mac97a8 MAC97A6 t j =25to125 c - 600 v t j =25to125 c - 400 v i t(rms) on-state current (rms value) full sine wave; t lead 50 c; figure 5 - 0.6 a i tsm non-repetitive peak on-state current full sine wave; t j =25 c prior to surge t=20ms - 8.0 a t = 16.7 ms - 8.8 a i 2 ti 2 t for fusing t = 10 ms - 0.32 a 2 s di t /dt repetitive rate of rise of on-state current after triggering i tm = 1.0 a; i g = 0.2 a; di g /dt = 0.2 a/ m s t2+ g+ - 50 a/ m s t2+ g -- 50 a/ m s t2 - g -- 50 a/ m s t2 - g+ - 10 a/ m s i gm gate current (peak value) t = 2 m s max - 1a v gm gate voltage (peak value) t = 2 m s max 5 v p gm gate power (peak value) t = 2 m s max - 5w p g(av) average gate power t case =80 c; t = 2 m s max - 0.1 w t stg storage temperature - 40 +150 c t j operating junction temperature - 40 +125 c 2 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
7. thermal characteristics 7.1 transient thermal impedance table 4: thermal characteristics symbol parameter conditions value unit r th(j-lead) thermal resistance from junction to lead full cycle 60 k/w half cycle 80 k/w r th(j-a) thermal resistance from junction to ambient mounted on a printed circuit board; lead length = 4 mm; figure 1 150 k/w . fig 1. transient thermal impedance from junction to ambient as a function of pulse duration. t p (s) 10 10 -2 10 -4 10 -5 10 -3 10 -1 1 z th(j-a) (k/w) 10 3 10 2 10 1 t p p t 003aaa029 3 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
8. characteristics table 5: characteristics t j =25 c unless otherwise speci?ed symbol parameter conditions min typ max unit static characteristics i gt gate trigger current v d = 12 v; i t = 0.1 a; figure 8 t2+ g+ - 15ma t2+ g -- 25ma t2 - g -- 25ma t2 - g+ - 47ma i l latching current v d = 12 v; i gt = 0.1 a; figure 9 t2+ g+ - 110ma t2+ g -- 510ma t2 - g -- 110ma t2 - g+ - 210ma i h holding current v d = 12 v; i gt = 0.1 a; figure 10 - 110ma v t on-state voltage i t = 0.85 a; figure 11 - 1.4 1.9 v v gt gate trigger voltage v d = 12 v; i t = 0.1 a; figure 7 - 0.9 2 v v d =v drm ; i t = 0.1 a; t j = 110 c 0.1 0.7 - v i d off-state leakage current v d =v drm (max) ; t j = 110 c - 3 100 m a dynamic characteristics dv d /dt critical rate of rise of off-state voltage v d = 67% of v dm(max) ; t case = 110 c; exponential waveform; gate open circuit; figure 12 30 45 - v/ m s dv com /dt critical rate of rise of commutation voltage v d = rated v drm ;t case =50 c; i tm = 0.84 a; commutating di/dt = 0.3 a/ms - 5 - v/ m s t gt gate controlled turn-on time i tm = 1.0 a; v d =v drm(max) ; i g = 25 ma; di g /dt=5a/ m s - 2 -m s 4 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
a = conduction angle t p 20 ms fig 2. maximum on-state dissipation as a function of rms on-state current; typical values. fig 3. maximum permissible non-repetitive peak on-state current as a function of pulse width for sinusoidal currents; typical values. n = number of cycles at f = 50 hz fig 4. maximum permissible non-repetitive peak on-state current as a function of number of cycles for sinusoidal currents; typical values. fig 5. maximum permissible rms current as a function of lead temperature; typical values. 1 0.4 0.2 0 0.6 0.8 1 1.2 p tot (w) i t(rms) (a) 0 0.2 0.4 0.6 0.8 30 60 90 120 a = 180 003aaa036 10 3 10 2 10 1 10 -1 10 -2 10 -4 10 -3 10 -5 t p (s) i tsm (a) 003aaa040 t i tsm time i t j initial = 25 o c max t 10 8 6 4 2 0 11010 2 10 3 i tsm (a) n 003aaa038 t i tsm time i t j initial = 25 o c max t 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 t lead ( o c) i t(rms) (a) 003aaa037 5 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
f = 50 hz; t lead 50 c fig 6. maximum permissible repetitive rms on-state current as a function of surge duration for sinusoidal currents; typical values. fig 7. normalized gate trigger voltage as a function of junction temperature; typical values. fig 8. normalized gate trigger current as a function of junction temperature; typical values. fig 9. normalized latching current as a function of junction temperature; typical values. 3 2.5 2 1.5 1 0.5 0 i t(rms) (a) 10 -3 10 -2 1 10 t surge (s) 003aaa041 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -60 -10 40 90 140 a t j ( o c) 003aaa039 a v gt tj () v gt 25 c () ----------------------- - = -60 -20 20 60 100 140 t j ( o c) 1.5 1 0.5 0 2 2.5 t2+ g+ t2 - g+ t2 - g - t2+ g - 003aaa030 a -60 -20 20 60 100 140 t j ( o c) 1.5 1 0.5 0 2 2.5 003aaa031 a a i gt tj () i gt 25 c () --------------------- - = a i ltj () i l25c () ------------------ = 6 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
fig 10. normalized holding current as a function of junction temperature; typical values. fig 11. on-state current as a function of on-state voltage; typical and maximum values. fig 12. critical rate of rise of off-state voltage as a function of junction temperature; typical values. -60 -20 20 60 100 140 t j ( o c) 1.5 1 0.5 0 2 2.5 003aaa032 a 2 (a) i t 2.0 1.6 1.2 0.8 0.4 0 0.5 1 1.5 2.0 003aaa033 typ max max v t (v) t j = 125 o c t j = 25 o c a i htj () i h25c () ------------------- = 0 10 3 10 2 10 1 100 140 dv d /dt (v/ m s) t j ( o c) 003aaa034 20 40 60 80 120 7 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
9. package outline fig 13. sot54 (to-92). unit a references outline version european projection issue date iec jedec eiaj mm 5.2 5.0 b 0.48 0.40 c 0.45 0.40 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) 2.5 b 1 0.66 0.56 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 to-92 sc-43 97-02-28 a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads sot54 e 1 e 1 2 3 8 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification
10. revision history table 6: revision history rev date cpcn description 01 20010329 - product speci?cation; initial version 9 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com mac97a8 MAC97A6 product specification


▲Up To Search▲   

 
Price & Availability of MAC97A6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X