Part Number Hot Search : 
STZ8047B CMZ15 MJD44H11 AM27S 22182 25ETTS 2005B MM3ZB11
Product Description
Full Text Search
 

To Download LM24014H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  40 LM24014H medium size graphic type lcd module features n 13 cm [5.2"] stn n wide temperature range n transflective type topr : 0 to +45 c, tstg : -25 to +60 c n el backlight is optionally available specifications parameter unit parameter unit display size 13 [5.2] cm [ "] brightness - cd/m 2 dot format (h x v) 240 x 64 dot duty ratio 1/64 - dot pitch (h x v) 0.53 x 0.53 mm backlight type el - active area (h x v) 127.2 x 33.9 mm power consumption panel 75 mw panel type stn - backlight - mw panel mode transflective - outline dimensions (w x h x d) 180.0 x 65.0 x 10.5 mm color gray color weight 120 g contrast ratio 7 : 1 - operating temperature 0 to +45 c response time 450 [-] ms storage temperature -25 to +60 c remark: built-in lcd controller/cg-rom outline dimensions unit : mm 54 viewing area 7.5 22.86 16 10 10.5 max 8.5 max (1.6) 4.8 0.53 0.48 180 176 155.5 11.3 2 21.7 65 58 39 24.4 11 2.54 20- 1 2 10 a 8.5 (2.54px9) 4-r1.75 0.48 0.53 a point 132.6 pin 1 2 pin 2 pin 20 4-r1.5 active area 127.15x33.87 132.6x39


▲Up To Search▲   

 
Price & Availability of LM24014H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X