Part Number Hot Search : 
LTC3528 AD836807 DA2822L N2800 DTA113TL C2500 HYB511 SNC31205
Product Description
Full Text Search
 

To Download KP4010S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date 01/20/2010 no.61p20007 cosmo electronics corporation photocoupler KP4010S sheet 1 of 6 rev. 1 high reliability photocoupler z features 1. high current transfer ratio (vceo 300v min) ( ctr min. 600% at if=1ma v ce =2v ) 2. high isolation voltage between input and output ( viso 5000vrms ) 3. compact surface mount type package. z application 1. system appliances, measuring instruments. 2. industrial robots. 3. copiers, automatic vending machines. 4. signal transmission betw een circuits of different potentials and impedances. 5. telephone sets. 6. copiers, facsimiles. 7. interface with various power supply circuits, power distribution boards. 8. numerical control machines.
product specification date 01/20/2010 no.61p20007 cosmo electronics corporation photocoupler KP4010S sheet 2 of 6 rev. 1 z outside dimension unit ( mm ) date code 4010 xxx ctr rank tolerance 0.2mm z schematic top view 1 2 4 3 1. anode 2. cathode 3. emitter 4. collector
product specification date 01/20/2010 no.61p20007 cosmo electronics corporation photocoupler KP4010S sheet 3 of 6 rev. 1 z absolute maximum ratings parameter symbol rating unit forward current i f 50 ma peak forward current i fm 1 a reverse voltage v r 6 v input power dissipation p d 70 mw collector-emitter voltage v ceo 300 v emitter-collector voltage v eco 0.1 v collector current i c 150 ma output collector power dissipation p c 200 mw total power dissipation p tot 200 mw isolation voltage 1 minute v iso 5000 vrms operating temperature t opr -55 to +100 storage temperature t stg -55 to +125 soldering temperature 10 second t sol 260 z electro-optical characteristics parameter symbol conditions min. typ. max. unit forward voltage v f i f =20ma - 1.2 1.4 v peak forward voltage v fm i fm =0.5a - - 3.5 v reverse current i r v r =4v - - 10 a input terminal capacitance c t v=0, f=1khz - 30 - pf output collector dark current i ceo v ce =200v - - 1.0 a current transfer ratio ctr i f =1ma, v ce =2v 600 - 9000 % collector-emitter saturation v ce(sat) i f =20ma, i c =5ma - - 1.5 v isolation resistance r iso dc500v 5x10 10 - - floating capacitance c f v=0, f=1mhz - 0.6 1.0 pf cut-off frequency f c v cc =5v, i c =2ma, r l =100 - 7 - khz response time ( rise ) t r - 60 300 s transfer charac- teristics response time ( fall ) t f v ce =2v, i c =20ma, r l =100 - 50 250 s
product specification date 01/20/2010 no.61p20007 cosmo electronics corporation photocoupler KP4010S sheet 4 of 6 rev. 1 fig.1 current transfer ratio vs. forward current current transfer ratio ctr ( % ) 10 0.5 0.1 0.2 1000 0 2000 5 12 5000 3000 4000 v =2v ta=25 ce classification table of current transfer ratio is shown below. model no. ctr ( % ) kp40102a 600 ~ 2000 kp40102b 1500 ~ 4000 kp40102c 3000 ~ 6000 kp40102d 5000 ~ 9000 kp40102e 600 ~ 9000 forward current i f (ma) fig.2 collector power dissipation vs. ambient temperature fig.3 collector dark current vs. ambient temperature collector power dissipation p c ( mw ) collector dark current i ceo ( a ) ambient temperature ta ( ) ambient temperature ta ( ) fig.4 forward current vs. ambient temperature fig.5 forward current vs. forward voltage forward current i f ( ma ) 60 10 -55 0 20 025 30 40 50 50 75 100 125 forward current i f ( ma ) 1.8 -25 1.6 1.2 1.0 1.4 ta=75 50 c c 2.4 2.0 2.2 c c 25 c 0 500 20 1 2 5 10 100 50 200 ambient temperature ta ( ) forward voltage v f (v)
product specification date 01/20/2010 no.61p20007 cosmo electronics corporation photocoupler KP4010S sheet 5 of 6 rev. 1 fig.6 collector current vs. collector-emitter voltage fig.7 relative current transfer ratio vs. ambient temperature collector current i c (ma) 0 012 0.5ma 34 1ma 5 3ma 2 00 i =10ma 1 00 f 5ma ta=25 1.5ma 2ma 2.5ma relative current transfer ratio ( % ) collector-emitter voltage v ce (v) ambient temperature ta ( ) fig.8 collector-emitter saturation voltage vs. forward current fig.9 response ime vs. load resistance collector-emitter saturation voltage v ce ( v ) 4 1 n b 1 1 2 2 2 4 3 4 5 2 1 1 n b 8 1 n b 6 1 n b 56 2 1 n b j d > 6 n b u b > 3 6 ! d 6 response fall time(us) 0.1 100 0.01 1 2 5 10 20 50 vce=2v ic=20ma ta=25 500 200 110 t f t r forward current i f (ma) load resistance rl (k ohm)
product specification date 01/20/2010 no.61p20007 cosmo electronics corporation photocoupler KP4010S sheet 6 of 6 rev. 1 z notice the information contained in this document is intended to be a general product description and is subject to change without notice. please contact cosmo in order to obta in the latest device data sheets before using any cosmo device. cosmo does not assume any responsibility for use of any circui try described. no circuit patent licenses are implied. this publicatio n is the property of cosmo. no part of this publication may be rep roduced or copied in any form or by any means, or transferred to any th ird party without the prior written consent of cosmo electronics corporation. the devices listed in this document are designed for general applications only in electronic e quipment. no devices shall be deployed which require higher le vel of reliability such as ? medical and other life support equipments. ? space application. ? telecommunication equipment ( trunk lines ). ? nuclear power control equipment. unless it received prior writ ten approval from cosmo. cosmo takes no responsibility for damages arise form the improper usage of our device. pl ease contact cosmo for further information regarding the above notices.


▲Up To Search▲   

 
Price & Availability of KP4010S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X