Part Number Hot Search : 
BR301 HMM5123B MP4651 2115A PR3006 TS934AIN DM78L06A A103J
Product Description
Full Text Search
 

To Download HP3-AC220V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hp specifications (at 20 c 68 f ) life data contact rating and expected life for ac load type note: when the electromagnet or exciting coil (solenoid, etc.) is the load, the value of motor or lamp load is applicable. 10 amp power relay hp relays voltage 125 v ac 250 v ac expected life (min. operations) electrical life load resistive (cos ? ] 1) inductive (cos ? ] 0.4) resistive (cos ? ] 1) inductive (cos ? ] 0.4) current 10 a 7.5 a 2 10 5 10 a 7.5 a 7.5 a 5 a 5 10 5 5 a3 a3 a2 a1 10 6 1a 0.7 a 0.6 a 0.4 a 2 10 6 mechanical life 1 10 7 vde 2c, 3c mm inch 25 .984 36 1.417 44.5 1.752 features ?interchangeable with existing models ?long life and high reliability ?high contact capacity up to 10 a 250 v ac ?available with plug-in/solder and quick-connect terminals contacts #1 this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. remarks * speci cations will vary with foreign standards certi cation ratings. * 1 measurement at same location as initial breakdown voltage section * 2 detection current; 10 ma * 3 excluding contact bounce time * 4 half-wave pulse of sine wave: 11ms; detection time: 10 s * 5 half-wave pulse of sine wave: 6ms * 6 detection time: 10 s * 7 refer to 6. conditions for operation, transport and storage mentioned in ambient environment characteristics (at 60 hz, 20 c 68 f ) arrangement 2 form c 3 form c 4 form c initial contact resistance, max. (by voltage drop 6 v dc 1 a) 15 m ? contact material silver silver alloy rating nominal switching capacity 10 a 250 v ac (resistive) min. switching capacity #1 100 ma, 5 v dc 2 form c 3 form c 4 form c maximum operating speed 20 cpm initial insulation resistance* 1 more than 100 m ? at 500 v dc breakdown voltage* 2 between open contacts 1,000 vrms 2,000 vrms 1,000 vrms between contact sets 1,500 vrms 2,000 vrms 1,500 vrms between contact and coil 1,500 vrms 2,000 vrms 1,500 vrms operate time* 3 (at nominal voltage) max. 25 ms max. 30 ms release time (without diode)* 3 (at nominal voltage) max. 25 ms max. 30 ms temperature rise max. 65 c shock resistance functional* 4 98 m/s 2 {10 g} destructive* 5 980 m/s 2 {100 g} vibration resistance functional* 6 10 to 55 hz at 1 mm double amplitude destructive 10 to 55 hz at 2 mm double amplitude conditions for operation, transport and storage* 7 (not freezing and condensing at low temperature) ambient temp. 50 c to +40 c 58 f to +104 f humidity 5 to 85% r.h. unit weight approx. 60g 2.12 oz approx. 100g 3.53 oz approx. 125g 4.41 oz all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
hp contact rating and expected life for dc load type typical applications ordering information types and coil data 1. standard plug-in terminal type (without lamp wired) dc types at 20   c 68   f voltage 24 v dc 125 v dc expected life (min. operations) electrical life load resistive (cos   ] 1) inductive (cos   ] 0.4) resistive (cos   ] 1) inductive (cos   ] 0.4) current ? 7 a ?? 2   10 5 7.5 a 5 a 0.5 a 0.4 a 5   10 5 5 a 3 a 0.3 a 0.2 a 1   10 6 1a 0.6 a 0.1 a 0.06 a 2   10 6 mechanical life 1   10 7 type part no. nominal coil voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) max. allowable voltage, v dc coil resistance,   (   10%) nominal coil current, ma nominal operating power, w 2 form c hp2-dc6v 6 4.8 0.9 6.6 25 240 1.5 hp2-dc12v 12 9.6 1.8 13.2 110 109 1.3 hp2-dc24v 24 19.2 3.6 26.4 440 54.5 1.3 hp2-dc48v 48 38.4 7.2 52.8 1,800 26.7 1.3 hp2-dc110v 110 88 16.5 121 7,300 15.0 1.7 3 form c hp3-dc6v 6 4.8 0.9 6.6 24 250 1.5 hp3-dc12v 12 9.6 1.8 13.2 100 120 1.4 hp3-dc24v 24 19.2 3.6 26.4 400 60 1.4 hp3-dc48v 48 38.4 7.2 52.8 1,560 31 1.5 hp3-dc110v 110 88 16.5 121 7,450 14.9 1.6 4 form c hp4-dc6v 6 4.8 0.9 6.6 22 273 1.6 hp4-dc12v 12 9.6 1.8 13.2 95 127 1.5 hp4-dc24v 24 19.2 3.6 26.4 380 63 1.5 hp4-dc48v 48 38.4 7.2 52.8 1,500 32 1.5 hp4-dc110v 110 88 16.5 121 7,000 15.7 1.7 life curve notes: 1. for dc inductive loads, use an arc suppressing circuit. 2. when used under a dc load operating at high repetition rate with considerable arcing, corrosion of the contacts and/or the contact blades is likely to occur. when using the relay under conditions of high temperature, humidity or high repetition rate, it is suggested that the relay cover be removed to facilitate extended operation. 10 0 100 200 300 400 500 600 700 800 900 1,000 load current, a operations,  10 4 125 v ac cos  = 1 5 2 5 0 v a c c o s  = 1 mechanical life more than 10,000,000 operations hp relays enjoy wide use in various applications, particularly in automation controls and remote controls. applications include: industrial machinery machine tool food processing packing machines of t ce equipment coin operate devices home appliances transportation communication and measuring devices amusement devices ex. hp 3 contact arrangement 2: 2 form c 3: 3 form c 4: 4 form c (notes) 1. for ul/csa or vde recognized types, add suffix ul/csa or vde (hp2-tm type vde application under way) 2. standard packing carton: 50 pcs. case: 200 pcs. 3. ul/csa approved type is standard. nil: standard plug-in terminal m: direct mounting (3 form c only) tm: top mounting (2 form c only) l: lamp wired, standard plug-in terminal ac 6, 12, 24, 48, 115, 220, 240 v dc 6, 12, 24, 48, 110 v terminal coil voltage m ac240v all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp ac type (50/60 hz) at 60 hz, 20   c 68   f notes 2. standard plug-in terminal type (with lamp wired) dc types at 20   c 68   f type part no. nominal coil voltage, v ac pick-up voltage, v ac (max.) drop-out voltage, v ac (min.) max. allowable voltage, v ac inductance, h nominal coil current, ma nominal operating power, va 2 form c hp2-ac6v 6 4.8 1.8 6.6 0.049 310 1.9 hp2-ac12v 12 9.6 3.6 13.2 0.190 160 1.9 hp2-ac24v 24 19.2 7.2 26.4 0.776 78 1.9 hp2-ac48v 48 38.4 14.4 52.8 3.106 39 1.9 hp2-ac115v 115 92 34.5 126.5 15.83 18 2.1 hp2-ac220v 220 176 66 242 57.90 9.5 2.1 hp2-ac240v 240 192 72 264 66.26 9.0 2.2 3 form c hp3-ac6v 6 4.8 1.8 6.6 0.030 520 3.1 hp3-ac12v 12 9.6 3.6 13.2 0.119 260 3.1 hp3-ac24v 24 19.2 7.2 26.4 0.475 130 3.1 hp3-ac48v 48 38.4 14.4 52.8 1.899 65 3.1 hp3-ac115v 115 92 34.5 126.5 10.36 28.5 3.3 HP3-AC220V 220 176 66 242 39.32 14.2 3.1 hp3-ac240v 240 192 72 264 44.05 13.9 3.3 4 form c hp4-ac6v 6 4.8 1.8 6.6 0.019 800 4.8 hp4-ac12v 12 9.6 3.6 13.2 0.077 400 4.8 hp4-ac24v 24 19.2 7.2 26.4 0.309 200 4.8 hp4-ac48v 48 38.4 14.4 52.8 1.292 95 4.6 hp4-ac115v 115 92 34.5 126.5 6.953 42 4.8 hp4-ac220v 220 176 66 242 26.57 21 4.6 hp4-ac240v 240 192 72 264 29.75 20.5 4.9 type part no. nominal coil voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) max. allowable voltage, v dc coil resistance,   (   10%) nominal coil current, ma nominal operating power, w 2 form c led hp2-l-dc6v 6 4.8 0.9 6.6 25 240 1.5 hp2-l-dc12v 12 9.6 1.8 13.2 110 109 1.3 hp2-l-dc24v 24 19.2 3.6 26.4 440 54.5 1.3 hp2-l-dc48v 48 38.4 7.2 52.8 1,800 26.7 1.3 neon lamp hp2-l-dc110v 110 88 16.5 121 7,300 15.0 1.7 3 form c led hp3-l-dc6v 6 4.8 0.9 6.6 24 250 1.5 hp3-l-dc12v 12 9.6 1.8 13.2 100 120 1.4 hp3-l-dc24v 24 19.2 3.6 26.4 400 60 1.4 hp3-l-dc48v 48 38.4 7.2 52.8 1,560 31 1.5 neon lamp hp3-l-dc110v 110 88 16.5 121 7,450 14.9 1.6 4 form c led hp4-l-dc6v 6 4.8 0.9 6.6 22 273 1.6 hp4-l-dc12v 12 9.6 1.8 13.2 95 127 1.5 hp4-l-dc24v 24 19.2 3.6 26.4 380 63 1.5 hp4-l-dc48v 48 38.4 7.2 52.8 1,500 32 1.5 neon lamp hp4-l-dc110v 110 88 16.5 121 7,000 15.7 1.7 1. the range of coil current for ac relays is  15% (60 hz). for dc relays it is  10% at 20  c, 68  f . 2. the hp relay will operate in a range from 80% to 110% of the nominal coil voltage. it is, however, recommended that the relay be used in the range of 85% to 110% of the nominal coil voltage, with the temporary voltage variation taken into consideration. 3. when the operating voltage of ac relays drops below 80% of the nominal coil voltage, the relay will generate a considerable amount of heat which is not recommended for maximum ef t ciency. 4. the coil resistance of dc types is the measured value of the coil at a temperature of 20  c 68  f . if the coil temperature changes by  1  c, the measured value of the coil resistance should be increased or decreased by 0.4%. 5. for applications from 220 v to 240 v dc, connect a resistor in series with the relay coil. see chart for resistor values. voltage 2 form c 3 form c 4 form c 220 v dc 7.3 k  (5 w) 7.45 k  (5 w) 7 k  (5 w) 240 v dc 8.7 k  (5 w) 8.8 k  (5 w) 8.3 k  (5 w) all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp ac type (50/60 hz) at 60 hz, 20   c 68   f 3. top mounting (tm) and direct mounting (m) type dc types at 20   c 68   f ac type (50/60 hz) at 60 hz, 20   c 68   f type part no. nominal coil voltage, v ac pick-up voltage, v ac (max.) drop-out voltage, v ac (min.) max. allowable voltage, v ac inductance, h nominal coil current, ma nominal operating power, va 2 form c led hp2-l-ac6v 6 4.8 1.8 6.6 0.049 310 1.9 hp2-l-ac12v 12 9.6 3.6 13.2 0.190 160 1.9 hp2-l-ac24v 24 19.2 7.2 26.4 0.776 78 1.9 neon lamp hp2-l-ac115v 115 92 34.5 126.5 15.83 18 2.1 hp2-l-ac220v 220 176 66 242 57.90 9.5 2.1 hp2-l-ac240v 240 192 72 264 66.26 9.0 2.2 3 form c led hp3-l-ac6v 6 4.8 1.8 6.6 0.030 520 3.1 hp3-l-ac12v 12 9.6 3.6 13.2 0.119 260 3.1 hp3-l-ac24v 24 19.2 7.2 26.4 0.475 130 3.1 neon lamp hp3-l-ac115v 115 92 34.5 126.5 10.36 28.5 3.3 hp3-l-ac220v 220 176 66 242 39.32 14.2 3.1 hp3-l-ac240v 240 192 72 264 44.05 13.9 3.3 4 form c led hp4-l-ac6v 6 4.8 1.8 6.6 0.019 800 4.8 hp4-l-ac12v 12 9.6 3.6 13.2 0.077 400 4.8 hp4-l-ac24v 24 19.2 7.2 26.4 0.309 200 4.8 neon lamp hp4-l-ac115v 115 92 34.5 126.5 6.953 42 4.8 hp4-l-ac220v 220 176 66 242 26.57 21 4.6 hp4-l-ac240v 240 192 72 264 29.75 20.5 4.9 type part no. nominal coil voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) max. allowable voltage, v dc coil resistance,   (   10%) nominal coil current, ma nominal operating power, w 2 form c top mounting type (tm) hp2-tm-dc6v 6 4.8 0.9 6.6 25 240 1.5 hp2-tm-dc12v 12 9.6 1.8 13.2 110 109 1.3 hp2-tm-dc24v 24 19.2 3.6 26.4 440 54.5 1.3 hp2-tm-dc48v 48 38.4 7.2 52.8 1,800 26.7 1.3 hp2-tm-dc110v 110 88 16.5 121 7,300 15.0 1.7 3 form c direct mounting type (tm) hp3-m-dc6v 6 4.8 0.9 6.6 24 250 1.5 hp3-m-dc12v 12 9.6 1.8 13.2 100 120 1.4 hp3-m-dc24v 24 19.2 3.6 26.4 400 60 1.4 hp3-m-dc48v 48 38.4 7.2 52.8 1$b!"(j560 31 1.5 hp3-m-dc110v 110 88 16.5 121 7,450 14.9 1.6 type part no. nominal coil voltage, v ac pick-up voltage, v ac (max.) drop-out voltage, v ac (min.) max. allowable voltage, v ac inductance, h nominal coil current, ma nominal operating power, va 2 form c top mounting type (tm) hp2-tm-ac6v 6 4.8 1.8 6.6 0.049 310 1.9 hp2-tm-ac12v 12 9.6 3.6 13.2 0.190 160 1.9 hp2-tm-ac24v 24 19.2 7.2 26.4 0.776 78 1.9 hp2-tm-ac48v 48 38.4 14.4 52.8 3.106 39 1.9 hp2-tm-ac115v 115 92 34.5 126.5 15.83 18 2.1 hp2-tm-ac220v 220 176 66 242 57.90 9.5 2.1 hp2-tm-ac240v 240 192 72 264 66.26 9.0 2.2 3 form c direct mounting type (m) hp3-m-ac6v 6 4.8 1.8 6.6 0.030 520 3.1 hp3-m-ac12v 12 9.6 3.6 13.2 0.119 260 3.1 hp3-m-ac24v 24 19.2 7.2 26.4 0.475 130 3.1 hp3-m-ac48v 48 38.4 14.4 52.8 1.899 65 3.1 hp3-m-ac115v 115 92 34.5 126.5 10.36 28.5 3.3 hp3-m-ac220v 220 176 66 242 39.32 14.2 3.1 hp3-m-ac240v 240 192 72 264 44.05 13.9 3.3 all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp 4. direct mounting (with lamp wired) type dc types ac type (50/60 hz) at 60 hz, 20  c 68  f lamp-wired relays variation notes: 1. ac 48 v type is not available for lamp wiring. type part no. nominal coil voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) max. allowable voltage, v dc coil resistance,  (  10%) nominal coil current, ma nominal operating power, w 3 form c neon lamp hp3-ml-dc110v 110 88 16.5 121 7,450 14.9 1.6 type part no. nominal coil voltage, v ac pick-up voltage, v ac (max.) drop-out voltage, v ac (min.) max. allowable voltage, v ac inductance, h nominal coil current, ma nominal operating power, va 3 form c neon lamp hp3-ml-ac115v 115 v 92 34.5 126.5 10.36 28.5 3.3 hp3-ml-ac220v 220 v 176 66 242 39.32 14.2 3.1 hp3-ml-ac240v 240 v 192 72 264 44.05 13.9 3.3 type coil voltage ac dc hp2-l hp3-l hp3-ml hp4-l 6 v 6 v led (light emitting diode) 12 v 12 v 24 v 24 v ? 48 v 115 v 110 v neon lamp 220 v ? 240 v ? specitcations life of neon lamp....continuous: more than 25,000 hours (more than 3 years) on/off = 1: more than 6 years life of led .............continuous: more than 50,000 hours (more than 5.5 years) on/off = 1: more than 100,000 hours (more than 11 years) neon lamp led circuit diagrams notes: 1. pay attention to the polarity of coil see circuit diagram (led type only). neon lamp type led type terminal no. (dc type) type hp2-l hp3-l hp3-ml hp4-l polarity ( + ) 7 10 10 ( e )221 operating current of led notes: 1. operating current of relays should be increased by the value of led operating current. please refer the table. operating current of neon lamp is approx. 0.3 ma to 0.4 ma. 2. to use the hp relay in the inductive load circuit, the contact protection circuit is recommended. coil voltage operating current of led dc 6v dc 6.4 ma dc 12v dc 5.7 ma dc 24v dc 4.7 ma dc 48v dc 4.5 ma ac 6v ac 10.5 ma ac 12v ac 9.0 ma ac 24v ac 7.7 ma all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp accessories please refer to mounting methods for further information. ul, csa recognized except bracket and inserting plate. dimensions and wiring diagram mm inch hp relay solder terminal socket for rectangular hold boring (with hold-down clip) screw terminal socket for din rail assembly (with hold-down clip) for hp2, hp4 hp2 hp2-srs (ul, csa, vde) hp2-sfd (ul, csa) hp-bracket for direct mounting hp3 hp3-srs (ul, csa, vde) hp3-sfd (ul, csa) hp insertion plate for p/c board mounting hp4 hp4-srs (ul, csa) hp4-sfd (ul, csa) hp2 (2 form c) plug-in terminal types 0.5 .020 44 1.732 51 2.008 5 .197 5 .197 8 .315 25 .984 15 .591 0.8 .031 5.26 .207 10 .394 5.26 .207 36 1.417 9.5 .374 7.5 .295 5.8 .228 5.3 .209 accepts faston 205 circuit diagram dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp hp2-srs (with hold-down clip) optimum space-saving panel cut-out. can be mounted from either the front or the rear of the panel. 5 .197 5 .197 22 .866 4.1 .161 6.2 .244 1.0 .039 6 .236 30 1.181 56 2.205 48  0.2 1.890  .008 38 1.496 33 1.299 5.5 .217 13 .512 front surface-mounting rear surface-mounting 48  0.5 1.890  .020 34 +1 e 0 1.339 +0.39 e 0 24 +0.1 e 0 .945 +.004 e 0 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole 48  0.5 1.890  .020 39 1.535 31 1.220 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole hold-down clip hp relay 4 mm screw spring washer panel hp socket hold-down clip hp relay hp socket panel spring washer 4 mm screw 13 .512 14 .551 52  3 2.047  .118 53  3 2.087  .118 mm inch dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 hp2-sfd (with hold-down clip) front wiring in restricted space 23.8  0.6 .937  .024 hold down clip hp2 relay installation screw block (installation screw, hexagonal nut, spring washer) 5.8  0.2 .228  .008 7.5  0.2 .295  .008 9.5  0.2 .374  .008 4.1  0.3 .161  .012 6  0.3 .236  .012 35.4  0.5 1.394  .020 0.6  0.15 .024  .006 10  0.2 .394  .008 22  0.6 .866  .024 15  0.2 .591  .008 80  1 3.150  .039 10  0.6 .394  .024 37.9  0.6 1.492  .024 33.8  0.6 1.331  .024 max. 85 3.346 max. 89 3.504 58  1 2.283  .039 36  1 1.417  .039 69  1 2.717  .039 mounting dimensions note: hold down clip and installation screw block are included in package. panel hole dimensions for side-by-side installation 12 .472 22  0.2 .866  .008 22  0.2 .866  .008 30 1.181 30 1.181 4 .157 69  0.5 2.717  .020 80 3.150 2-m4 .157 screw hole or 4.2  0.1 .165  .004 dia. hole dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 hp2-tm (2 form c) top mounting types 2.8 .110 46.8 1.843 24.7 .972 0.8 .031 0.8 .031 45.5 1.791 35.7 1.406 5.26 .207 5.26 .207 4.5 .177 10 .394 9.5 .374 5.5 .217 7.5 .295 5.8 .228 5.3 .209 2.25r .089r 58 2.283 25 .984 15 .591 7 .276 accepts faston 205 circuit diagram mounting dimensions 52.3 2.059 35.7 1.406 4 mm screw or 8-32 nc-2 screw screw washer panel 45.5 1.791 2 .079 30 1.181 4.5  0.1 dia. hole or 4 mm screw hole .117  .004 dia. hole dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp hp3 (3 form c) plug-in terminal types 38 1.496 0.5 .020 44 1.732 3 .118 5 .197 7 .276 36 1.417 4.75 .187 11 .433 11 .433 38 1.496 0.5 .020 2 .079 2 .079 4 .157 36 1.417 5.75 .226 5.5 .217 8.5 .335 7.65 .301 4.1 .161 5 .197 8 .315 5 .197 accepts faston 187 circuit diagram mm inch dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 hp3-srs (with hold-down clip) optimum space-saving panel cut-out. can be mounted from either the front or the rear of the panel. 22.23 .875 56 2.205 0.6 .024 7.65 .301 2.75 .108 8.5 .335 38 1.496 22 .866 42.95 1.691 4.1 .161 3.5 .138 5 .197 5 .197 3.5 .138 6.2 .244 48  0.2 1.890  .008 lot no. 45 1.772 14.5 .571 4.2  0.2 0 dia. .165  .008 0 dia. 11 .433 11 .433 8 .315 1 .039 5.5 .217 30 1.181 5.5 .217 front surface-mounting rear surface-mounting 48  0.5 1.890  .020 31 +1 e 0 1.220 +0.39 e 0 31 +1 e 0 1.220 +.039 e 0 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole 48  0.5 1.890  .020 39 +1 e 0 1.535 +.039 e 0 46 +1 e 0 1.811 +.039 e 0 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole 3.5 .138 30 1.181 52  0.3 2.047  .012 hold down clip hp relay dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 hp3-sfd (with hold-down clip) front wiring in restricted space note: hold down clip and installation screw block are included in package. 69  1 2.717  .039 80  1 3.150  .039 hold down clip hp3 relay 35.4  0.5 1.394  .020 58  1 2.283  .039 36  1 1.417  .039 6  0.3 .236  .012 37  0.6 1.457  .024 4.1  0.3 .161  .012 22  0.2 .866  .008 5.5  0.2 .217  .008 8.5  0.2 .335  .008 7.65  0.2 .301  .008 1.75  0.15 .069  .006 max. 85 3.346 max. 89 3.504 10  0.6 .394  .024 33.8  0.6 1.331  .024 37.9  0.6 1.492  .024 23.8  0.6 .937  .024 installation screw block (installation screw, hexagonal nut, spring washer) mounting dimensions 12 .472 37  0.2 1.457  .008 37  0.2 1.457  .008 2-m4 .157 screw hole or 4.2  0.1 .165  .004 dia. hole panel hole dimensions for side-by-side installation 45 1.772 45 1.772 4 .157 69  0.5 2.717  .020 80 3.150 dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp hp3-m (3 form c) direct mounting types 2.1r 2.1r 38 1.496 16 .630 44 1.732 20.5 .807 16 .630 38 1.496 4.75 .187 4.75 .187 4.75 .187 36 1.417 2 .079 2 .079 0.5 .020 5.5 .217 5.75 .226 8.5 .335 7.65 .301 4.1 .161 0.5 .020 0.5 .020 0.5 .020 2.5 .098 2.5 .098 11 .433 11 .433 36 1.417 4.2 .165 7 .276 5 .197 3 .118 11 .433 60 2.362 73.5 2.894 4.2 .165 accepts faston 187 circuit diagram dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 mounting dimension 60 2.362 min. 2 .079 min. 40 1.575 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole 4 mm screw or 8-32 nc-2 screw spring washer 36 1.417 16 .630 44 1.732 60 2.362 73.5 2.894 11 .433 20.5 .807 7 .276 5 .197 38 1.496 mm inch hp4 (4 form c) plug-in terminal types 0.5 .020 5 .197 8 .315 5 .197 44 1.732 51 2.008 50 1.969 40 1.575 10 .394 0.8 .031 5.26 .207 36 1.417 25 .984 10 .394 10 .394 9.5 .374 7.5 .295 5.8 .228 5.3 .209 circuit diagram dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 accepts faston 187 all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp accessories for hp2 and hp4 types hp bracket (with 2 screws, 2 washers) hp4-srs (with hold-down clip) optimum space-saving panel cut-out. can be mounted from either the front or the rear of the panel. 5 .197 5 .197 56 2.205 22 .866 4.1 .161 6.2 .244 58 2.283 38 1.496 33 1.299 5.5 .217 13 .512 1.0 .039 6 .236 48  0.2 1.890  .008 front surface-mounting rear surface-mounting 48  0.5 1.890  .020 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole 34 +1 e 0 1.339 +.039 e 0 48 +1 e 0 +.039 e 0 48  0.5 1.890  .020 4.2  0.1 dia. hole or 4 mm screw hole .165  .004 dia. hole 39 +1 e 0 1.535 +.039 e 0 58 +1 e 0 2.284 +.039 e 0 hold-down clip hp relay 4 mm screw spring washer panel hp socket hold-down clip hp relay hp socket panel spring washer 4 mm screw 13 .512 14 .551 52  3 2.047  .118 53  3 2.087  .118 mm inch dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 hp4-sfd (with hold-down clip) front wiring in restricted space. two hp2 relays can be mounted in one socket. 80  1 3.150  .039 35.4  0.5 1.394  .020 23.8  0.6 .937  .024 installation screw block (installation screw, hexagonal nut, spring washer) max. 85 3.346 max. 89 3.504 10  0.6 .394  .024 33.8  0.6 1.331  .024 37.9  0.6 1.492  .024 hold down clip hp4 relay 58  1 2.283  .039 36  1 1.417  .039 69  1 2.717  .039 6  0.3 .236  .012 53  0.6 2.087  .024 15  0.2 .591  .008 15  0.2 .591  .008 4.1  0.3 .161  .012 25  0.1 .984  .004 5.8  0.2 .228  .008 10  0.2 .394  .008 10  0.2 .394  .008 7.5  0.2 .295  .008 9.5  0.2 .374  .008 0.6  0.15 .024  .006 mounting dimensions 12 .472 53  0.2 2.087  .008 53  0.2 2.087  .008 2-m4 .157 screw hole or 4.2  0.1 .165  .004 dia. hole panel hole dimensions for side-by-side installation 61 2.402 61 2.402 4 .157 69  0.5 2.717  .020 80 3.150 note: hold down clip and installation screw block are included in package. dimension : gener al toler ance max. 2mm .079 inch :  0.2  .008 2 to 9mm .079 to .354 inch :  0.5  .020 9 to 20mm .354 to .787 inch :  1.0  .039 min. 20mm .787 inch :  1.5  .059 the hp bracket is used for mounting hp2 relays and hp4 relays directly to the panel. it facilitates soldering or quick connections with faston 205 tab 0.8 mm .031 inch . notes: 1. this bracket is unavailable for ul, csa and vde applications. 2. when using the special bracket, it is recommended to use the screws and washers called out in the chart in the next page in order to eliminate any possible damage to the relay coil. mounting methods (a) remove the m3  7 screw (red colored) t xed to the relay, and place the bracket on the relay with the attaching m3  7 screw (blue colored) and the spring washer. (b) use the additional m3  7 screw and washer for attaching the bracket to the panel. for the hp4 type relay two brackets are used keying tab. 8 .315 14 .551 4 .158 23 .906 20 .787 8.5 .335 1 .039 14 .551 90  3  2 .079 3.5 dia. hole .138 dia. hole 3 dia. hole .118 dia. hole all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.
hp dimensions and mounting method mm inch hp inserting plate for hp2 and hp4 types for cautions for use, see relay technical information thickness of a special bracket 1.0 mm ( .039 inch ) 1.6 mm ( .063 inch ) 2.0 mm ( .079 inch ) a suitable screw m3  7-m3  8 m3  8 m3  8-m3  10 a suitable washer for m3 for m3 for m3 screw m 3  7 millimeter 3mm .118inch diameter 7mm .276inch length 25 .984 50 1.969 8.5 .335 8.5 .335 min. 26 1.024 min. 26 1.024 20 .787 25 .984 25 .984 42 1.654 27 1.063 51 2.008 keying tab 3 mm screw 3 mm screw panel bracket bracket 42 1.654 28.5 1.122 44 1.732 51 2.008 keying tab 3 mm screw 3 mm screw panel 20 .787 7 .276 7 .276 51 2.008 51 2.008 4.5 dia. hole .177 dia. hole 4.5 dia. hole .177 dia. hole 3.2 dia. hole .126 dia. hole 3.2 dia. hole .126 dia. hole 50 1.969 min. 26 1.024 25 .984 25 .984 4.5 dia. hole .177 dia. hole 25 .984 44 1.732 min. 26 1.024 13 .512 14.5 .571 44 1.732 13 .512 14.5 .571 4.5 dia. hole .177 dia. hole hp2 hp4 1. rear-surface mounting 2. front-surface mounting 1. hp inserting plate is used for mounting hp2 and hp4 relays on a printed board to adjust the length of the terminals. 2. if adjustment by soldering is not suitable, bore 1/8" diameter hole on the printed circuit board and mount the relay with a m3  10 screw. the chart to the right suggests the proper screws for different printed circuit boards. 3. two plates are used for the hp4 type relay. thickness of p/c board suitable screw 1.0 mm .039 inch m3  10 1.2 mm .047 inch m3  10 pc board pattern 15 .591 3 .118 3 .118 36 1.417 16 .630 7.3 .287 4.5 .177 16.5 .650 25 .984 2 .079 8 .315 4 dia. hole .157 dia. hole please refer to the above second instruction. 10 .394 1.0 .039 1.0 .039 10 .394 10 .394 25 .984 7.5 .295 7.5 .295 9.5 .374 9.5 .374 15 .591 15 .591 15 .591 8.9 .350 8.9 .350 5.8 .228 5.8 .228 5.8 .228 5.8 .228 3.2 dia. hole .126 dia. hole 3.2 dia. hole .126 dia. hole hp2 hp4 tolerance:  0.1  .004 46 1.811 5 .197 hp insertion plate pc board all rights rese r v ed ? c opyright matsushita elect r ic w o r k s , ltd.


▲Up To Search▲   

 
Price & Availability of HP3-AC220V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X