2 2 b-xes& b-xes& 2 2 f-xes& f-xes& 2 2 h-xes h-xes series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 3 selection selection guide guide order code input voltage (v) output voltage (v) output current max ( m a) capacitive load ,max ( f) efficiency (%) 2b 0503 xe s 4.5-5.5 3.3 600 470 64 2b 0505 xe s 4.5-5.5 5 400 470 66 2b 0507 xe s 4.5-5.5 7.2 278 470 64 2b 0509 xe s 4.5-5.5 9 222 470 66 2b 0512 xe s 4.5-5.5 12 167 470 70 2b 0515 xe s 4.5-5.5 15 134 470 70 2b 0518 xe s 4.5-5.5 18 111 470 67 2b 0524 xe s 4.5-5.5 24 83 470 68 2b 1203 xe s 10.8-13.2 3.3 600 470 64 2b 1205 xe s 10.8-13.2 5 400 470 66 2b 1207 xe s 10.8-13.2 7.2 278 470 63 2b 1209 xe s 10.8-13.2 9 222 470 66 2b 1212 xe s 10.8-13.2 12 167 470 70 2b 1215 xe s 10.8-13.2 15 134 470 70 2b 1218 xe s 10.8-13.2 18 111 470 66 2b 1224 xe s 10.8-13.2 24 83 470 68 2b 2403 xe s 21.6-26.4 3.3 600 470 54 2b 2405 xe s 21.6-26.4 5 400 470 64 2b 2407 xe s 21.6-26.4 7.2 278 470 63 2b 2409 xe s 21.6-26.4 9 222 470 64 2b 2412 xe s 21.6-26.4 12 167 470 68 2b 2415 xe s 21.6-26.4 15 134 470 68 2b 2418 xe s 21.6-26.4 18 111 470 68 2b 2424 xe s 21.6-26.4 24 83 470 70 input/output input/output isolation isolation 3000vdc 3000vdc 2f0503xe s 4.5-5.5 3.3 600 470 64 2f0505xe s 4.5-5.5 5 400 470 66 2f0507xe s 4.5-5.5 7.2 278 470 64 2f0509xe s 4.5-5.5 9 222 470 66 2f0512xe s 4.5-5.5 12 167 470 70 2f0515xe s 4.5-5.5 15 134 470 70 2f0518xe s 4.5-5.5 18 111 470 67 2f0524xe s 4.5-5.5 24 83 470 68 2f1203xe s 10.8-13.2 3.3 600 470 64 2f1205xe s 10.8-13.2 5 400 470 66 2f1207xe s 10.8-13.2 7.2 278 470 63 2f1209xe s 10.8-13.2 9 222 470 66 2f1212xe s 10.8-13.2 12 167 470 70 2f1215xe s 10.8-13.2 15 134 470 70 2f1218xe s 10.8-13.2 18 111 470 66 2f1224xe s 10.8-13.2 24 83 470 68 2f2403xe s 21.6-26.4 3.3 600 470 64 2f2405xe s 21.6-26.4 5 400 470 64 2f2407xe s 21.6-26.4 7.2 278 470 63 2f2409xe s 21.6-26.4 9 222 470 64 2f2412xe s 21.6-26.4 12 167 470 68 2f2415xe s 21.6-26.4 15 134 470 68 2f2418xe s 21.6-26.4 18 111 470 68 2f2424xe s 21.6-26.4 24 83 470 70 input/output isolation 6000 vdc 2h0503xe s 4.5-5.5 3.3 600 470 53 2h0505xe s 4.5-5.5 5 400 470 66 2h0507xe s 4.5-5.5 7.2 278 470 64 2h0509xe s 4.5-5.5 9 222 470 66 model model selection selection 2 2 b b 24 24 05 05 x x es es product series input voltage output voltage fixed input extend sip microdc r eserves the copyright isolated 2 w single output dc/dc converters features features rohs compliant 12 pin sip package low ripple and noise high efficiency up to 70% operating temperature -40 to+85 input/output isolation 1000 , 3000 or 60 00vdc pin compatible with multiple manufacturers applications applications 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by microdc ; refer to www. microdc .c n for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25 c, humidity<75%,nominal input voltage and at rated output load unless otherwise specified. 5. microdc may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with microdc s sandard terms of sale available at www. microdc .c n .
2 2 b-xes& b-xes& 2 2 f-xes& f-xes& 2 2 h-xes h-xes series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 3 selection selection guide guide order code input voltage (v) output voltage (v) output current max ( m a) capacitive load ,max ( f) efficiency (%) h0512xe s 4.5-5.5 12 167 470 70 h0515xe s 4.5-5.5 15 134 470 70 h0518xe s 4.5-5.5 18 111 470 67 h0524xe s 4.5-5.5 24 83 470 68 h1203xe s 10.8-13.2 3.3 600 470 53 h1205xe s 10.8-13.2 5 400 470 66 h1207xe s 10.8-13.2 7.2 278 470 63 h1209xe s 10.8-13.2 9 222 470 66 h1212xe s 10.8-13.2 12 167 470 70 h1215xe s 10.8-13.2 15 134 470 70 h1218xe s 10.8-13.2 18 111 470 66 h1224xe s 10.8-13.2 24 83 470 68 h2403xe s 21.6-26.4 3.3 600 470 54 h2405xe s 21.6-26.4 5 400 470 64 h2407xe s 21.6-26.4 7.2 278 470 63 h2409xe s 21.6-26.4 9 222 470 64 h2412xe s 21.6-26.4 12 167 470 68 h2415xe s 21.6-26.4 15 134 470 68 h2418xe s 21.6-26.4 18 111 470 68 h2424xe s 21.6-26.4 24 83 470 70 input input specifications specifications parameters nominal typical maximum units voltage range 5 4.5-5.5 vdc 12 10.8-13.2 24 21.6-25.4 filter capacitor turn on transient process time 100 ms start up time 300 ms absolute maximum rating 5 vin 0-7 vdc 12 vin 0-15 24 vin 0-28 peak input voltage time 100 ms isolation isolation specifications specifications parameters conditions typical rated units tested i/o voltage 3 sec 1000, 3000 or 60 00 vdc resistance > 1000 mohm capacitance 60 pf output output specifications specifications parameters conditions typical maximum units voltage accuracy 2 % short circuit protection continuous short circuit restart auto-recovery line voltage regulation (single) 0.5 % load voltage regulation (single) load 0 C 100 % 0.5 % load voltage regulation (single) load 0 C 100 % 1.5 % 3.3v output model temperature coefficient 0.02 % / ripple & noise at 20mhz bandwidth 75 mv p-p rising time 150 ms
2 2 b-xes& b-xes& 2 2 f-xes& f-xes& 2 2 h-xes h-xes series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 3 general general specifications specifications parameters conditions typical maximum units switching frequency 100% load 50 khz operating temperature full load without derating -40 to +85 storage temperature -40 to +125 max case temperature 90 cooling free air convection % humidity 90 % case material plastic ul94-vo weight 3.8 g dimensions (l x w x h) 1.25 x 0.34 x 0.53 inches 31.80 x 8.60 x 13.47 mm mtbf >1 500 000 hrs (mil-hdbk -217f, ground benign, t=+25 c) note: all specifications in this datasheet are measured at an ambient temperature of 25 c, humidity<75%, nominal input voltageand at rated output load unless otherwise specified pin 1000vdc 3000 and 6000 vdc 1 +v input +v input 2 n.c. -v input 3 n.c. n.c. 9 n.c. n.c. 10 -v output -v output 11 +v output +v output 12 -v input n.c. pin pin out out specifications specifications microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs compliant information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach compliant information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval.
|