Part Number Hot Search : 
645ETT CY7C15 74C90 S7010 2SK33 80N15 DL4755A 485EC
Product Description
Full Text Search
 

To Download FR801F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 voltage - 50 to 1000 volts current - 8.0 amperes fast recovery rectifi er fast recovery rectifi er features mechanical data high current capability high surge current capability low reverse current conponent in accordance to rohs 2002/95/ec case to220ac molded plastic case material: molded plastic. ul flammability classification rating 94v-0 solderable per mil-std-202, method 208 guranteed polarity as marked on the body weight 1.618 gram (approximate) fr 801f th ru fr 807f maximum ratixgs and electrical characteristics o ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load, derate current by 20% www.paceleader.tw terminals: lead free plating (tin finish) parameter symbol FR801F fr802f fr803f fr804f fr805f fr806f fr807f unit ma ximu m re petitive pe ak r everse voltag e v rr m 50 100 200 400 600 800 1000 v maximum rms voltage v rm s 3 5 70 14 0 280 4 20 56 0 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current i f a ma ximu m instanta neo us fo rwa rd vo ltage @ i f =8. 0 v f v typica l ju ncti on capa cita nce(note1) c j pf maximum reverse recovery time, (note2) trr 250 ns oper ating temp eratur e rang e t j c sto rag e te mper ature ran ge t stg c 10.0 20 0.0 -5 5 to + 15 0 200 -5 5 to + 15 0 150 5 00 a i r ua 8.0 i fsm 1 25.0 1.30 peak forward su rge curr ent, 8 .3 ms sin gle ha lf sin e-wave sup erimp osed on rated lo ad maximum dc reverse current @ ta=25c at rated dc blocking voltage @ ta=100c 2.measured with if=0.5a,ir=1a,irr=0.25a notes:1.measured at 1.0mhz and applied reverse voltage of 4.0v dc i t o - 2 2 0 a c
fig. 1-typical forward current derating curve f ig. 2-typical forward characteristics fig. 3-maximum non-repetitive forward surge current f ig. 4-typical reverse characteristics 0 2 4 6 8 10 0 25 50 75 100 125 150 175 average forward current,(a) ambient temperature ( ) 120 150 a ) 10.000 100.000 25 0.01 0.10 1.00 10.00 100.00 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 instantaneous forward current (a) forward voltage (v) fig. 5-typical j unction capacitance 0 30 60 90 120 1 10 100 peak forward surge current ( a number of cycles at 60hz 0.001 0.010 0.100 1.000 20 40 60 80 100 reverse leakage current (ua) percentage rated peak reverse voltage (%) 0 20 40 60 80 100 0 1 10 100 junction capacitance (pf) reverse voltage (v) fast recovery rectifi er fast recovery rectifi er fr 801f th ru fr 807f 2 www.paceleader.tw


▲Up To Search▲   

 
Price & Availability of FR801F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X