Part Number Hot Search : 
2SA111 NTE713 1N5938B PD040 ALFY455 MAX106 TISP314 HC404
Product Description
Full Text Search
 

To Download F1515XT-2WR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc/dc converte r f_xt-2wr2 series 201 4 .05.22- a /1 page 1 of 4 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation 2w, fixed input voltage, isolated & unregulated single output patent protection rohs features z efficiency up to 86% z isolation voltage: 3kvdc z operating t emperature range: -40 t o+105 z miniature smd package z internal surface mounted design z no external component required z international standard pin-out f_xt-2wr2 series is specially designed for applications where an isol ated voltage is required in a distributed power supply system. it is suitable for: 1.where the voltage of the input power supply is stable (voltage variation: 10%vin); 2.where isolation is necessary between input and output (isolation voltage 3000vdc); 3.where do not has high requirement of line regulation , load regulation and the ripple & noise of the output voltage; such as: pure digital circuits, low frequency analog circuits, relay-driven circuits and data switching circuits. selection guide part no. input voltage (vdc) output efficiency (%, min./t yp.) @ full load max. capacitive load ( f) nominal (range) output voltage (vdc) output current (ma) (max./min.) f0503xt-2wr2 5 (4.5-5.5) 3.3 400/40 68/72 220 f0505xt-2wr2 5 400/40 75/79 f0509xt-2wr2 9 222/22 78/82 f0512xt-2wr2 12 167/17 78/82 f0515xt-2wr2 15 133/13 79/83 f1205xt-2wr2 12 (10.8-13.2) 5 400/40 75/79 f1212xt-2wr2 12 167/17 78/82 f1215xt-2wr2 15 133/13 79/83 f1224xt-2wr2 24 83/8 80/84 F1515XT-2WR2 15 (13.5-16.5) 15 133/13 79/83 f2405xt-2wr2 24 (21.6-26.4) 5 400/40 75/79 f2412xt-2wr2 12 167/17 78/82 f2415xt-2wr2 15 133/13 79/83 f2424xt-2wr2 24 83/8 82/86 input specifications item operating conditions min. typ. max. unit input current (full load / no-load) 5v input -- 506/30 -- m a 12v input -- 212/25 -- 15v input -- 169/18 -- 24v input -- 105/15 -- surge v oltage (1sec. max.) 5v input -0.7 -- 9 v dc 12v input -0.7 -- 18 surge v oltage (1sec. max.) 15v input -0.7 -- 21 v dc 24v input -0.7 -- 30 reflected ripple current -- 15 -- m a input filter capacitance filter
dc/dc converte r f_xt-2wr2 series 201 4 .05.22- a /1 page 2 of 4 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation output specifications item operating conditions min. typ. max. unit output v oltage a ccuracy see t olerance envelope graph (fig. 1) line regulation input voltage change: 1% 3.3 v dc output -- -- 1.5 -- other output -- -- 1.2 load regulation 10%-100% load 3.3 v dc output -- 18 -- % 5vdc output -- 12 -- 9vdc output -- 9 -- 12vdc output -- 8 -- 15vdc output -- 7 -- 24vdc output -- 6 -- ripple & noise* 20mhz bandwidth -- 100 -- mvp-p temperature drift coefficient 100% load -- -- 0.03 % / output short circuit protection ** 5/12/15vdc input con t inuous, self-recovery 24vdc input -- -- 1 s notes: * ripple and noise tested with ?parallel cable? method, please see dc-dc converter application notes for specific operation methods. **for the products of 24v intput voltage, supply voltage mu st be discontinued at the end of short circuit duration. general specifications item operating conditions min. typ. max. unit isolation v oltage input-output, w ith t he t est t ime of 1 minute and t he leak current lower t han 1ma. 3000 -- -- v dc isolation resistance input-output, isolationvoltage 500vdc. 1000 -- -- m ? isolation capacitance input-output, 100khz/0.1v. -- 20 -- pf operating temperature 3.3v/5v output derating i f t he t emperature 71 c, (see fig. 2) -40 -- 105 other output derating i f t he t emperature 85 c, (see fig. 2) storage temperature -55 -- 125 casing temperature rise ta=25 -- 25 -- pin welding resistance temperature w elding spot is 1.5mm away from t he casing, 10 d -- -- 300 reflow soldering temperature peak t emp. 245 ,maximumduration t ime 60s at 217 . for actual application, please refer t o ipc/jedec j -std-020d.1. storage humidity non-condensing -- -- 95 % switching frequency 100% load, nominal input v oltage. -- 100 300 khz mtbf mil-hdfk-217f@25 3500 -- -- k hours physical specifications casing material black flame-retardant heat-proof epoxy resin (ul94-v0) package dimensions 12.70*11.20*7.25mm weight 1.5g (typ.) cooling method free air convection emc specifications emi conducted disturbance cispr22/en55022 class b (see fig. 4 for recommended circuit) radiated emission cispr22/en55022 class b (see fig. 4 for recommended circuit) ems electrostatic discharge iec/en61000-4-2 contact 6kv perf. criteria b
dc/dc converte r f_xt-2wr2 series 201 4 .05.22- a /1 page 3 of 4 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation product characteristic curve tolerance env elope graph +10% +5% 50 100 +2.5% -2.5% -7.5% rated output voltage output voltage (%) accuracy output current percentage(%) t y p i c a l l o a d c u r v e 70 (nominal input voltage) fig. 1 120 100 80 60 40 20 0 -40 0 40 71 105 output pow er percent(%) am bient temp.( ) safe operating area temperature derating graph 85 50 fig. 2 f0505xt-2wr2 50 55 60 65 70 75 80 85 90 95 100 4.5 4.6 4.7 4.8 4.9 5 5.1 5.2 5.3 5.4 5.5 efficiency(%) input voltage(v) efficiency vs input voltage (full load) f0505xt-2wr2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficiency(%) output current percentage(%) efficiency vs output load(vin=5v) f1212xt-2wr2 50 55 60 65 70 75 80 85 90 95 100 10.8 11.0 11.3 11.8 12.0 12.2 12.5 12.8 13.0 13.2 efficiency(%) input voltage(v) efficiency vs input voltage (full load) f1212xt-2wr2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficiency(%) output current percentage(%) efficiency vs output load(vin=12v) desi g n reference 1. typical application if it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see fig.3. moreover, choosing suitable filter capacitor is very important, sta rt-up problems may be caused by too large capacitance. to ensured the modules running well, the recommended capacitive load values as shown in table 1. vin gnd +vo 0v dc cin dc cout fig.3 recommended capacitive load value table (table 1) vin(vdc) cin( f) vo (vdc) cout( f) 5 4.7 3.3 10 12 2.2 5 10 15 2.2 9 4.7 24 1 12 2.2 -- -- 15 1 -- -- 24 0.47 it is not recommended to connect any external capacitor when output power is less than 0.5w.
dc/dc converte r f_xt-2wr2 series 201 4 .05.22- a /1 page 4 of 4 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation 2. emc typical recommended circuit v in gnd +vo 0v dc/dc load ldm c1 cy vin gnd c3 c2 fig. 4 input voltage (vdc) 5/12/15/24 emi c1 4.7 f /50v c2 4.7 f /50v c3 refer to the cout in fig.3 cy -- ldm 6.8 h note: 1. f2424xt-2wr2 is subject to cy (cy : 470pf/3kv). 2. it is not needed to add the component in the peripheral circuit w hen parameter w ith t he symbol of "--". 3. output load requirements to ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. if the actual output power is low, please connect a resister to the output terminal in parallel, with a recommenced resistance which is 10% of the rated power, and derating is required during operation. 4. for more information please find dc-dc conver ter application notes on www.mornsun-power.com dimensions and recommended layout notes: 1. packing information please refer to "product packing information ".packing bag number: 58210024; 2. if t he product is operated out of t he min. load requirement, t he product performance may not meet all parameter indexes in t his datasheet; 3. the max. capacitive load offered is tested at nominal input voltage and full load; 4 . unless otherwise specified, parameter indexes in t his datasheet is measured under t he conditions of ta=25 c, humidity<75% w ith nominal input voltage and rated output load; 5. all testing methods in this datasheet are b ased on our company?s corporate standards; 6. the parameter indexes above are for t he modules listed in t his datasheet, for non-standard module's parameter indexes, please contact our technicians for specific information; 7. we can provide custom design; 8. specifications are subject to change without prior notice. mornsun guangzhou science & technology co., ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou, p. r. china tel: 86-20-38601850-8801 fax: 86-20-38601272 e-mail: info@mornsun.cn


▲Up To Search▲   

 
Price & Availability of F1515XT-2WR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X