Part Number Hot Search : 
SDH15P BR301 MV64420 SB52007 DS2483 74HC1G66 NJU7600M BZ5227B
Product Description
Full Text Search
 

To Download EUR23D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : mar 20,.2008 drawing no :sdsa3732 v3 checked : b.l.liu p.1/4 part number : EUR23D 5mmx16mm light bar www.sunled.com part number emitting color emitting material lens-color luminous intensity (if=10ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. EUR23D red gaasp/gap red diffused 5 9 627 120 features z uniform light emitting area. z easily mounted on p.c. boards or industry standard sockets. z flush mountable. z excellent on/off contrast. z can be used with panels and legend mounts. z mechanically rugged. z i.c. compatible. z bottom surface of epoxy is not flat. z rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0. 01") unless otherwise noted. 3.specifications are subject to change without notice. absolute maximum ratings (t a =25c ) ur (gaasp/gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 seconds lead solder temperature [5mm below package base] 260c for 5 seconds ur (gaasp/gap) unit forward voltage (typ.) (i f =10ma) vf 1.9 v forward voltage (max.) (i f =10ma) vf 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =10ma) p 627 nm wavelength of dominant emission (typ.) (i f =10ma) d 625 nm spectral line full width at half-maximum (typ.) (i f =10ma) ? 45 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c )
published date : mar 20,.2008 drawing no :sdsa3732 v3 checked : b.l.liu p.2/4 part number : EUR23D 5mmx16mm light bar www.sunled.com ? ur
published date : mar 20,.2008 drawing no :sdsa3732 v3 checked : b.l.liu p.3/4 part number : EUR23D 5mmx16mm light bar www.sunled.com remarks: if special sorting is required (e.g. binn ing based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : mar 20,.2008 drawing no :sdsa3732 v3 checked : b.l.liu p.4/4 part number : EUR23D 5mmx16mm light bar www.sunled.com packing & label specifications EUR23D


▲Up To Search▲   

 
Price & Availability of EUR23D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X