Part Number Hot Search : 
RN1244 GBPC35 7809A 13N50 GBPC35 27A1226 2SA1201 1A470
Product Description
Full Text Search
 

To Download DTA144ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistors (built-in resistors) dta144em/dta144ee/dta144eua dta144eka /DTA144ECA/dta144esa equivalent circuit digital transistor (pnp) features ? built-in bias resistors enable the c onfiguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of thin-f ilm resistors with complete isolation to allow positive biasing of the i nput.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dta144em sot-723 1. in 2. gnd 3. out marking:16 dta144ee sot-523 1. in 2. gnd 3. out marking:16 dta144eua sot-323 1. in 2. gnd 3. out marking:16 dta144eka sot-23-3l 1. in 2. gnd 3. out marking:16 DTA144ECA sot-23 1. in 2. gnd 3. out marking:16 dta144esa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
maximum ratings(ta=25 unless otherwise noted) limits(dta144e ) symbol parameter m e ua ka ca sa unit v cc supply voltage -50 v v in input voltage -40  +10 v i o output current -30 ma i cm peak collector current -100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol conditions min typ max unit v i(off) v cc =-5v,i o =-100a -0.5 v input voltage v i(on) v o =-0.3v,i o =-2 ma -3 v output voltage v o(on) i o /i i =-10ma/-0.5ma -0.3 v input current i i v i =-5v -0.18 ma output current i o(off) v cc =-50v,v i =0 -0.5 a dc current gain g i v o =-5v,i o =-5ma 68 input resistance r 1 32.9 47 61.1 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t v o =-10v,i o =-5ma,f=100mhz 250 mhz  2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
-0 -5 -10 -15 -20 -25 -30 -35 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -0.01 -0.1 -1 -10 -0.1 -1 -10 -100 -0.1 -1 -10 -100 -0.1 -1 -10 -100 1 10 100 1000 0 25 50 75 100 125 150 0 100 200 300 400 -1 -10 -100 -10 -100 -1000 off characteristics f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse voltage v r (v) t a =100 t a =25 o c v cc =-5v output current i 0 (ma) input voltage v i(off) (v) dta144exx on characteristics t a =25 t a =100 v o =-0.3v output current i o (ma) input voltage v i(on) (v) t a =100 t a =25 dc current gain g i output current i o (ma) v o =-5v g i ?? i o dta144em p d ?? t a power dissipation p d (mw) ambient temperature t a ( ) dta144esa dta144eua/ca/ka dta144ee v o(on) ?? i o t a =25 t a =100 i o /i i =20 output voltage v o(on) (mv) output current i o (ma) -3000 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013


▲Up To Search▲   

 
Price & Availability of DTA144ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X