Part Number Hot Search : 
S2072 74LS28 AD1671J MC74VH MGA2805S 600BR B3300 2N4910
Product Description
Full Text Search
 

To Download DTA144ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente dta144ee / dta144 eua / DTA144ECA / dta144esa pnp digital transistors (built-in resistors) 18-oct-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? built-in bias resistors en able the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). ? the bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. equivalent circuit absolute maximum ratings (t a =25 c unless otherwise noted) rating parameter symbol e ua ca sa unit supply voltage v cc -50 v input voltage v in -40 ~ 10 v i o -30 output current i c(max) -100 ma collector dissipation p c 150 200 300 mw junction & storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25 c unless otherwise noted) paramete r s y mbol min. typ. max. unit test conditions v i(off) -0.5 - - v cc = -5v, i o = -100 a input voltage v i(on) - - -3 v v o = -0.3v, i o = -2ma output voltage v o(on) - - -0.3 v i o /i l = -10ma / -0.5ma input current i i - - -0.18 a v l = -5v output current i o(off) - - -0.5 a v cc = -50v, v i =0 dc current gain g i 68 - - v o = -5v, i o = -5ma input resistance r 1 32.9 47 61.1 v transition frequency f t - 250 - mhz v o = -10v, i c = -5ma, f=100mhz resistance ratio r 1 / r 2 0.8 1 1.2 k ? dta144ee (sot-523) abbreviated symbol 16 dta144eua (sot-323) ? abbreviated symbol 16 dta144esa (to-92s) DTA144ECA (sot-23) abbreviated symbol 16
elektronische bauelemente dta144ee / dta144 eua / DTA144ECA / dta144esa pnp digital transistors (built-in resistors) 18-oct-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of DTA144ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X