Part Number Hot Search : 
SD103 SD103 BSA40 MS2301L6 GDB04 337M0 MIP2E3D SA5511B
Product Description
Full Text Search
 

To Download DTA124EUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic smd type transistors 1in 2gnd 3out features built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors. the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. only the on/off conditions need to be set for operation, making device design easy. absolute maximum ratings ta = 25 parameter symbol rating unit supply voltage v cc -50 v input voltage v in -40to10 v i o -30 i c -100 power dissipation p d 200 mw junction temperature t j 150 storage temperature t stg -55to+150 output current ma electrical characteristics ta = 25 parameter symbol testconditons min typ max unit v i(off) v cc =-5v, i o =-100a -0.5 v i(on) vo=-0.2v, i o =-5ma -3 output voltage v o(on) i o /i i =-10ma/-0.5ma -0.1 -0.3 v input current i i v i =-5v -0.36 ma output current l o(off) v cc =-50v, v i =0v -0.5 a dc current gain g i v o =-5v, i o =-5ma 56 input resistance r 1 15.4 22 28.6 k resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency * f t v ce =-10v, i e =5ma, f=100mhz 250 mhz * transition frequency of the device. input voltage v marking marking 15 sales@twtysemi.com 1 of 2 http://www.twtysemi.com smd type ic smd type transistors DTA124EUA product specification 4008-318-123
smd type ic smd type transistors typlacl characteristics DTA124EUA input voltage : v i (on) (v) output current : i o (a) -100 -50 -20 -10 -5 -2 -1 -500m -200m -100m -100 -1m -10m -100m -200 -2m -20m -500 -5m -50m v o =-0.3v 25 ? c 100 ? c ta= ? 40 ? c fig.1 input voltage vs. output current (on characteristics) 0 -3.0 -10m -1 -2m -5m -1m -200 -500 -100 -20 -50 -10 -2 -5 -0.5 -1.0 -1.5 -2.0 -2.5 v cc =- 5v input voltage : v i (off) (v) output current : io (a) ta= 100 ? c 25 ? c -40 ? c fig.2 output current vs. input voltage (off characteristics) v o =- 5v dc current gain : g i output current : i o (a) 1k 500 200 100 50 20 10 5 2 1 -100 -1m -10m -100m -200 -2m -20m -500 -5m -50m 25 ? c -40 ? c ta=100 ? c fig.3 dc current gain vs. output current l o /l i =20 -100 -1m -10m -100m -200 -2m -20m -500 -5m -50m -1 -500m -200m -100m -10m -50m -5m -20m -2m -1m output current : i o (a) output voltage : v o(on) (v) ta=100 ? c 25 ? c -40 ? c fig.4 output voltage vs. output current sales@twtysemi.com 2 of 2 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of DTA124EUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X