Part Number Hot Search : 
RL803K 162VTRA SP2209E LV4904V N4006 S1ZZGP ELECT RL803K
Product Description
Full Text Search
 

To Download BUZ72A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^e-mi-dondilctoi \j^ioaacti, ona. 20 stern ave. springfield, new jersey 07081 u.s.a. ? n channel ? enhancement mode ? avalanche-rated telephone: (973) 376-2922 (212)227-6005 buz 72a pin1 pin 2 d pin 3 type buz 72 a yds 100v fc 9a rds(on) 0.25 q package to-220 ab maximum ratings parameter continuous drain current 7-c = 25 'c pulsed drain current tc = 25 c avalanche current, limited by 7]max avalanche energy,periodic limited by tjmax avalanche energy, single pulse /d = 10a, vdo = 25 v, rqs = 25 q l = 885 uh, 7] = 25 c gate source voltage power dissipation rc = 25 c operating temperature storage temperature thermal resistance, chip case thermal resistance, chip to ambient din humidity category, din 40 040 iec climatic category, din iec 68-1 symbol id 'dpuls /ar ar as vgs plot 1 tstg rthjc rthja values 9 36 10 7.9 59 20 40 -55... + 150 -55... + 150 <3.1 75 e 55/150/56 unit a mj v w c k/w nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however. nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
electrical characteristics, at 7] = 25c, unless otherwise specified buz 72a parameter symbol values min. typ. max. unit static characteristics drain- source breakdown voltage vgs = 0 v, /d = 0.25 ma, 7] = 25 "c gate threshold voltage vgs=vds,id= 1 ma zero gate voltage drain current vds = 100 v, vgs = 0 v, 7] = 25 c vds = 10 v- ^gs = v> t\ 125 c gate-source leakage current vqq = 20 v, vds = 0 v drain-source on-resistance l/gs = 10v, /d = 6a ^(brjdss ^gs^h) 'dss 'gss rds(on) 100 2.1 , - - - - 3 0.1 10 10 0.2 - 4 1 100 100 0.25 v ma na a
electrical characteristics, at tj = 25 c, unless otherwise specified buz 72a parameter symbol values min. typ. max. unit dynamic characteristics transconductance vds- 2 * /d ? %s(on)max, 'd = 6 a input capacitance vgs = 0 v, vds = 25 v, f= 1 mhz output capacitance vgs = 0 v, vds = 25 v. f= 1 mhz reverse transfer capacitance vgs = o v, vd$ = 25 v, f= 1 mhz turn-on delay time vdd = 30v, vgs = 10v, /d = 3a rgs = 50 q rise time \/dd = 30v, vgs = 10v, /d = 3a rgs = 50 q turn-off delay time l/dd = 30v, l/gs = 10v, /d = 3a rgs = 50 a fall time l/dd = 30v, l/gs = 10v, /d = 3a rgs = 50 q fife qss /^ uoss qss fd(on) 'r fd(off) ff 3 - - - - - - - 4.3 400 120 70 10 45 55 40 - 530 180 105 15 70 75 55 s pf ns
buz 72a electrical characteristics, at tj = 25c, unless otherwise specified parameter symbol values min. typ. max. unit reverse diode inverse diode continuous forward current tc = 25 c inverse diode direct current.pulsed tc = 25 c inverse diode forward voltage vgs = 0 v, if = 20 a reverse recovery time i/r = 30 v, /f=/s| d/f/df = 100 a/us reverse recovery charge i/r = 30 v, /f=/s d/f/df = 100 a/us is 'sm ^sd


▲Up To Search▲   

 
Price & Availability of BUZ72A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X