Part Number Hot Search : 
17815 EP2600TS BU2508AW 030EU IC1001 AN30180A 43618 C3211
Product Description
Full Text Search
 

To Download AUIPS1051L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  automotive grade AUIPS1051L / auips1052g 1 www.irf.com ? 2013 international rectifier j une 3 , 2013 single/dual channel intelligent power low side switch features ? over temperature shutdown ? over current shutdown ? active clamp ? low current & logic level input ? esd protection ? optimized turn on/off for emi ? diagnostic on the input current ? lead free and rohs compliant description the au s1051l and auip s1052g are intelligent power switches (ips) featuring low side mosfets with over - current, over - temperature, esd protection and drain to source active clamp. the au ips1052g is a dual channel device while the au ips 1051 is a single channel. these devices offer protections and the high reliability required in harsh environments. each switch provides efficient protection by turning off the power mosfet when the temperature exceeds 165c or when the drain current reache s 3a . the device restarts once the input is cycled. a serial resistance connected to the input provides the diagnostic. the avalanche capability is significantly enhanced by the active clamp and covers most inductive load demagnetizations. product summary rds(on) 250m ? ( max.) vclamp 39v ishutdown 2.8a (typ.) packages sot - 223 so - 8 au ips1051l au ips1052g typical connection s control in input r d load +bat input signal v diag 2 - 4 (auips1052g) 1 (AUIPS1051L) 5 - 6 - 7 - 8 (auips1052g) 2 (AUIPS1051L) 1 - 3 (auips1052g) 3 (aui ps1051l)
AUIPS1051L / auips1052g 2 www.irf.com ? 20 13 international rectifier j une 3, 2013 qualification information ? qualification level automotive (per aec - q100 ?? ) comments: this family of ics has passed an automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher aut omotive level. moisture sensitivity level sot223 - 3l msl2, 260c (per ipc/jedec j - std - 020) 8l- soicn msl2 , 260c (per ipc/jedec j - std - 020) esd machine model class m 4 (+/ - 450v) (per aec - q - 100 - 003) human body model class h3a (+/ - 4500v) ( per aec - q100 - 002 ) charged device model class c4 (+/ - 1000v) (per aec - q100 - 011) ic latch - up test class ii , level a (per aec - q100 - 004) rohs compliant yes ? qualification standards can be found at international rectifier?s web site ht tp://www.irf.com/ ?? exceptions to aec - q100 requirements are noted in the qualification report.
AUIPS1051L / auips1052g 3 www.irf.com ? 20 13 international rectifier j une 3, 2013 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (tj= - 40c..150c, vcc=6.. 36 v unles s otherwise specified). symbol parameter min. max. units vds maximum drain to source voltage - 0.3 36 v vds cont. maximum continuous drain to source voltage - 28 v vin maximum input voltage - 0.3 6 v isd cont. max diode continuous current (limited by t hermal dissipation) ? 1.3 a pd maximum power dissipation (internally limited by thermal protection) w rth=60c/w au ips 1051l 1? sqrt. f ootprint 2 rth=100c/w au ips 1052g std. footprint 1.25 tj max. maximum operating junction temperature - 40 150 c maximum storage temperature - 55 150 thermal characteristics symbol parameter typ. max. units rth1 thermal resistance junction to ambient au ips 1051l sot - 223 std. footprint 100 ? c/w rth2 thermal resistance junction to ambient au ips 1051l sot - 223 1? sqrt. f ootprint 60 ? rth1 thermal resistance junction to ambient au ips 1052g so - 8 std. footprint 100 ? 1 die active rth1 thermal resistance junction to ambient au ips 1052g so - 8 std. footprint 130 ? 2 die active recommended operating co nditions these values are given for a quick design. for operation outside these conditions, please consult the application notes. symbol parameter min. max. units vih high level input voltage 4.5 5.5 v vil low level input voltage 0 0.5 ids continuous d rain current, tambient=85c, tj=125c, vin=5v ? 1.4 a rth=6 0 c/w au ips 1051l 1? sqrt. footprint continuous drain current, tambient=85c, tj=125c, vin=5v ? 1.1 a rth= 100 c/w au ips 1052g 1? sqrt. footprint - 1 die active continuous drain curr ent, tambient=85c, tj=125c, vin=5v 0.5 a rth= 130 c/w au ips 1052g 1? sqrt. footprint - 2 die active rin recommended resistor in series with in pin to generate a diagnostic 0.5 10 k ? max l max. recommended load inductance ( including line inductanc e )(1) ? 30 h max. f max. frequency ? 10 khz max. t rise max. input rise time ? 1 s (1) higher inductance is possible if maximum load current is limited - see figure 11
AUIPS1051L / auips1052g 4 www.irf.com ? 20 13 international rectifier j une 3, 2013 static electrical characteristics tj= - 40..150c, vcc=6..28v (unless otherwise sp ecified), typical value are given for tj=25c symbol parameter min. typ. max. units test conditions rds(on) on state resistance tj=25c ? 160 250 m ? vin=5v, ids= 1 a on state resistance tj=150c ? 340 450 idss1 drain to source leakage current ? 0.1 2 a vcc= 14 v, tj=25c idss2 drain to source leakage current ? 0.2 4 vcc= 28 v, tj=25c v clamp1 drain to source clamp voltage 1 36 38 ? v id= 20 ma v clamp2 drain to source clamp voltage 2 ? 39 42 id= 0.5 a vin clamp in to source pin clamp voltage 5.5 6.5 7 .5 iin= 1m a vth input threshold voltage ? 1.7 ? id= 10 ma switching electrical characteristics vcc=14v, resistive load= 10? , rinput=50 ? , vin=5v, tj=25c symbol parameter min. typ. max. units test conditions tdon turn - on delay time to 20% 1 3 10 s see f igure 2 tr rise time 20% to 80% 1 3 10 tdoff turn - off delay time to 80% 3 15 40 tf fall time 80% to 20% 2 4 10 eon + eoff turn on and off energy ? 0.1 ? mj protection characteristics tj= - 40..150c, vcc=6..28v (unless otherwise specified), typ ical value are given for tj=25c symbol parameter min. typ. max. units test conditions tsd over temperature threshold 150(2) 165 ? c see figure 1 isd over current threshold 1.9 2.8 3.8 a see figure 1 ov over voltage protection (not active when the devi ce is on ) 34 37 ? v vreset in protection reset threshold ? 1.7 ? v treset time to reset protection 15(2) 50 200 s vin=0v, tj=25c (2)guaranteed by design diagnostic tj= - 40..150c, vcc=6..28v (unless otherwise specified), typical value are given fo r tj=25c symbol parameter min. typ. max. units test conditions iin, on on state in positive current 10 32 80 a vin=5v iin, off off state in positive current (after protection latched ? fault condition) 1 20 230 350
AUIPS1051L / auips1052g 5 www.irf.com ? 20 13 international rectifier j une 3, 2013 lead assignments functional block diagram all values are typical in s r q 6 v tj > 165c drain source 37v 15k ? i > isd 75 ? 43v vds > o.v. 2k ? 150k ?
AUIPS1051L / auips1052g 6 www.irf.com ? 20 13 international rectifier j une 3, 2013 figure 1 ? timing diagram all curves are typical values. operating in the shaded area is not recommended. vds ids vin in d s r l 0v 5v 14v + - v load rem : during active clamp, vload is negative tj isd tsd 165c ids vin ishutdown tshutdown tt reset vdiag fault normal vds ids vin tr - in 80% 20% 80% 20% td on tr td off tf figure 2 ? in rise time & switching definitions vds ids vin vcc vds clamp t clamp see application notes to evaluate power dissipation figure 3 ? active clamp waveforms figure 4 ? active clamp test circuit
AUIPS1051L / auips1052g 7 www.irf.com ? 20 13 international rectifier j une 3, 2013 0% 50% 100% 150% 200% 0 1 2 3 4 5 6 0 1 2 3 4 0 1 2 3 4 5 6 i limit i shutdown figure 5 ? normalized rds(on) (%) vs input voltage (v) v in, input voltage (v) rds(on), drain - to - source on resistance (normalized) 50% 100% 150% 200% -50 0 50 100 150 tj, junction temperature (c) figure 6 - normalized rds(on) (%) vs tj (c) rds(on), drain - to - source on resistance (normalized) figure 7 ? current limitation and current shutdown vs input voltage (v) vin, input voltage (v) ids, output current 0% 20% 40% 60% 80% 100% 120% 140% -50 0 50 100 150 figure 8 ? norma lized i shutdown (%) vs junction temperature (c) tj, junction temperature (c) isd, normalized i shutdown (%)
AUIPS1051L / auips1052g 8 www.irf.com ? 20 13 international rectifier j une 3, 2013 0 0.5 1 1.5 2 2.5 3 1 10 100 1000 0 0.5 1 1.5 2 2.5 3 -50 0 50 100 150 60c/w 100c/w figure 9 ? max. continuous output current (a) vs ambient temperature (c) protection respon se time (s) ids, cont. output current (a) figure 10 ? ids (a) vs over temperature protection response time (s) / ips1051l ids, output current (a) tamb, ambient temperature (c) 1 10 0.001 0.01 0.1 1 10 100 figure 11 ? max. ouput current (a) vs inductive load (mh) ids, output current (a) inductive load (mh) 0.01 0.1 1 10 100 1e-6 1e-4 1e-2 1e+0 1e+2 figure 12 ? transient thermal impedance (c/w) vs time (s) zth, transient thermal impedance (c/w) time (s)
AUIPS1051L / auips1052g 9 www.irf.com ? 20 13 international rectifier j une 3, 2013 0 20 40 60 80 100 120 140 160 180 200 0 1 2 3 4 5 6 0 50 100 150 200 250 -50 0 50 100 150 icc off icc on figure 13 ? input current (a) on and off vs junction temperature (c) ion, ioff, input durrent (a) tj, junction temperature (c) figure 14 ? over temperature shutdown (c) vs input v oltage (v) tsd, over temperature shutdown (c) vin, input voltage (v)
AUIPS1051L / auips1052g 10 www.irf.com ? 20 13 international rectifier j une 3, 2013 case outline - sot - 223 - automotive q100 pbf msl2 qualified leads and drain are plated with 100% sn
AUIPS1051L / auips1052g 11 www.irf.com ? 20 13 international rectifier j une 3, 2013 tape & reel - sot - 223
AUIPS1051L / auips1052g 12 www.irf.com ? 20 13 international rectifier j une 3, 2013 case outline - so - 8 - automotive q100 pbf msl2 qualified leads and drain are plated with 100% sn
AUIPS1051L / auips1052g 13 www.irf.com ? 20 13 international rectifier j une 3, 2013 tape & reel - so - 8
AUIPS1051L / auips1052g 14 www.irf.com ? 20 13 international rectifier j une 3, 2013 part marking information ordering information base part number package type standard pack complete part number form quantity auips10 51 soic - 8 tube 95 auips10 5 2g tape and reel 2500 auips10 5 2gtr auips10 51 sot - 223 tube 80 auips10 5 1l tape and reel 2500 auips10 5 1ltr
AUIPS1051L / auips1052g 15 www.irf.com ? 20 13 international rectifier j une 3, 2013 important notice unless specifically designated for the automotive market, international rectifier corporation and i ts subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the ?a u? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledg ment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their produ cts and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable f or such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express an d any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in sy stems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of t he ir product could create a situation where personal injury or death may occur. should b uyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages , and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufac ture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applic ations. buyers acknowledge and agree that any use of ir products not certified by dla as military - grade, in applications requiring military grade products, is solely at the buyer?s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non - designated products in automotive applications, ir will not be responsible for any failure to meet such requirements for technical support, please contact ir?s technical assistance center http://www.irf.com/technical - info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252 - 7105
AUIPS1051L / auips1052g 16 www.irf.com ? 20 13 international rectifier j une 3, 2013 revision history revision date notes/changes c 1 november , 2 4 th , 2010 au release c2 december, 7 th 2010 esd section removed page 3 c3 february, 28 th 2011 update max rating voltage c4 march, 14 th 2011 update part marking c5 march, 17 th 2011 update esd level and lead free/rohs complia nt d november, 14 th , 2011 update t&r sot223 e january, 11 th 2012 update fig. 11 f may 9 th , 2012 update the component number of the sot223 tube g june, 21 st 2012 update storage temperature, figure 9 h april, 30 th 2013 correct the functional block diagr am page 5


▲Up To Search▲   

 
Price & Availability of AUIPS1051L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X