Part Number Hot Search : 
T113059 128MP Z86160 120M0 AP89010 06749 7C660X 120M0
Product Description
Full Text Search
 

To Download 74HC4066BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc4066; 74hct4066 is a quad single pole, single throw analog switch. each switch features two input/output terminals (ny and nz) and an active high enable input (ne). when ne is low, the analog switch is turned off. inputs include clamp diodes. this enables the use of current limiting resistors to interface inputs to voltages in excess of v cc . 2. features and benefits ? input levels ne inputs: ? for 74hc4066: cmos level ? for 74hct4066: ttl level ? low on resistance: ? 50 ? (typical) at v cc = 4.5 v ? 45 ? (typical) at v cc = 6.0 v ? 35 ? (typical) at v cc = 9.0 v ? specified in compliance with jedec standard no. 7a ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? multiple package options ? specified from ? 40 ? cto +85 ? c and ? 40 ? cto +125 ? c 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch rev. 7 ? 2 april 2013 product data sheet
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 2 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 3. ordering information 4. functional diagram table 1. ordering information type number package temperature range name description version 74hc4066n ? 40 ? c to +125 ? c dip14 plastic dual in-line package; 14 leads (300 mil) sot27-1 74hct4066n 74hc4066d ? 40 ? c to +125 ? c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 74hct4066d 74hc4066db ? 40 ? c to +125 ? c ssop14 plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 74hct4066db 74hc4066pw ? 40 ? c to +125 ? c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74hct4066pw 74HC4066BQ ? 40 ? c to +125 ? c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 ? 3 ? 0.85 mm sot762-1 74hct4066bq fig 1. logic symbol fig 2. iec logic symbol 001aad269 1y 1z 12 2y 2z 43 1e 13 3y 3z 89 4y 4z 11 10 3e 6 4e 12 2e 5 001aad270 12 13 # 43 5# 89 6# 11 10 (a) 12 # 12 13 1 x1 1 x1 1 x1 1 1 1 1 1 x1 # 43 5# 89 6# 11 10 (b) 12 #
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 3 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 5. pinning information 5.1 pinning 5.2 pin description fig 3. schematic diagram (one switch) 001aad271 gnd nz ne ny v cc v cc (1) this is not a supply pin. the substrate is attached to this pad using conductive die atta ch material. there is no electrical or mechanical requi rement to solder this pad. however, if it is soldered, the solder land should remain floating or be connected to vcc. fig 4. pin configuration for dip14, so14, ssop14 and tssop14 fig 5. pin configuration for dhvqfn14 4066 1y v cc 1z 1e 2z 4e 2y 4y 2e 4z 3e 3z gnd 3y 001aad268 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aac116 4066 transparent top view 3e 3z 2e 4z 2y 4y 2z 4e 1z 1e gnd 3y 1y v cc 6 9 5 10 4 11 3 12 2 13 7 8 1 14 terminal 1 index area v cc (1) table 2. pin description symbol pin description 1z, 2z, 3z, 4z 2, 3, 9, 10 independent input or output 1y, 2y, 3y, 4y 1, 4, 8, 11 independent input or output gnd 7 ground (0 v) 1e, 2e, 3e, 4e 13, 5, 6, 12 enable input (active high) v cc 14 supply voltage
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 4 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 6. functional description [1] h = high voltage level; l = low voltage level. 7. limiting values [1] to avoid drawing v cc current out of terminal z, when switch current flows in terminals yn, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current flows into terminal z, no v cc current will flow out of terminals yn. in this case there is no limit for the voltage drop across the switch, but the voltages at yn and z may not exceed v cc or gnd. [2] for dip14 package: p tot derates linearly with 12 mw/k above 70 ? c. for so14 package: p tot derates linearly with 8 mw/k above 70 ? c. for (t)ssop14 packages: p tot derates linearly with 5.5 mw/k above 60 ? c. for dhvqfn14 packages: p tot derates linearly with 4.5 mw/k above 60 ? c. table 3. function table [1] input ne switch loff hon table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +11.0 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5v - ? 20 ma i sk switch clamping current v sw < ? 0.5 v or v sw >v cc +0.5v - ? 20 ma i sw switch current v sw = ? 0.5 v to v cc +0.5v [1] - ? 25 ma i cc supply current - 50 ma i gnd ground current - ? 50 ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c [2] dip14 package - 750 so14, (t)ssop14 and dhvqfn14 packages -500 p power dissipation per switch - 100 mw
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 5 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 8. recommended operating conditions 9. static characteristics table 5. recommended operating conditions symbol parameter conditions 74hc4066 74hct4066 unit min typ max min typ max v cc supply voltage 2.0 5.0 10.0 4.5 5.0 5.5 v v i input voltage gnd - v cc gnd - v cc v v sw switch voltage gnd - v cc gnd - v cc v t amb ambient temperature ? 40 +25 +125 ? 40 +25 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 2.0 v - - 625 - - - ns/v v cc = 4.5 v - 1.67 139 - 1.67 139 ns/v v cc = 6.0 v - - 83 - - - ns/v v cc = 10.0 v - - 35 - - - ns/v table 6. r on resistance per switch for types 74hc4066 and 74hct4066 v i = v ih or v il ; for test circuit see figure 6 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. for 74hc4066: v cc ? gnd = 2.0 v, 4.5 v, 6.0 v and 9.0 v. for 74hct4066: v cc ? gnd = 4.5 v. symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max r on(peak) on resistance (peak) v is = v cc to gnd v cc = 2.0 v; i sw = 100 ? a [2] --- - - ? v cc = 4.5 v; i sw = 1000 ? a - 54 - 118 142 ? v cc = 6.0 v; i sw = 1000 ? a - 42 - 105 126 ? v cc = 9.0 v; i sw = 1000 ? a - 32 - 88 105 ? r on(rail) on resistance (rail) v is = gnd v cc = 2.0 v; i sw = 100 ? a [2] -80- - - ? v cc = 4.5 v; i sw = 1000 ? a-35-95115 ? v cc = 6.0 v; i sw = 1000 ? a - 27 - 82 100 ? v cc = 9.0 v; i sw = 1000 ? a-20-7085 ? v is = v cc v cc = 2.0 v; i sw = 100 ? a [2] -100- - - ? v cc = 4.5 v; i sw = 1000 ? a - 42 - 106 128 ? v cc = 6.0 v; i sw = 1000 ? a-35-94113 ? v cc = 9.0 v; i sw = 1000 ? a-20-7895 ?
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 6 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch [1] typical values are measured at t amb = 25 ? c. [2] at supply voltages (v cc ? gnd) approaching 2 v, the analog switch on resist ance becomes extremely non-linear. therefore it is recommended that these devices be used to transmit di gital signals only, when us ing these supply voltages. ? r on on resistance mismatch between channels v is = v cc to gnd v cc = 2.0 v [2] --- - - ? v cc = 4.5 v - 5 - - - ? v cc = 6.0 v - 4 - - - ? v cc = 9.0 v - 3 - - - ? table 6. r on resistance per switch for types 74hc4066 and 74hct4066 ?continued v i = v ih or v il ; for test circuit see figure 6 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. for 74hc4066: v cc ? gnd = 2.0 v, 4.5 v, 6.0 v and 9.0 v. for 74hct4066: v cc ? gnd = 4.5 v. symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max v is = 0 v to v cc v is = 0 v to v cc fig 6. test circuit for measuring r on fig 7. typical r on as a function of input voltage v is aaa-003458 v is i sw v ih v cc gnd nz ny ne v sw v is (v) 0 9.0 7.2 3.6 5.4 1.8 aaa-003459 30 40 20 50 60 r on () 10 v cc = 4.5 v 6 v 9 v r on v sw i sw --------- - =
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 7 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch table 7. static characteristics 74hc4066 at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ [1] max unit t amb = ? 40 ?c to +85 ?c v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - v v cc = 4.5 v 3.15 2.4 - v v cc = 6.0 v 4.2 3.2 - v v cc = 9.0 v 6.3 4.7 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 v v cc = 4.5 v - 2.1 1.35 v v cc = 6.0 v - 2.8 1.80 v v cc = 9.0 v - 4.3 2.70 v i i input leakage current v i = v cc or gnd v cc = 6.0 v - - ? 1.0 ? a v cc = 10.0 v - - ? 2.0 ? a i s(off) off-state leakage current v cc = 10.0 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 8 per channel - - ? 1.0 ? a i s(on) on-state leakage current v cc = 10.0 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 9 -- ? 1.0 ? a i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd v cc = 6.0 v - - 20.0 ? a v cc = 10.0 v - - 40.0 ? a c i input capacitance - 3.5 - pf c sw switch capacitance - 8 - pf t amb = ? 40 ? c to +125 ?c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v cc = 9.0 v 6.3 - - v v il low-level input voltage v cc = 2.0 v - - 0.50 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.80 v v cc = 9.0 v - - 2.70 v i i input leakage current v i = v cc or gnd v cc = 6.0 v - - ? 1.0 ? a v cc = 10.0 v - - ? 2.0 ? a i s(off) off-state leakage current v cc = 10.0 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 8 per channel - - ? 1.0 ? a i s(on) on-state leakage current v cc = 10.0 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 9 -- ? 1.0 ? a
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 8 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch [1] typical values are measured at t amb = 25 ? c. [1] typical values are measured at t amb = 25 ? c. i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd v cc = 6.0 v - - 40 ? a v cc = 10.0 v - - 80 ? a table 7. static characteristics 74hc4066 ?continued at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ [1] max unit table 8. static characteristics 74hct4066 at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ [1] max unit t amb = ? 40 ?c to +85 ?c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - ? 1.0 ? a i s(off) off-state leakage current v cc = 5.5 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 8 per channel - - ? 1.0 ? a i s(on) on-state leakage current v cc = 5.5 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 9 -- ? 1.0 ? a i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd; v cc = 4.5 v to 5.5 v - - 20.0 ? a ? i cc additional supply current per input pin; v i = v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v - 100 450 ? a c i input capacitance - 3.5 - pf c sw switch capacitance - 8 - pf t amb = ? 40 ? c to +125 ?c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v i i input leakage current v i = v cc or gnd; v cc = 5.5 v - - ? 1.0 ? a i s(off) off-state leakage current v cc = 5.5 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 8 per channel - - ? 1.0 ? a i s(on) on-state leakage current v cc = 5.5 v; v i = v ih or v il ; ?v sw ? =v cc ? gnd; see figure 9 -- ? 1.0 ? a i cc supply current v i = v cc or gnd; v is = gnd or v cc ; v os =v cc or gnd; v cc = 4.5 v to 5.5 v --40 ? a ? i cc additional supply current per input pin; v i = v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v - - 490 ? a
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 9 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 10. dynamic characteristics [1] typical values are measured at t amb = 25 ? c. [2] t pd is the same as t phl and t plh . [3] t on is the same as t phz and t plz . v is = v cc and v os = gnd v is = gnd and v os = v cc v is = v cc and v os = open v is = gnd and v os = open fig 8. test circuit for measuring off-state leakage current fig 9. test circuit for measuring on-state leakage current i sw i sw aaa-003456 v il z v cc yn e v os v is gnd i sw aaa-003457 v ih zy n e v os v is gnd v cc table 9. dynamic characteristics 74hc4066 gnd = 0 v; t r = t f = 6 ns; c l = 50 pf unless specified otherwise; for test circuit see figure 12 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max t pd propagation delay ny to nz or nz to ny; r l = ? ? ; see figure 10 [2] v cc = 2.0 v - 8 75 - 90 ns v cc = 4.5 v - 3 15 - 18 ns v cc = 6.0 v - 2 13 - 15 ns v cc = 9.0 v - 2 10 - 12 ns t off turn-off time ne to ny or nz; see figure 11 [4] v cc = 2.0 v - 44 190 - 225 ns v cc = 4.5 v - 16 38 - 45 ns v cc = 5.0 v; c l = 15 pf - 13 - - - ns v cc = 6.0 v - 13 33 - 38 ns v cc = 9.0 v - 16 26 - 30 ns t on turn-on time ne to ny or nz; see figure 11 [3] v cc = 2.0 v - 36 125 - 150 ns v cc = 4.5 v - 13 25 - 30 ns v cc = 5.0 v; c l = 15 pf - 11 - - - ns v cc = 6.0 v - 10 21 - 26 ns v cc = 9.0 v - 8 16 - 20 ns c pd power dissipation capacitance per switch; v i = gnd to v cc [5] 11 - - - pf
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 10 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch [4] t off is the same as t pzh and t pzl . [5] c pd is used to determine the dynamic power dissipation (p d in ? w). p d = c pd ? v cc 2 ? f i + ? {(c l +c sw ) ? v cc 2 ? f o } where: f i = input frequency in mhz; f o = output frequency in mhz; ? {(c l +c sw ) ? v cc 2 ? f o } = sum of outputs; c l = output load capacitance in pf; c sw = switch capacitance in pf; v cc = supply voltage in v. [1] typical values are measured at t amb = 25 ? c. [2] t pd is the same as t phl and t plh . [3] t on is the same as t phz and t plz . [4] t off is the same as t pzh and t pzl . [5] c pd is used to determine the dynamic power dissipation (p d in ? w). p d = c pd ? v cc 2 ? f i + ? {(c l +c sw ) ? v cc 2 ? f o } where: f i = input frequency in mhz; f o = output frequency in mhz; ? {(c l +c sw ) ? v cc 2 ? f o } = sum of outputs; c l = output load capacitance in pf; c sw = switch capacitance in pf; v cc = supply voltage in v. table 10. dynamic characteristics 74hct4066 gnd = 0 v; t r = t f = 6 ns; c l = 50 pf unless specified otherwise; for test circuit see figure 12 . v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max t pd propagation delay ny to nz or nz to ny; r l = ? ? ; see figure 10 [2] v cc = 4.5 v - 3 15 - 18 ns t off turn-off time ne to ny or nz; see figure 11 [4] v cc = 4.5 v - 20 44 - 53 ns v cc = 5.0 v; c l = 15 pf - 16 - - - ns t on turn-on time ne to ny or nz; see figure 11 [3] v cc = 4.5 v - 12 30 - 36 ns v cc = 5.0 v; c l = 15 pf - 12 - - - ns c pd power dissipation capacitance per switch; v i =gndto(v cc ? 1.5 v) [5] -12- - -pf
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 11 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 11. waveforms fig 10. input (v is ) to output (v os ) propagation delays 001aad555 t plh t phl 50 % 50 % v is input v os output measurement points are shown in table 11 . fig 11. turn-on and turn-off times aaa-003460 t plz t phz switch off switch on switch on v os output v os output e input v m v i 0 v 90 % 10 % t pzl t pzh 50 % 50 % table 11. measurement points type v i v m 74hc4066 v cc 0.5v cc 74hct4066 3.0 v 1.3 v
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 12 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch [1] for 74hct4066: maximum input voltage v i = 3.0 v. test data is given in table 12 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistor. s1 = test selection switch. fig 12. load circuitry for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aag732 v cc v cc open gnd v i v os dut c l r t r l s1 pulse generator v is table 12. test data test input output s1 position control e switch yn (z) t r , t f switch z (yn) v i [1] v is c l r l t phl, t plh gnd gnd to v cc 6 ns 50 pf - open t phz , t pzh gnd to v cc v cc 6ns 50pf, 15pf 1k ? gnd t plz , t pzl gnd to v cc gnd 6 ns 50 pf, 15 pf 1 k ? v cc
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 13 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 12. additional dynamic characteristics [1] adjust input voltage v is to 0 dbm level (0 dbm = 1 mw into 600 ? ). [2] adjust input voltage v is to 0 dbm level at v os for f i = 1 mhz (0 dbm = 1 mw into 50 ? ). after set-up, f i is increased to obtain a reading of ? 3db at v os . table 13. additional dynamic characteristics recommended conditions and typical values; gnd = 0 v; t amb = 25 ? c. v is is the input voltage at a yn or z terminal, whichever is assigned as an input. v os is the output voltage at a yn or z terminal, whichever is assigned as an output. symbol parameter conditions min typ max unit thd total harmonic distortion f i = 1 khz; r l = 10 k ? ; c l =50pf; see figure 13 % v cc = 4.5 v; v i = 4.0 v (p-p) - 0.04 - % v cc = 9.0 v; v i = 8.0 v (p-p) - 0.02 - % f i =10khz; r l = 10 k ? ; c l =50pf; see figure 13 v cc = 4.5 v; v i = 4.0 v (p-p) - 0.12 - % v cc = 9.0 v; v i = 8.0 v (p-p) - 0.06 - % f ( ? 3db) ? 3 db frequency response r l = 50 ? ; c l =10pf; see figure 15 [2] v cc = 4.5 v - 180 - mhz v cc = 9.0 v - 200 - mhz ? iso isolation (off-state) r l = 600 ? ; c l =50pf; f i = 1 mhz; see figure 14 [1] v cc = 4.5 v - ? 50 - db v cc = 9.0 v - ? 50 - db v ct crosstalk voltage between digital input and switch (peak to peak value); r l = 600 ? ; c l =50pf; f i = 1 mhz; see figure 16 v cc = 4.5 v - 110 - mv v cc = 9.0 v - 220 - mv xtalk crosstalk between switches; r l = 600 ? ; c l =50pf; f i = 1 mhz; see figure 17 [1] v cc = 4.5 v - ? 60 - db v cc = 9.0 v - ? 60 - db fig 13. test circuit for measuri ng total harmonic distortion 10 f 2r l 2r l c l f i v ih v o v cc v cc ne d ny/nz nz/ny 001aaj468
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 14 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch a. isolation (off-state) b. test circuit v cc = 4.5 v; gnd = 0 v; r l = 600 ? ; r source = 1 k ? . fig 14. isolation (off-state) as a function of frequency mna082 ?60 ?40 ?80 ?20 0 (db) ?100 10 f i (khz) 10 5 10 6 10 4 10 2 10 3 0.1 f 2r l 2r l c l f i v il v o v cc v cc ne db ny/nz nz/ny 001aaj470
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 15 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch a. typical ? 3 db frequency response b. test circuit v cc = 4.5 v; gnd = 0 v; r l = 50 ? ; r source = 1 k ? . fig 15. ? 3 db frequency response mna083 5 (db) ?5 10 f i (khz) 10 5 10 6 10 4 10 2 10 3 0 0.1 f 2r l 2r l c l f i v ih v o v cc v cc ne db ny/nz nz/ny 001aaj469
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 16 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch a. circuit b. crosstalk voltage fig 16. test circuit for measuring crosstalk volt age (between the digital input and the switch) dut mnb011 2r l 2r l 2r l 2r l nz/ny ny/nz c l oscilloscope v cc ne v cc v cc gnd gnd mnb012 v(p?p) fig 17. test circuit for measuring crosstalk (between the switches) 001aai846 v ih v cc 1z or 1y 1y or 1z channel on 1e f i 2r l r l 0.1 f c l v v il v cc v cc 2z or 2y 2y or 2z channel off 2e 2r l 2r l 2r l 2r l 2r l c l v v o1 v o2
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 17 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 13. package outline fig 18. package outline sot27-1 (dip14) unit a max. 1 2 (1) (1) b 1 cd (1) z ee m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot27-1 99-12-27 03-02-13 a min. a max. b max. w m e e 1 1.73 1.13 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.2 4.2 0.51 3.2 0.068 0.044 0.021 0.015 0.77 0.73 0.014 0.009 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.087 0.17 0.02 0.13 050g04 mo-001 sc-501-14 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 14 1 8 7 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. dip14: plastic dual in-line package; 14 leads (300 mil) sot27-1
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 18 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch fig 19. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 19 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch fig 20. package outline sot337-1 (ssop14) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 0.2 7.9 7.6 1.03 0.63 0.9 0.7 1.4 0.9 8 0 o o 0.13 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot337-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 7 14 8 a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop14: plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 a max. 2
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 20 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch fig 21. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 21 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch fig 22. package outline sot762-1 (dhvqfn14) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762-1 dhvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 22 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 14. abbreviations 15. revision history table 14. abbreviations acronym description cmos complementary metal oxide semiconductor esd electrostatic discharge hbm human body model mm machine model table 15. revision history document id release date data sheet status change notice supersedes 74hc_hct4066 v.7 20130402 product data sheet - 74hc_hct4066 v.6 modifications: ? descriptive title corrected (errata). ? new general description (errata). 74hc_hct4066 v.6 20120718 product data sheet - 74hc_hct4066 v.5 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. 74hc_hct4066 v.5 20041111 product data sheet - 74hc_hct4066 v.4 74hc_hct4066 v.4 20030617 product data sheet - 74hc_hct4066_cnv v.3 74hc_hct4067_cnv v.3 19981110 product data sheet - 74hc_hct4066_cnv v.2 74hc_hct4066_cnv v.2 19981002 product specification - -
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 23 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 16.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 16.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct4066 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 2 april 2013 24 of 25 nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 16.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc4066; 74hct4066 quad single-pole singl e-throw analog switch ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 2 april 2013 document identifier: 74hc_hct4066 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 5 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12 additional dynamic characteristics . . . . . . . . 13 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 22 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 23 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 23 16.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 16.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 24 17 contact information. . . . . . . . . . . . . . . . . . . . . 24 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


▲Up To Search▲   

 
Price & Availability of 74HC4066BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X