Part Number Hot Search : 
DTC144 MP38892 BRF15N65 5962F MCP607I IDT71V 1A470 1N445
Product Description
Full Text Search
 

To Download 71308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/09/2014 please check www.molex.com for latest part information part number: 38710-4708 status: active overview: beau? barrier strips description: 9.53mm pitch beau? pcb terminal strip, low profile, insulated pc tail, 8 circuits documents: 3d model product specification ps-38710-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 38710 application n/a component type one piece overview beau? barrier strips product name fixed mount barrier type barrier strip upc 800756283401 physical circuits (loaded) 8 circuits (maximum) 8 color - resin black entry angle horizontal lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation horizontal pc tail length 5.30mm pcb retention yes panel mount no pitch - mating interface 9.53mm pitch - termination interface 9.53mm polarized to mating part no shrouded dual-barrier stackable no surface mount compatible (smc) no temperature range - operating -40c to +130c termination interface: style screw or lug wire size awg 14, 16, 18, 20, 22 wire size mm2 0.50 - 1.50 electrical current - maximum per contact 15a voltage - maximum 300v material info old part number 71308 reference - drawing numbers product specification ps-38710-001 sales drawing sd-38710-006 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 38710 series mates with n/a
this document was generated on 10/09/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 71308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X