Part Number Hot Search : 
EP8302 74LS86 SST211DE C4722 BGY284 U1001 DG459 ZHCS400
Product Description
Full Text Search
 

To Download 2SC2527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC2527 description ? ? with to-220c package ? complement to type 2sa1077 ? fast switching speed ? excellent safe operating area applications ? high frequency power amplifiers ? audio power amplifiers ? switching regulators ? dc-dc converters pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 120 v v ceo collector-emitter voltage open base 120 v v ebo emitter-base voltage open collector 7 v i c collector current 10 a p c collector power dissipation t c =25 ?? 60 w t j junction temperature 150 ?? t stg storage temperature -65~150 ??
inchange semiconductor product specification 2 silicon npn power transistors 2SC2527 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =1ma ; r be = ?t 120 v v (br)cbo collector-base breakdown voltage i c =50 | a ; i e =0 120 v v (br)ebo emitter-base breakdown voltage i e =50 | a ; i c =0 7 v v cesat collector-emitter saturation voltage i c =5a; i b =0.5a 1.8 v v be base-emitter on voltage i c =5 a ; v ce =5v 1.7 v i cbo collector cut-off current v cb =120v ;i e =0 50 | a i ceo collector cut-off current v ce =120v; i b =0 1 ma i ebo emitter cut-off current v eb =7v ;i c =0 50 | a h fe-1 dc current gain i c =1 a ; v ce =5v 60 200 h fe -2 dc current gain i c =5 a ; v ce =5v 40 f t transition frequency i c =1 a ; v ce =10v 80 mhz c ob output capacitance i e =0 ; v cb =10v; f=1mhz 180 pf switching times t r rise time 0.3 | s t s storage time 1.3 | s t f fall time i c =7.5 a; r l =4 |? i b1 =-i b2 =0.75a 0.2 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SC2527 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SC2527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X