1n5913 thru 1n5956 1.5 watt zener diode 3.3 to 200 volts do - 41g features wide voltage range available pl astic package high temp soldering: 250 c for 10 seconds at terminals maximum ratings operating temperature: - 55 c to +150 c storage temperature: - 55 c to +150 c 1.5 watt dc power dissipation power derating: 12 mw/ c above 75 c forward voltage @ 200ma: 1.2 volts dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- figure 2 - derating cur ve power dissipation (mw) - versus - temperature c temperature c 0 50 100 150 w 1.0 2.0 typical capacitance (pf) ? versus ? zener voltage (v z ) figure 1 - typical capacitance 0 100 200 1 10 100 pf v z at zero volts at ? 2 volts v r a b c d d cathode mark www . mccsemi .com revision: 3 2003/09/03 omponents 20736 marilla street chatsworth !"# $ % !"# mcc
electrical characteristics @25 c mcc part number zener voltage v z test current i zt maximum dynamic impedance z zt @ i zt knee current i zk knee impedance z zk maximum reverse current i r reverse voltage v r maximum dc current i zm volts ma ohms ma ohms m a volts ma 1n5913 3.3 113.6 10 1.0 500 100 1.0 454 1n5914 3.6 104.2 9.0 1.0 500 75 1.0 416 1n5915 3.9 96.1 7.5 1.0 500 25 1.0 384 1n5916 4.3 87.2 6.0 1.0 500 5.0 1.0 348 1n5917 4.7 79.8 5.0 1.0 500 5.0 1.5 319 1n5918 5.1 73.5 4.0 1.0 350 5.0 2.0 294 1n5919 5.6 66.9 2.0 1.0 250 5.0 3.0 267 1n5920 6.2 60.5 2.0 1.0 200 5.0 4.0 241 1n5921 6.8 55.1 2.5 1.0 200 5.0 5.2 220 1n5922 7.5 50 3.0 0.5 400 5.0 6.0 200 1n5923 8.2 45.7 3.5 0.5 400 5.0 6.5 182 1n5924 9.1 41.2 4.0 0.5 500 5.0 7.0 164 1n5925 10 37.5 4.5 0.2 5 500 5.0 8.0 150 1n5926 11 34.1 5.5 0.25 550 1.0 8.4 125 1n5927 12 31.2 6.5 0.25 550 1.0 9.1 125 1n5928 13 28.8 7.0 0.25 550 1.0 9.9 115 1n5929 15 25 9.0 0.25 600 1.0 11.4 100 1n5930 16 23.4 10 0.25 600 1.0 12.2 93 1n5931 18 20.8 12 0.25 650 1 .0 13.7 83 1n5932 20 18.7 14 0.25 650 1.0 15.2 75 1n5933 22 17 17.5 0.25 650 1.0 16.7 68 1n5934 24 15.6 19 0.25 700 1.0 18.2 62 1n5935 27 13.9 23 0.25 700 1.0 20.6 55 1n5936 30 12.5 28 0.25 750 1.0 22.8 50 1n5937 33 11.4 33 0.25 800 1.0 25.1 45 1n5938 36 10.4 38 0.25 850 1.0 27.4 41 1n5939 39 9.6 45 0.25 900 1.0 29.7 38 1n5940 43 8.7 53 0.25 950 1.0 32.7 34 1n5941 47 8.0 67 0.25 1000 1.0 35.8 31 1n5942 51 7.3 70 0.25 1100 1.0 38.8 29 1n5943 56 6.7 86 0.25 1300 1.0 42.6 26 1n5944 62 6.0 100 0.25 1500 1.0 47.1 24 1n5945 68 5.5 120 0.25 1700 1.0 51.2 22 1n5946 75 5.0 140 0.25 2000 1.0 56 20 1n5947 82 4.6 160 0.25 2500 1.0 62.2 18 1n5948 91 4.1 200 0.25 3000 1.0 69.2 16 1n5949 100 3.7 250 0.25 3100 1.0 76 15 1n5950 110 3.4 300 0.25 4000 1.0 83.6 13 1n5951 120 3.1 380 0.25 4500 1.0 91.2 12 1n5952 130 2.9 450 0.25 5000 1.0 98.8 11 1n5953 150 2.5 600 0.25 6000 1.0 114 10 1n5954 160 2.3 700 0.25 6500 1.0 121.6 9.0 1n5955 180 2.1 900 0.25 7000 1.0 136.8 8.0 1n5956 200 1.9 1200 0.25 8000 1.0 152 7.0 1n5913 thru 1n5956 mcc note 1: n o suffix indicates a 2 0% tolerance on nominal v z , suffix a denotes a 10% tolerance, b denotes a 5% tolerance, c denot e s a 2%, and d suffix denot e s a 1% tolerance. 2: zener voltage (v z ) measured at t l = 30 o c . voltage measurement to be performed 20 seconds after application of dc curren t . 3 : the zener impedance is derived from the 60 hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current(i zt or i z k ) is superimposed on i zt or i z k . www . mccsemi .com revision: 3 200 3 / 0 9 / 03
|