Part Number Hot Search : 
KPC824L LBN07095 BR30100 AI421530 STPS1 NTE19 001GB 150200
Product Description
Full Text Search
 

To Download 1N5919CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5913b thru 1n5942b 1.5 watt zener diode 3.3 to 51 volts do-41g features ? wide voltage range available ? glass package ? high temp soldering: 260 c for 10 seconds at terminals maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? 1.5 watt dc power dissipation ? power derating: 12 mw/ c above 75 c ? forward voltage @ 200ma: 1.2 volts dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- figure 2 - derating curve power dissipation (mw) - versus - temperature c temperature c 0 50 100 150 w 1.0 2.0 typical capacitance (pf) ? versus ? zener voltage (v z ) figure 1 - typical capacitance 0 100 200 1 10 1 00 pf v z at zero volts at ?2 volts v r a b c d d cathode mark revision: 9 2008 /01/01  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components ? marking : cathode band and type number www. mccsemi .com 1 of 3
electrical characteristics @25 c mcc part number zener voltage v z test current i zt maximum dynamic impedance z zt @ i zt knee current i zk knee impedance z zk maximum reverse current i r reverse voltage v r maximum dc current i zm volts ma ohms ma ohms a volts ma 1n5918b 5.1 73.5 4.0 1.0 350 5.0 2.0 294 1n5919b 5.6 66.9 2.0 1.0 250 5.0 3.0 267 1n5920b 6.2 60.5 2.0 1.0 200 5.0 4.0 241 1n5921b 6.8 55.1 2.5 1.0 200 5.0 5.2 220 1n5922b 7.5 50 3.0 0.5 400 5.0 6.0 200 1n5923b 8.2 45.7 3.5 0.5 400 5.0 6.5 182 1n5924b 9.1 41.2 4.0 0.5 500 5.0 7.0 164 1n5925b 10 37.5 4.5 0.25 500 5.0 8.0 150 1n5926b 11 34.1 5.5 0.25 550 1.0 8.4 125 1n5927b 12 31.2 6.5 0.25 550 1.0 9.1 125 1n5928b 13 28.8 7.0 0.25 550 1.0 9.9 115 1n5929b 15 25 9.0 0.25 600 1.0 11.4 100 1n5930b 16 23.4 10 0.25 600 1.0 12.2 93 1n5931b 18 20.8 12 0.25 650 1.0 13.7 83 1n5932b 20 18.7 14 0.25 650 1.0 15.2 75 1n5933b 22 17 17.5 0.25 650 1.0 16.7 68 1n5934b 24 15.6 19 0.25 700 1.0 18.2 62 1n5935b 27 13.9 23 0.25 700 1.0 20.6 55 1n5936b 30 12.5 28 0.25 750 1.0 22.8 50 1n5937b 33 11.4 33 0.25 800 1.0 25.1 45 1n5938b 36 10.4 38 0.25 850 1.0 27.4 41 1n5939b 39 9.6 45 0.25 900 1.0 29.7 38 1n5940b 43 8.7 53 0.25 950 1.0 32.7 34 1n5941b 47 8.0 67 0.25 1000 1.0 35.8 31 1n5913b thru 1n5942b mcc www. mccsemi .com 2 of 3 revision: 9 2008/01/01 tm micro commercial components 1n5913b 3.3 113.6 10 1.0 500 100 1.0 454 1n5942b 51 7.3 70 0.25 1100 1.0 38.8 29 1n5914b 3.6 104.2 9.0 1.0 500 75 1.0 416 1n5915b 3.9 96.1 7.5 1.0 500 25 1.0 384 1n5916b 4.3 87.2 6.0 1.0 500 5.0 1.0 348 1n5917b 4.7 79.8 5.0 1.0 500 5.0 1.5 319 note 1: no suffix indicates a 20% tolerance on nominal v z , suffix a denotes a 10% tolerance, b denotes a 5% tolerance, c denotes a 2%, and d suffix denotes a 1% tolerance. 2: zener voltage(v z ) measured at t l = 30 o c. voltage measurement to be performed 20 seconds after application of dc current. 3: the zener impedance is derived from the 60 hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current(i zt or i zk ) is superimposed on i zt or i zk .
mcc revision: 9 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel; 5kpcs/reel (part number)-ap ammo packing;2.5kpcs/ammobox (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of 1N5919CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X