Part Number Hot Search : 
M37721 F9234 UPD75 000X1 13600 3KP13A SCBA05F VMTB60
Product Description
Full Text Search
 

To Download WS2803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 1 / 8 ws-preliminary-v0.1 http://w ww.world-semi.com features applications supports both constant voltage and constant current drive mode led decorative lighting constant output current range indoor/outdoor led video or massage display -5-30ma@5v supply voltage -5-20ma@3.3v supply voltage 18 constant current driving channels 30v high voltage output channels 8bit pwm gray level control precision output driving current between channels in a chip: 2 % between chips: 4% maximum clock frequency up to 25mhz. free run ability over temperature protection general description the WS2803 is a constant current led driver. it is desig ned for indoor/ outdoor led displays and decorative led lighting system. it is suitable for led cascading applications. the WS2803 ownes 18 output channels, each channel can drive a constant current up to 30ma. ws2081 contains seri al shift registers, data latc hes, output registers, band gap reference voltage generator, internal oscillator, and programmabl e constant output current driv ers. the serial data is read into the shift registers at the rise edge of the external cl ock. the data and clock output buffers are designed for cascading another chip. the output current can be set by connect a resistor at iref pin to set the output current of each channel. the over temperature protection is built in to protect the chip from thermal damage, if the core temperature level rise over 120 , the output current will be decreased to stable the core temper ature within a safe level. the 2-wire control scheme can reduce the system cost; it is very suitable fo r low cost led decorativ e led lighting systems. WS2803 is available in both sop-28 and dip-28 pac kage, the operating temperature is -40~85 absolute maximum ratings parameter symbol ratings unit power supply voltage vcc -0.3 to 6v v input voltage v in -0.3 to vcc+0.3v v output voltage v out -0.4 to 45v v v xout -0.3 to 30v i out off v output pin voltage v xout -0.3 to 10v v output current constant current drive mode i outcc 5 to 30 ma output current deviation between output channels between chips d ioi d ioe 2 4 % input clock frequency f clk 25 mhz maximum power dissipation p d 2600 mw operating junction temperat ure topr -40 to + 150 storage temperature range tstg -55 to + 150 lead temperature (soldering, 10 seconds) tsolder 300 esd susceptibility 2000 v note: if the voltage on the pins exceeds the maximum ratings may cause permanent damage to the device.
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 2 / 8 ws-preliminary-v0.1 http://w ww.world-semi.com electrical characteristics (vcc=5v, ta= 25 , unless otherwise specified.) parameter symbol conditions min typ max units power supply voltage range v cc 3.3 -- 5.5 v output voltage vout iout=1ua -0.3 -- 40 v i outh constant current output 5 -- 30 ma i outl output cut off, vout=30v -- 0.1 1 ua i source other output -- 1 -- ma output current i sink other output -- -1 -- ma standby supply current i stb b iref floating -- 1 1.5 ma minimum constant current output time i oh v in v ih or v il , i out =20ma -- 14 -- us pin cki sdi v in vdd or gnd -- -- 1 ua input current i in pin lin v in vdd or gnd -- 10 20 ua v ih 0.8*vdd -- vdd v input voltage level v il ta -40 125 gnd -- 0.2*vdd v output current vs. output voltage regulation %dv out iref=700 ?, @20ma -- 0.1 -- %/v output current line regulation %dv cc v cc 4 5.5v,v out between 1.0v and 3.0v -- 0.1 -- %/v pull low resistance r inlow r lin , -- 30 -- k ? switching characteristics (vcc=5v, ta=25 ) parameter symbol conditions min typ max units propagation delay (?l? to ?h?) cki-to-cko t plh -- 12 -- ns propagation delay (?l? to ?h?) cki-to-cko t phl -- 13.2 -- ns output current rise time t or -- 50 -- ns maximum turn on and off time of drive current t of -- 50 -- ns output current propagation t op v ih =vcc v il =gnd r xfbs =30 rl=180 ? cl=30pf -- -- 3.3 ms switching characteristics (vcc=3.3v, ta=25 ) parameter symbol conditions min typ max units propagation delay (?l? to ?h?) cki-to-cko t plh -- 24 -- ns propagation delay (?l? to ?h?) cki-to-cko t phl -- 28 -- ns output current rise time t or -- 50 -- output current fall time t of -- 50 -- ns output current propagation t op v ih =vcc v il =gnd r xfbs =30 ? rl=180 ? cl=30pf -- -- 3.3 ms
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 3 / 8 typical block diagram fig1, block diagram of WS2803 pin configurations fig2.a sop-28package fig2.b dip-28 package ws-preliminary-v0.1 http://w ww.world-semi.com
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 4 / 8 pin description sop-28 pin no. pin name pin description 1 gnd ground 2 iref a resistor connected to this pin can set the output constant current. 3 nc none connection 4 cki data clock input 5 sdi serial gray scale data input 6~23 out0~17 constant current output terminals 24 sdo buffered serial data output 25 cko buffered clock output 26 nc none connection 27 nc none connection 28 vcc vcc input dip-28 pin port pin name pin description 1 gnd ground 2 iref a resistor connected to this pin can set the output constant current. 3 nc none connection 4 cki data clock input 5 sdi serial gray scale data input 6~23 out0~17 constant current output terminals 24 nc none connection 25 nc none connection 26 sdo buffered serial data output 27 cko buffered clock output 28 vcc vcc input application note: output constant current in led display and decorative applications , WS2803 provides nearly no variations in current from channel to channel and from ic to ic. this can be achieved by: 1) the maximum current variation between channels is less than 2%, and between chips is less than 4%. 2) in addition, the current characteristic of the output stages is fl at and users can refer to the figures as shown below. the output current can be kept c onstant regardless of the variat ions of led forward voltages (vf). this performs as a perfection of load regulation. adjusting the output current the output current of each channel can be set by an extern al resistor, rext, the output current can be set by the following formula: 22 = ext rext out r v i where, rext is the resistance of the external resistor conn ected to rext terminal, and vrext is the voltage of rext pin ws-preliminary-v0.1 http://w ww.world-semi.com
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 5 / 8 vrext=1.25v. to set the output current at 20ma, a resistor with 1.25kohm resist ance should be connected from rext to gnd. the relationship between iout and rext is shown in the following figure. package power dissipation (pd) the maximum allowable package power dissipation is determined as pd(max)=(tj-ta)/rth(j-a), when all 18 output channels are turned on simultaneously, the actual package power dissipation is: )(+)(=)( 18 ds out dd dd d vdutyiviactp therefore, to keep pd(act) pd(max), the maximum output current as a function of duty cycle is: 18 ///) (= )( dutyvvi r tt i ds cc cc ajth aj out the maximum power dissipation pd(max)=(tj-ta)/rth(j-a), decreases as the ambient temperature increases. load supply voltage (vled) WS2803 is designed to operate vds ranging from 0.4 to 1.0v , considering the package power dissipating limits. vds maybe high enough to ensure pd(act)>pd(max), when vled =24v and vds=vled-vf, in which vled is the load supply voltage. in case it is recommended to use the lowest possible supply voltage or to set an external voltage reducer, vdrop, to dissipate the excessive power. a voltage reducer lets v ds =(v led -v f )-v drop . resistors or zener diode can be used in the app lications as shown in the following figures. fig 3 power reducer of WS2803 2-wire control mode when ms pin is connected to vcc, WS2803 operates in 2-wire control mode, at this mode, only 2 wires are needed to transmit the grayscale data. it is a low cost solution. only 2 ports of mcu are needed to control over thousand WS2803 chips.at this mode, cki pin keeps low more than 600us, the internal logic control circuitry will be reset. once reset, the internal circuitry wait for the positive puls e on the cki pin, at this state, the si gnal on sdi pin is shifted in to the intern al data registers, once total 144 pulses are det ected, WS2803 will latch the signal from the shift registers, and the WS2803 operates as a signal relay, at this state, the cko and sdo are enabled. if the cki keeps low for more than 600us, all the internal data control circuit will back to the original states, wait for next data transmi ws-preliminary-v0.1 http://w ww.world-semi.com
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 6 / 8 fig 4, WS2803 timing chart with 2-wire control in cascading application ws-preliminary-v0.1 http://w ww.world-semi.com
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 7 / 8 the connection and driving of cascading operation the transmit the data over long distance by cascading, th e WS2803 integrates push-pull output stage with strong driving capability which enables the data and clock can be transmitted up to 6 meters at 2mhz clock frequency. to prevent the reflection, it is necessary to connect a 50 ? resistor at the data input or output port for impedance match. package information sop-28 package (unit:mm) fig 6.a sop-28 ws-preliminary-v0.1 http://w ww.world-semi.com
preliminary WS2803 18-channel constant current led driver with programmable pwm outputs 8 / 8 dip-28 package (unit:mm) fig 6.b dip-28 world semiconductor,inc may.2008 ws-preliminary-v0.1 http://w ww.world-semi.com


▲Up To Search▲   

 
Price & Availability of WS2803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X