Part Number Hot Search : 
CD407 PJF7N65 CZMK4V7 RM214C EMK12 FM340 3843B MOC3082
Product Description
Full Text Search
 

To Download WDS-1500-P60-CR-TTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wire draw wire sensors / cet / string pots sensor more precision.
wire analog series p60 / p96 sensor best seller - most economic model very robust sensor housing easy and flexible mounting 14 universal analog sensors for industrial applications the analog series p60 and p96 are for gene- ral purpose use. numerous options enable a suitable sensor to be selected for almost any application. mounting grooves on four sides of the housing facilitate quick and fle- xible mounting. various types of signal out- puts and an optimized size make this series suitable for a wide range of applications, al- so in harsh environments. the series has an attractive price/perfor- mance ratio based on state of the art tech- nology. model p96-p (p96-u/i) model p60-p (p60-u/i) dimensions in mm, not to scale. please ask for detailed reference drawings. p: 76.5 ?37 38.6 10.7 10 129 40 a 60 38.6 10.7 mounting grooves for m4 ?58 u/i: 95 2x set screw m4 70 a 184 4x m6 70 36 50 96 70 ?58 10 124 123 118 measuring range a 100/300/500/1000 16.15 150/750/1500 24.2 measuring range a 2000 32 2500 41.4
15 article description measuring range in mm model p60 p96 connection sr: radial plug (incl. female connector) ca: integral cable, axial, 1m cr: integral cablel, radial, 1m output option p: potentiometer (p60 only with connection cr) p: potentiometer (p96 only with connection ca) u: voltage (only with connection sr) i: current (only with connection sr) wds- 2500 - p96 - ca - p wds- 100- p60 wds- 150- p60 wds- 300- p60 wds- 500- p60 wds- 750- p60 wds- 1000- p60 wds- 1500- p60 wds- 2000- p96 wds- 2500- p96 mm 100 150 300 500 750 1000 1500 2000 2500 0.1 % fso mm - - - 0.5 0.75 1 1.5 2.0 2.5 0.25%fsomm--0.75------ 0.5%fsomm0.50.75------- mm0.10.150.2 housing draw wire n6.54.566453.57.55.5 n 7.5 5.5 7.5 7.5 5.5 7.5 5.5 11 9 protection class vibration iec 68-2-6 iec 68-2-27 output p output u/i p/u/i fso = full scale output electrical connection specifications for analog outputs on page 27. wire extension force (max) din en 60529 ip 65 (only if connected) 20 g, 20 hz - 2khz 50 g, 10 ms appr. 370 g hybrid-potentiometer wire retraction force (min) 8g quasi infinite wire clip sensor element wire-wound mounting grooves in the housing / slot nuts -20 ... +80 c aluminum coated polyamid stainless steel (? 0.45 mm) ? 0.8 mm connector, radial, 8-pin, din45326 appr. 1.1 kg wire mounting integral cable, radial, 1 m long int. cable, axial, 1 m mechanical shock appr. 10 - 15 g (dependent upon measuring range) weight output measuring range sensor mounting linearity temperature range material resolution wire acceleration
universal digital sensors for industrial applications the digital series p60 and p96 are for gene- ral purpose use. numerous options enable a suitable sensor to be selected for almost any application. mounting grooves on four sides of the housing facilitate quick and fle- xible mounting. the series has an attractive price/performance ratio based on state of the art technology. various types of signal outputs and an optimized size make this se- ries suitable for a wide range of applica- tions, also in harsh environments. wire digital series p60 / p96 sensor best seller - most economic model very robust sensor housing easy and flexible mounting 16 dimensions in mm, not to scale. please ask for detailed reference drawings. 40 10 75 ?58 38.6 10.7 129 a 60 38.6 10.7 mounting grooves for m4 2x slot nut 2x set screw m4 4x m6 10 ?58 56 13 ?13 70 123 36 70 96 184 124 a 13 ?58 83 115 model p96-ssi model p96-htl/ttl model p60-htl/ttl model p96-co/pb ?58 measuring range a 1000 16.15 1500 24.2 measuring range a 2000 26 3000 41.4
17 article description measuring range in mm model p60 p96 connection sr (only ssi): radial plug (incl. female connector) cr (only htl, ttl): integral cable, radial, 1m bh (only co, pb) output option ttl htl ssi (only p96) co: canopen (only p96) pb: profibus dp (only p96) wds- 3000 - p96 - cr - ttl wds-1000-p60 wds-1500-p60 wds-3000-p96 htl, ttl, ssi, pb, co 1000 mm 1500 mm 3000 mm linearity 0.02 % fso 0.2 mm 0.3 mm 0.6 mm resolution htl, ttl 0.067 mm (15 pulses/mm) 0.1 mm (10 pulses/mm) 0.087 mm (11.53 pulses/mm) resolution ssi, pb, co - - 0.032 mm incremental-/absolute-encoder housing draw wire ? 0.8 mm 10g 15g 7g 5n 3.5n 5.5n 7.5n 5.5n 9n protection class vibration iec 68-2-6 iec 68-2-27 output htl, ttl output ssi output pb, co appr. 1.7 kg fso = full scale output specifications for digital outputs on page 28 and continuing. wire mounting mechanical shock 50 g, 10 ms weight integral cable, radial, 1 m long connector, radial, 12-pin bus cover electrical connection 20 g, 20 hz - 2 khz wire clip wire acceleration appr. 1 kg wire retraction force (min) wire extension force (max) dinen60529 ip65 (onlyifconnected) sensormontage temperature range mounting grooves in the housing / slot nuts sensor element incremental encoder aluminum -20 ... +80 c material coated polyamid stainless steel (? 0.45 mm) htl, ttl output measuring range
modifications reserved / y9761111-d010057jkr more precision. sensors and systems sensors and measurement devices measurement systems for displacement, position and dimension for non-contact temperature measurement for online/offline quality control www.micro-epsilon.com 8120 micro-epsilon usa brownleigh dr. raleigh, nc 27617 / usa phone +1/919/787-9707 fax +1/919/787-9706 info@micro-epsilon.us micro-epsilon headquarters koenigbacher str. 15 94496 ortenburg / germany tel. +49 (0) 8542 / 168-0 fax +49 (0) 8542 / 168-90 info@micro-epsilon.com micro-epsilon uk ltd. dorset house, west derby road liverpool, l6 4br info@micro-epsilon.co.uk phone +44 (0) 151 260 9800 fax +44 (0) 151 261 2480


▲Up To Search▲   

 
Price & Availability of WDS-1500-P60-CR-TTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X