dc/dc converte r urf_lp-10wr3 series 201 4 .07.1 4 -a/0 page 1 of 5 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation 10w,ultra wide input isolated & regulated dc-dc converter patent protection rohs features z wide range of input voltage (4:1) z efficiency up t o87 % z no-load power consumption as low as 0.2w z isolation voltage :3k vdc z operating temperature range: -40 to +85 z input under-voltage protection, output over-voltage protection, short circuit protection, output over-current protection z meet cispr22/en55022 class a z international standard pin-out z a2s (wring mounting) and a4s ( t s35 rail mounting) products featuring anti-reverse connection for input urf_lp-10wr3 series products are of 10w output power, extremely wid e range of voltage input of 9-36vdc, 18-75vdc, isolation voltage o f 3000vdc, input under-voltage protection, output over-voltage protection output short circuit protection and output over-curren t protection with the bare component in compliance with cispr22/en55022 class a; these products are widely used in fields such as industrial control, electric power, instruments and communication. selection guide part no. input voltage (vdc) output efficiency (%,typ.) @ full load max. capacitive load( f) nominal (range) max. output voltage (vdc) output current (ma) (max./min.) urf2403lp-10wr3 24 (9-36) 40 3.3 2400/120 77/79 5400 urf2405lp-10wr3 5 2000/100 80/82 5400 urf2409lp-10wr3 9 1111/56 83/85 680 urf2412lp-10wr3 12 833/42 84/86 470 URF2415LP-10WR3 15 667/33 85/87 330 urf2424lp-10wr3 24 416/21 85/87 100 urf4803lp-10wr3 48 (18-75) 80 3.3 2400/120 77/79 5400 urf4805lp-10wr3 5 2000/100 80/82 5400 urf4812lp-10wr3 12 833/42 84/86 470 urf4815lp-10wr3 15 667/33 85/87 330 urf4824lp-10wr3 24 416/21 85/87 100 notes part no. with suffix of ?a2s? means chassis mounting and suffix of ?a4s? means din-rail mounting (e.g. urf2405lp-10wr3a2s means chassis mounting; urf2405lp-10wr3a4s means din-rail mounting); absolute maximum rating without damage on the converter, but it isn't recommended; efficiency is measured in nominal input voltage and rated output load;a2s (wiring) and a4s (rail) model due to input reverse polarity protection, min imum efficiency greater than min.-2 is qualified. input specifications it em op era ti n g c on diti ons mi n. typ . m ax. u n it in p ut current (full load / no-load) 24vdc input -- 508/5 -- m a 4 8vdc in p ut -- 254/4 -- reflected ri pp le current 24vdc in p ut -- 4 0-- 4 8vdc input -- 30 -- input impulse v olta g e(1sec.max.) 24vdc in p ut -0.7 -- 50 v dc 4 8vdc in p ut -0.7 -- 100 startin g v olta g e 24vdc input -- -- 9 4 8vdc in p ut -- -- 18 in p ut under-volta g e protection 24vdc in p ut 5.5 6.5 -- 48vdc input 14.0 15.5 --
dc/dc converte r urf_lp-10wr3 series 201 4 .07.1 4 -a/0 page 2 of 5 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation startin g time nominal input& constant resistance load -- 10 -- ms in p ut filter pi filter ctrl* module switch on ctrl sus p ended or connected t ott l hi g h level (3.5-12vdc) module switch of f ctrl p in connected t o gnd or low level (0-1.2vdc) in p ut current w hen switched of f -- 5 8 m a note: * t he voltage o f ctrl pin is relative t oinputpingnd. output specifications item operating conditions min. typ. max. unit output voltage accuracy -- 1 3 % line regulation full load, the input voltage is from low voltage to high voltage -- 0.2 0.5 load regulation 5%-100% load -- 0.5 1 transient recovery time 25%loadstepchange -- 300 500 s transient response deviation -- 3 5 % temperature drift coefficient full load -- -- 0.03 %/ c ripple&noise* 20mhz bandwidth -- 50 120 mv p-p output over-voltage protection input voltage range 110 130 160 %vo output over-current protection 110 140 190 %io output short circuit protection continuous, self-recovery note: * ripple and noise tested with ?parallel cable? method, please see dc-dc converter application notes for specific operation methods. general specifications item operating conditions min. typ. max. unit insulation voltage input-output, with the test time of 1 minute and the leak current lower than 1ma 3000 -- -- vdc insulation resistance input-output, insulation voltage 500vdc 1000 -- -- m ? isolation capacitance input-output, 100khz/0.1v -- 500 -- pf operating temperature derating if the temperature is 71 c(seefig.1) -40 -- 85 c storage temperature -55 -- 125 c storage humidity non-condensing 5 -- 95 %rh max. operating temperature for casing within the operating temperature curve -- -- 105 c lead temperature welding spot is 1.5mm away from the casing, 10 seconds -- -- 300 vibration 10-55hz, 10g, 30 min. along x, y and z switching frequency pwm mode -- 350 -- khz mtbf mil-hdbk-217f@25 c1000----khours physical specifications casing material plastic (ul94-v0) package dimensions horizontal package 51.50*26.50*12.00 mm a2s wiring package 76.00*31.50*21.20 mm a4s rail package 76.00*31.50*25.80 mm weight horizontal package/a2s wiring package/a4s rail package 24.00g/46.00g/66.00g (typ.) cooling method free air convection emc specifications emi conducted disturbance cispr22/en55022 class a (bare component)/ class b (see fig.3- for recommended circuit) radiated emission cispr22/en55022 class a (bare component)/ class b (see fig.3- for recommended circuit) ems electrostatic discharge iec/en61000-4-2 contact 4kv perf. criteria b radiation immunity iec/en61000-4-3 10v/m perf. criteria a
dc/dc converte r urf_lp-10wr3 series 201 4 .07.1 4 -a/0 page 3 of 5 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation ems eft iec/en61000-4-4 2kv (see fig.3- for recommended circuit) perf. criteria b surge immunity iec/en61000-4-5 2kv (see fig.3- for recommended circuit) perf. criteria b conducted disturbance immunity iec/en61000-4-6 3 vr.m.s perf. criteria a immunities of voltage dip, drop and short interruption iec/en61000-4-29 0-70% perf. criteria b product characteristic curve operating temperature( ) te mp e r a tur e d er a ti ng c u r v e output po we r pe rc e ntage( %) safe operating area -40 0407185 120 80 60 100 120 40 20 0 fig. 1 urf2405lp- 10wr3 60 65 70 75 80 85 90 95 100 9 141924293436 efficiency(%) input voltage (v) efficiency vs input (full load) urf2405lp- 10wr3 50 55 60 65 70 75 80 85 90 95 100 5 102030405060708090100 efficiency(%) output current percentage (%) efficiency vs output load(vin=vin-nominal) urf4815lp- 10wr3 60 65 70 75 80 85 90 95 100 18 24 30 36 42 48 54 60 66 75 efficiency(%) input voltage (v) efficiency vs input voltage (full load) urf4815lp- 10wr3 50 55 60 65 70 75 80 85 90 95 100 5 102030405060708090100 efficiency(%) output current percentage (%) efficiency vs output load(vin=vin-nominal) design reference 1. typical application all the dc/dc converters of this series are tested according to the recommended circuit (see fig. 2) before delivery. if it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors cin and cout or select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product. vin gnd +vo 0v dc cin dc cout fig. 2 cin cout 10 f~47 f10 f
dc/dc converte r urf_lp-10wr3 series 201 4 .07.1 4 -a/0 page 4 of 5 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation 2. emc solution-recommended circuit ldm1 c0 mov fuse c1 v in gnd + vin gnd +vo 0v dc/dc cy 1 cy 2 c2 load fig. 3 notes: part in the fig. 3 is used for ems test and part for emi filtering; selected based on needs. parameter description model vin:24v vin:48v fuse choose according to actual input current mov s14k35 s14k60 c0 330 f/50v 330 f/100v c1 1 f/50v 1 f/100v c2 refer to the cout in fig.2 ldm1 4.7 h cy1 1nf/3kv cy2 1nf/3kv emc solution-recommended circuit pcb layout fig. 4 note: the min. distance of the bonding pads between input & output isolation capacitors (cy1/cy2) shall be 2mm. 3. the product does not support output in parallel with power per liter or hot-plug use 4. for more information please find the app lication notes on www.mornsun-power.com dimensions and recommended layout
dc/dc converte r urf_lp-10wr3 series 201 4 .07.1 4 -a/0 page 5 of 5 mornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation urf_lp-10wr 3a2s dimensions urf_lp-10wr 3a4s dimensions note: 1. packing information please refer to 'product packing informatio n'. packing bag number : 58210039(dip),58220022(a2s/a4s package); 2. recommended used in more t han 5% load, i f t he load is lower t han 5%, t hen t he ripple inde x of t he product may exceed t he specification, but does not affect the reliability of the product. 3. the max. capacitive load should be tested within the input voltage range and under full load conditions; 4 . unless otherwise specified, data in t his datasheet should be t ested under t he conditions of ta=25 , humidity<75% w hen inputting nominal voltage and outputting rated load; 5. a ll inde x t esting methods in t his datasheet are based on our company?s corporate standards; 6. the performance indexes of the product models listed in this datasheet are as above, but some indexes of non-standard model products will exceed the above-mentioned requirements, and please directly contact our technicians for specific information; 7. w e can provide product customization service; 8. specifications of t his product are subject t o changes w ithout prior notice. mornsun guangzhou science & technology co., ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou, p. r. china tel: 86-20-38601850-8801 fax: 86-20-38601272 e-mail: info@mornsun.cn
|