Part Number Hot Search : 
TC74LC LM2931 FT37AR1 C900603 TL431 2SD1210 1N4001 21A08
Product Description
Full Text Search
 

To Download TD62706F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  td62705,706p/f 2001-07-05 1 toshiba bipolar digital integrated circuit silicon monolithic td62705p,td62705f,td62706p,TD62706F 6ch high ? voltage source driver the td62705p, td62705f and td62706p, TD62706F are comprised of six source current transistor array. these drivers are specifically designed for fluorescent display applications. for proper operation, the substrate (sub) must be connected to the most negative voltage. features  high output voltage : v cc ? v out = 60 v (min)  output current (single output) : i out = ? 50 ma (max)  input compatible with various types of logic td62705p, td62705f r in = 47 k ? : 6~25 v pmos, cmos td62706p, TD62706F r in = 1 0 k ? : ttl, 5 v cmos  package type ? p : dip ?1 6 pin  package type ? f : sop ?1 6 pin pin connection (top view) schematics (each driver) note: the input and output parasitic diodes cannot be used as clamp diodes. weight dip16 ? p ? 300 ? 2.54a : 1.11 g (typ.) sop16 ? p ? 225 ? 1.27 : 0.16 g (typ.)
td62705,706p/f 2001-07-05 2 maximum ratings (ta = 25c) characteristic symbol rating unit v cc ? v ee 30 supply voltage v cc ? v sub 60 v output voltage v cc ? v out ? 60 v input voltage v in ? v ee v cc ? v ee v output current i out ? 50 ma / ch input current i in 10 ma p 1.0 power dissipation f p d (note 2) 0.625 (note 1) w operating temperature t opr ? 40~85 c storage temperature t stg ? 55~150 c note 1: on glass epoxy pcb (30 30 1.6 mm cu 50%) note 2: delated above 25c in the proportion 8.0 mw / c (p type), 5.0 mw / c (f type). recommended operating conditions (ta = ? 40~85c) characteristic symbol condition min typ. max unit td62705p td62705f 6.0 D 25 td62706p TD62706F v cc v ee = 0 v 4.5 D 25 v supply voltage v sub v cc = 0 v v out D ? 55 output voltage v out v cc = 0 v 0 D ? 55 v output current i out D 0 D ? 40 ma / ch td62705p td62705f 0 D 25 input voltage td62706p TD62706F v in v ee = 0 v, v cc = 25 v 0 D 7 v p D D D 0.36 power dissipation f p d on pcb (note) D D 0.325 w note: on glass epoxy pcb (50 50 1.6 mm, cu 50%)
td62705,706p/f 2001-07-05 3 electrical characteristics ( ta = 25c) characteristic symbol test cir ? cuit test condition min typ. max unit td62705p td62705f v ee = 0 v 6.0 D D "h" level td62706p TD62706F v ih 1 v ee = 0 v 2.2 D D td62705p td62705f v ee = 0 v D D 2.2 input voltage "l" level td62706p TD62706F v il 1 v ee = 0 v D D 0.8 v td62705p td62705f v ee = 0 v, v in = 6.0 v D 0.11 0.16 "h" level td62706p TD62706F i ih 2 v ee = 0 v, v in = 2.4 v D 0.12 0.18 ma input current "l" level i il 2 v ee = v in = 0 v, v cc = 25 v D D 1 a output leakage current i cex 3 v ee = 0 v, v cc = 25 v v in = v il max . i out = ? 30 v D D ? 100 a collector ? emitter saturation voltage v ce (sat) 4 v ee = 0 v, v cc = v cc min . v in = v ih min . i out = ? 40 ma D D v cc ? 2.5 v td62705p td62705f D D 32 supply current (output on) td62706p TD62706F i cc 1 v ee = 0 v, v cc = 25 v v in = v in max. i out = 0 ma D D 25 ma turn ? on delay t on D 0.2 D s turn ? off delay t off 5 r l = 1.4 k ? , c l = 15 pf D 1.5 D s
td62705,706p/f 2001-07-05 4 test circuit 1 . v ih , v il , i cc 2. i ih , i il 3. i cex 4. v ce (sat) 5. t on , t off c l = 15 pf (includes probe and jig capacitance) precautions for using this ic does not integrate protection circuits such as overcurrent and overvoltage protectors. thus, if excess current or voltage is applied to the ic, the ic may be damaged. please design the ic so that excess current or voltage will not be applied to the ic. utmost care is necessary in the design of the output line, v cc and gnd (sub, v ee ) line since ic may be destroyed due to short ? circuit between outputs, air contamination fault, or fault by improper grounding. input condition type name v in v cc v sub td62705p, td62705f 0 ? 9v 25v ? 30 td62706p, TD62706F 0 ? 3v 25v ? 30 v in : pulse width 50 s duty cycle 50% t r 5 ns t f 10 ns
td62705,706p/f 2001-07-05 5
td62705,706p/f 2001-07-05 6 package dimensions dip16 ? p ? 300 ? 2.54a unit: mm weight: 1.11 g (typ.)
td62705,706p/f 2001-07-05 7 package dimensions sop16 ? p ? 225 ? 1.27 unit: mm weight: 0.16 g (typ.)
td62705,706p/f 2001-07-05 8  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TD62706F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X